Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V23826-C18-C363 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # V23826-C18-C363
Description  Single Mode 155 MBd ATM/SDH/SONET 1x9 Transceiver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

V23826-C18-C363 Datasheet(HTML) 2 Page - Infineon Technologies AG

  V23826-C18-C363 Datasheet HTML 1Page - Infineon Technologies AG V23826-C18-C363 Datasheet HTML 2Page - Infineon Technologies AG V23826-C18-C363 Datasheet HTML 3Page - Infineon Technologies AG V23826-C18-C363 Datasheet HTML 4Page - Infineon Technologies AG V23826-C18-C363 Datasheet HTML 5Page - Infineon Technologies AG V23826-C18-C363 Datasheet HTML 6Page - Infineon Technologies AG V23826-C18-C363 Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Fiber Optics
V23826-C18-C63/C363, Single Mode 155 MBd ATM/SDH/SONET 1x9 Trx (DC/DC)
2
DESCRIPTION
The Infineon single mode ATM transceiver complies with the
ATM Forum’s Network Compatible ATM for Local Network
Applications document and ANSI’s Broadband ISDN—Cus-
tomer Installation Interfaces, Physical Media Dependent Speci-
fication, T1.646-1995, Bellcore - SONET OC-3 / IR-1 and
ITU-T G. 957 STM-1 / S.1.1.
ATM was developed to facilitate solutions in multimedia appli-
cations and real time transmission. The data rate is scalable,
and the ATM protocol is the basis of the broadband public net-
works being standardized in the International Telecommunica-
tions Union (ITU), the former International Telegraph and
Telephone Consultative Committee (CCITT). ATM can also be
used in local private applications.
The Infineon single mode ATM transceiver is a single unit com-
prised of a transmitter, a receiver, and an SC receptacle. This
design frees the customer from many alignment and PC board
layout concerns. The module is designed for low cost WAN
applications. It can be used as the network end device interface
in workstations, servers, and storage devices, and in a broad
range of network devices such as bridges, routers, and intelli-
gent hubs, as well as wide area ATM switches.
This transceiver operates at 155.520 Mbit/s from a single power
supply (+5 Volt or 3.3 Volt). The differential data inputs and out-
puts are PECL compatible.
Functional Description
This transceiver is designed to transmit serial data via single
mode cable.
Functional Diagram
The receiver component converts the optical serial data into
PECL compatible electrical data (RD and RDnot). The Signal
Detect (SD, active high) shows whether optical data
is present(1).
The transmitter converts electrical PECL compatible serial data
(TD and TDnot) into optical serial data.
This version contains an Input Signal Monitor (ISM), that
switches the optical power off if a continuously low level is
applied at Data Input.
The transmitter contains a laser driver circuit that drives the
modulation and bias current of the laser diode. The currents are
controlled by a power control circuit to guarantee constant out-
put power of the laser over temperature and aging.
The power control uses the output of the monitor PIN diode
(mechanically built into the laser coupling unit) as a controlling
signal, to prevent the laser power from exceeding the operating
limits.
Single fault condition is ensured by means of an integrated
automatic shutdown circuit that disables the laser when it
detects transmitter failures. A reset is only possible by turning
the power off, and then on again.
The transceiver contains a supervisory circuit to control the
power supply. This circuit generates an internal reset signal
whenever the supply voltage drops below the reset threshold.
It keeps the reset signal active for at least 15 milliseconds after
the voltage has risen above the reset threshold. During this
time the laser is inactive.
Note
1. We recommend to switch off the transmitter supply (VCC-Tx) if no
transmitter input data is applied.
Laser
Driver
Power
Control
Receiver
o/e
o/e
Laser
e/o
RX Coupling Unit
TD
TD
RD
RD
SD
Laser Coupling Unit
Single Mode Fiber
LEN
Monitor
Signal Monitor and
Automatic Shut-Down
ISM


Similar Part No. - V23826-C18-C363

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
V23826-C18-C364 INFINEON-V23826-C18-C364 Datasheet
413Kb / 15P
   DC/DC (5 V/3.3 V) Single Mode 155 MBd ATM/SDH/SONET 1x9 Long Haul Transceiver
2000-03-01
V23826-C18-C366 INFINEON-V23826-C18-C366 Datasheet
454Kb / 15P
   DC/DC (3.3 V) Single Mode 155 MBd ATM/SDH/SONET 1x9 Transceiver Extended Temperature Range
2000-04-01
More results

Similar Description - V23826-C18-C363

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
V23826-H18-C INFINEON-V23826-H18-C Datasheet
291Kb / 9P
   Single Mode 622 MBd ATM/SDH/SONET 1x9 Transceiver Extended Temperature Range
APRIL 2000
V23826-C18-C366 INFINEON-V23826-C18-C366 Datasheet
454Kb / 15P
   DC/DC (3.3 V) Single Mode 155 MBd ATM/SDH/SONET 1x9 Transceiver Extended Temperature Range
2000-04-01
V23826-C18-C64 INFINEON-V23826-C18-C64 Datasheet
413Kb / 15P
   DC/DC (5 V/3.3 V) Single Mode 155 MBd ATM/SDH/SONET 1x9 Long Haul Transceiver
2000-03-01
V23826-C18-T63 INFINEON-V23826-C18-T63 Datasheet
273Kb / 12P
   DC/DC (5 V/3.3 V) Single Mode 155 MBd ATM/SDH/SONET 1x9 Transceiver with ST Connector
2000-01-01
V23826-H18-C366 INFINEON-V23826-H18-C366 Datasheet
407Kb / 14P
   DC/DC (3.3V) Single Mode 622 MBd ATM/SDH/SONET 1x9 Transceiver Extended Temperature Range
2000-06-01
V23826-H18-C63 INFINEON-V23826-H18-C63 Datasheet
422Kb / 14P
   DC/DC (5 V/3.3 V) Single Mode 622 MBd ATM/SDH/SONET 1x9 Transceiver
2001-08-01
logo
Intel Corporation
LXT6155 INTEL-LXT6155 Datasheet
314Kb / 50P
   155 Mbps SDH/SONET/ATM Transceiver
logo
Infineon Technologies A...
V23826-C18-T64 INFINEON-V23826-C18-T64 Datasheet
275Kb / 12P
   DC/DC (5 V/3.3 V) Single Mode 155 MBd ATM/SDH/SONET 1x9 Long Haul Transceiver with ST Connector
2000-03-01
logo
Applied Micro Circuits ...
S3029 AMCC-S3029 Datasheet
88Kb / 11P
   SONET/SDH/ATM 155 MBIT/S QUAD TRANSCEIVER
logo
Infineon Technologies A...
V23818-C18-LX INFINEON-V23818-C18-LX Datasheet
436Kb / 8P
   Small Form Factor Single Mode 1300 nm 155 MBd ATM/SDH/SONET Transceiver 2x5 Pinning with LC??Connector
JANUARY 2002
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com