Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7843ARQ Datasheet(PDF) 1 Page - Analog Devices

Part # AD7843ARQ
Description  Touch Screen Digitizer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7843ARQ Datasheet(HTML) 1 Page - Analog Devices

  AD7843ARQ Datasheet HTML 1Page - Analog Devices AD7843ARQ Datasheet HTML 2Page - Analog Devices AD7843ARQ Datasheet HTML 3Page - Analog Devices AD7843ARQ Datasheet HTML 4Page - Analog Devices AD7843ARQ Datasheet HTML 5Page - Analog Devices AD7843ARQ Datasheet HTML 6Page - Analog Devices AD7843ARQ Datasheet HTML 7Page - Analog Devices AD7843ARQ Datasheet HTML 8Page - Analog Devices AD7843ARQ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Touch Screen Digitizer
AD7843
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
4-wire touch screen interface
Specified throughput rate of 125 kSPS
Low power consumption:
1.37 mW max at 125 kSPS with VCC = 3.6 V
Single supply, VCC of 2.2 V to 5.25 V
Ratiometric conversion
High speed serial interface
Programmable 8-bit or 12-bit resolution
2 auxiliary analog inputs
Shutdown mode: 1 µA max
16-lead QSOP and TSSOP packages
APPLICATIONS
Personal digital assistants
Smart hand-held devices
Touch screen monitors
Point-of-sales terminals
Pagers
GENERAL DESCRIPTION
The AD7843 is a 12-bit successive approximation ADC with a
synchronous serial interface and low on resistance switches for
driving touch screens. The part operates from a single 2.2 V to
5.25 V power supply and features throughput rates greater than
125 kSPS.
The external reference applied to the AD7843 can be varied
from 1 V to +VCC, while the analog input range is from 0 V to
VREF. The device includes a shutdown mode that reduces the
current consumption to less than 1 µA.
The AD7843 features on-board switches. This, coupled with low
power and high speed operation, make this device ideal for
battery-powered systems such as personal digital assistants with
resistive touch screens, and other portable equipment. The part
is available in a 16-lead 0.15" quarter size outline package
(QSOP) and a 16-lead thin shrink small outline package
(TSSOP).
FUNCTIONAL BLOCK DIAGRAM
AD7843
+VCC
+VCC
PENIRQ
SPORT
DIN
CS
DOUT
DCLK
BUSY
PEN
INTERRUPT
CHARGE
REDISTRIBUTION
DAC
SAR + ADC
CONTROL LOGIC
4-TO-1
I/P
MUX
T/H
COMP
GND
X+
Y+
X–
Y–
IN3
IN4
VREF
Figure 1.
PRODUCT HIGHLIGHTS
1.
Ratiometric conversion mode available eliminating errors
due to on-board switch resistances.
2.
Maximum current consumption of 380 µA while operating
at 125 kSPS.
3.
Power-down options available.
4.
Analog input range from 0 V to VREF.
5.
Versatile serial I/O port.


Similar Part No. - AD7843ARQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7843ARQ AD-AD7843ARQ Datasheet
194Kb / 16P
   Touch Screen Digitizer
REV. 0
AD7843ARQ AD-AD7843ARQ Datasheet
440Kb / 21P
   Touch Screen Digitizer
REV. B
AD7843ARQ-REEL AD-AD7843ARQ-REEL Datasheet
194Kb / 16P
   Touch Screen Digitizer
REV. 0
AD7843ARQ-REEL AD-AD7843ARQ-REEL Datasheet
440Kb / 21P
   Touch Screen Digitizer
REV. B
AD7843ARQ-REEL7 AD-AD7843ARQ-REEL7 Datasheet
194Kb / 16P
   Touch Screen Digitizer
REV. 0
More results

Similar Description - AD7843ARQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7873 AD-AD7873_15 Datasheet
657Kb / 29P
   Touch Screen Digitizer
Rev. F
AD7873ACP-REEL7 AD-AD7873ACP-REEL7 Datasheet
600Kb / 29P
   Touch Screen Digitizer
REV. F
AD7873 AD-AD7873 Datasheet
657Kb / 28P
   Touch Screen Digitizer
Rev. D
AD7843 AD-AD7843 Datasheet
194Kb / 16P
   Touch Screen Digitizer
REV. 0
AD7873ARQZ AD-AD7873ARQZ Datasheet
600Kb / 29P
   Touch Screen Digitizer
Rev. F
AD7843 AD-AD7843_15 Datasheet
480Kb / 21P
   Touch Screen Digitizer
REV. B
AD7843ARUZ AD-AD7843ARUZ Datasheet
440Kb / 21P
   Touch Screen Digitizer
REV. B
AD7873 AD-AD7873_17 Datasheet
480Kb / 29P
   Touch Screen Digitizer
logo
Semtech Corporation
UR7HCTS2-U860 SEMTECH-UR7HCTS2-U860 Datasheet
107Kb / 12P
   High-Performance USB Touch Screen Controller / Digitizer
UR7HCTS2-S840 SEMTECH-UR7HCTS2-S840 Datasheet
157Kb / 16P
   High-Performance, Low Power Touch Screen Controller/Digitizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com