Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7877 Datasheet(PDF) 8 Page - Analog Devices

Part # AD7877
Description  Touch Screen Controller
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7877 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7877 Datasheet HTML 4Page - Analog Devices AD7877 Datasheet HTML 5Page - Analog Devices AD7877 Datasheet HTML 6Page - Analog Devices AD7877 Datasheet HTML 7Page - Analog Devices AD7877 Datasheet HTML 8Page - Analog Devices AD7877 Datasheet HTML 9Page - Analog Devices AD7877 Datasheet HTML 10Page - Analog Devices AD7877 Datasheet HTML 11Page - Analog Devices AD7877 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
Data Sheet
AD7877
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
NC
1
BAT2
2
BAT1
3
AUX3/GPIO3
4
AUX2/GPIO2
5
AUX1/GPIO1
6
VCC 7
NC
8
NC
24
DAV
23
ALERT
22
GPIO4
21
STOPACQ
20
DIN
19
CS
18
PENIRQ
17
32
31
30
29
28
27
26
25
9
10
11
12
13
14
15
16
NOTES
1. NC = NO CONNECT
2. THE EXPOSED PAD IS NOT CONNECTED INTERNALLY. FOR
INCREASED RELIABILITY OF THE SOLDER JOINTS AND
MAXIMUM THERMAL CAPABILITY, IT IS RECOMMENDED
THAT THE PAD BE SOLDERED TO GROUND PLANE.
AD7877
TOP VIEW
(Not to Scale)
Figure 4. LFCSP Pin Configuration
AD7877 WLCSP
TOP VIEW
Not to Scale
DCLK
ALERT
STOP
ACQ
CS
DGND
DOUT
GPIO4
DIN
PENIRQ
Y+
VDRIVE
DAV
AUX2/
GPI02
AGND
X+
ARNG
VREF
BAT1
VCC
Y–
AOUT
BAT2
AUX3/
GPI03
AUX1/
GPI01
X–
PIN 1
Figure 5. WLCSP Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 8, 9, 16,
24, 25, 32
NC
No Connect.
2
BAT2
Battery Monitor Input. ADC Input Channel 7.
3
BAT1
Battery Monitor Input. ADC Input Channel 6.
4
AUX3/GPIO3
Auxiliary Analog Input. ADC Input Channel 5. Can be reconfigured as GPIO pin.
5
AUX2/GPIO2
Auxiliary Analog Input. ADC Input Channel 4. Can be reconfigured as GPIO pin.
6
AUX1/GPIO1
Auxiliary Analog Input. ADC Input Channel 3. Can be reconfigured as GPIO pin.
7
VCC
Power Supply Input. The VCC range for the AD7877 is from 2.2 V to 5.25 V.
10
X−
Touch Screen Position Input.
11
Y−
Touch Screen Position Input. ADC Input Channel 2.
12
X+
Touch Screen Position Input. ADC Input Channel 0.
13
Y+
Touch Screen Position Input. ADC Input Channel 1.
14
AGND
Analog Ground. Ground reference point for all analog circuitry on the AD7877. All analog input signals and any
external reference signal should be referred to this voltage.
15
DGND
Digital Ground. Ground reference for all digital circuitry on the AD7877. Refer all digital input signals to this
voltage.
17
PENIRQ
Pen Interrupt. Digital active low output (has a 50 kΩ internal pull-up resistor).
18
CS
Chip Select Input. Active low logic input. This input provides the dual function of initiating conversions on the
AD7877 and enabling the serial input/output register.
19
DIN
SPI® Serial Data Input. Data to be written to the AD7877 registers are provided on this input and clocked into
the register on the rising edge of DCLK.
20
STOPACQ
Stop Acquisition Pin. A signal applied to this pin can be monitored by the AD7877, so that acquisition of new
data by the ADC is halted while the signal is active. Used to reduce the effect of noise from an LCD screen on
the touch screen measurements.
21
GPIO4
Dedicated General-Purpose Logic Input/Output Pin.
22
ALERT
Digital Active Low Output. Interrupt output that goes low if a GPIO data bit is set, or if the AUX1, TEMP1, BAT1,
or BAT2 measurements are out of range.
23
DAV
Data Available Output. Active low logic output. Asserts low when new data is available in the AD7877 results
registers.
26
DCLK
External Clock Input. Logic input. DCLK provides the serial clock for accessing data from the part.
27
DOUT
Serial Data Output. Logic output. The conversion result from the AD7877 is provided on this output as a serial
data stream. The bits are clocked out on the falling edge of the DCLK input. This output is high impedance
when CS is high.
Rev. E | Page 7 of 45


Similar Part No. - AD7877

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7877 AD-AD7877 Datasheet
1,002Kb / 44P
   Touch Screen Controller
REV. A
AD7877 AD-AD7877 Datasheet
395Kb / 6P
   Tape and Reel Packaging
AD7877 AD-AD7877 Datasheet
395Kb / 6P
   Tape and Reel Packaging
AD7877ACP-500RL7 AD-AD7877ACP-500RL7 Datasheet
1,002Kb / 44P
   Touch Screen Controller
REV. A
AD7877ACP-REEL AD-AD7877ACP-REEL Datasheet
1,002Kb / 44P
   Touch Screen Controller
REV. A
More results

Similar Description - AD7877

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
MK712 IDT-MK712 Datasheet
418Kb / 21P
   TOUCH SCREEN CONTROLLER
logo
Texas Instruments
ADS7843 TI1-ADS7843 Datasheet
652Kb / 18P
[Old version datasheet]   TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
ADS7843 BURR-BROWN-ADS7843 Datasheet
163Kb / 12P
   TOUCH SCREEN CONTROLLER
ADS7846 BURR-BROWN-ADS7846 Datasheet
520Kb / 23P
   TOUCH-SCREEN CONTROLLER
logo
Asahi Kasei Microsystem...
AK4182 AKM-AK4182 Datasheet
190Kb / 18P
   Touch Screen Controller
logo
List of Unclassifed Man...
XPT2046 ETC2-XPT2046 Datasheet
821Kb / 30P
   Touch Screen Controller
2007
logo
Burr-Brown (TI)
ADS7845 BURR-BROWN-ADS7845 Datasheet
173Kb / 12P
   TOUCH SCREEN CONTROLLER
logo
Integrated Circuit Syst...
MK715 ICST-MK715 Datasheet
376Kb / 22P
   Touch Screen Controller
logo
Analog Devices
AD7877 AD-AD7877 Datasheet
1,002Kb / 44P
   Touch Screen Controller
REV. A
logo
Anpec Electronics Corop...
APT7846 ANPEC-APT7846 Datasheet
583Kb / 15P
   Touch Screen Controller
logo
Silicon Standard Corp.
SS7646 SSC-SS7646 Datasheet
836Kb / 13P
   Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com