Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD73311L Datasheet(PDF) 19 Page - Analog Devices

Part # AD73311L
Description  Low Cost, Low Power CMOS
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD73311L Datasheet(HTML) 19 Page - Analog Devices

Back Button AD73311L_17 Datasheet HTML 15Page - Analog Devices AD73311L_17 Datasheet HTML 16Page - Analog Devices AD73311L_17 Datasheet HTML 17Page - Analog Devices AD73311L_17 Datasheet HTML 18Page - Analog Devices AD73311L_17 Datasheet HTML 19Page - Analog Devices AD73311L_17 Datasheet HTML 20Page - Analog Devices AD73311L_17 Datasheet HTML 21Page - Analog Devices AD73311L_17 Datasheet HTML 22Page - Analog Devices AD73311L_17 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
REV. A
AD73311L
–18–
ANALOG
LOOP-BACK
SELECT
INVERT
SINGLE-
ENDED
ENABLE
+6/–15dB
PGA
CONTINUOUS
TIME
LOW-PASS
FILTER
REFCAP
REFOUT
REFERENCE
0/38dB
PGA
VREF
VINN
VINP
AD73311L
VOUTP
VOUTN
Figure 12. Analog Loop-Back Connectivity
INTERFACING
The AD73311L can be interfaced to most modern DSP engines
using conventional serial port connections and an extra enable
control line. Both serial input and output data use an accompa-
nying frame synchronization signal which is active high one
clock cycle before the start of the 16-bit word or during the last
bit of the previous word if transmission is continuous. The serial
clock (SCLK) is an output from the codec and is used to define
the serial transfer rate to the DSP’s Tx and Rx ports. Two primary
configurations can be used: the first is shown in Figure 13, where
the DSP’s Tx data, Tx frame sync, Rx data and Rx frame sync
are connected to the codec’s SDI, SDIFS, SDO and SDOFS,
respectively. This configuration, referred to as indirectly coupled
or nonframe sync loop-back, has the effect of decoupling the
transmission of input data from the receipt of output data. The
delay between receipt of codec output data and transmission of
input data for the codec is determined by the DSP’s software
latency. When programming the DSP serial port for this con-
figuration, it is necessary to set the Rx FS as an input and the Tx
FS as an output generated by the DSP. This configuration is
most useful when operating in mixed mode, as the DSP has the
ability to decide how many words (either DAC or control) can be
sent to the codec(s). This means that full control can be imple-
mented over the device configuration as well as updating the
DAC in a given sample interval. The second configuration
(shown in Figure 14) has the DSP’s Tx data and Rx data con-
nected to the codec’s SDI and SDO, respectively while the
DSP’s Tx and Rx frame syncs are connected to the codec’s
SDIFS and SDOFS. In this configuration, referred to as directly
coupled or frame sync loop-back, the frame sync signals are
connected together and the input data to the codec is forced to
be synchronous with the output data from the codec. The DSP
must be programmed so that both the Tx FS and Rx FS are
inputs as the codec SDOFS will be input to both. This configura-
tion guarantees that input and output events occur simultaneously
and is the simplest configuration for operation in normal Data
Mode. Note that when programming the DSP in this configura-
tion it is advisable to preload the Tx register with the first control
word to be sent before the codec is taken out of reset. This
ensures that this word will be transmitted to coincide with the
first output word from the device(s).
SDIFS
SDI
SCLK
SDO
SDOFS
TFS
DT
SCLK
DR
RFS
ADSP-218x
DSP
AD73311L
CODEC
Figure 13. Indirectly Coupled or Nonframe Sync Loop-
Back Configuration
Cascade Operation
The AD73311L has been designed to support up to eight codecs
in a cascade connected to a single serial port (see Figure 37).
The SPORT interface protocol has been designed so that device
addressing is built into the packet of information sent to the device.
This allows the cascade to be formed with no extra hardware
overhead for control signals or addressing. A cascade can be
formed in either of the two modes previously discussed.
There may be some restrictions in cascade operation due to the
number of devices configured in the cascade and the serial clock
rate chosen. Table XVII details the requirements for SCLK rate
for cascade lengths from 1 to 8 devices. This assumes a directly
coupled frame sync arrangement as shown in Figure 13.
Table XVII. Cascade Options
Number of Devices in Cascade
SCLK
12345678
DMCLK

DMCLK/2

DMCLK/4

XXXX
DMCLK/8

XXXXXX
SDIFS
SDI
SCLK
SDO
SDOFS
TFS
DT
SCLK
DR
RFS
ADSP-218x
DSP
AD73311L
CODEC
Figure 14. Directly Coupled or Frame Sync Loop-
Back Configuration


Similar Part No. - AD73311L_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD73311L AD-AD73311L_15 Datasheet
381Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. A
More results

Similar Description - AD73311L_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8613 AD-AD8613_15 Datasheet
396Kb / 16P
   Low Cost Micropower, Low Noise CMOS
Rev. F
AD8617 AD-AD8617_15 Datasheet
396Kb / 16P
   Low Cost Micropower, Low Noise CMOS
Rev. F
AD8619 AD-AD8619_15 Datasheet
396Kb / 16P
   Low Cost Micropower, Low Noise CMOS
Rev. F
AD8436 AD-AD8436 Datasheet
760Kb / 20P
   Low Cost, Low Power
REV. 0
AD73311L AD-AD73311L Datasheet
382Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. A
AD73322L AD-AD73322L_17 Datasheet
767Kb / 49P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front
AD73311ARZ-REEL AD-AD73311ARZ-REEL Datasheet
340Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
AD73311LARUZ-RL7 AD-AD73311LARUZ-RL7 Datasheet
340Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
AD73311LARUZ AD-AD73311LARUZ Datasheet
357Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. A
AD73311 AD-AD73311_15 Datasheet
340Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com