Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD73322L Datasheet(PDF) 40 Page - Analog Devices

Part # AD73322L
Description  Low Cost, Low Power CMOS General-Purpose Dual Analog Front
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD73322L Datasheet(HTML) 40 Page - Analog Devices

Back Button AD73322L_17 Datasheet HTML 36Page - Analog Devices AD73322L_17 Datasheet HTML 37Page - Analog Devices AD73322L_17 Datasheet HTML 38Page - Analog Devices AD73322L_17 Datasheet HTML 39Page - Analog Devices AD73322L_17 Datasheet HTML 40Page - Analog Devices AD73322L_17 Datasheet HTML 41Page - Analog Devices AD73322L_17 Datasheet HTML 42Page - Analog Devices AD73322L_17 Datasheet HTML 43Page - Analog Devices AD73322L_17 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 49 page
background image
AD73322L
Rev. A | Page 39 of 48
At each occurrence of an SDOFS pulse, the DSP’s transmit
buffer contents are sent to the SDI pin of the AD73322L. This
also causes a subsequent DSP Tx interrupt which transfers the
initialization word, pointed to by the circular buffer pointer, to
the Tx buffer. The buffer pointer is updated to point to the next
unsent initialization word. When the circular buffer pointer
wraps around, which happens after the last word has been
accessed, it indicates that the initialization phase is complete.
This can be done manually in the DSP using a simple address
check, or autobuffered mode can be used to complete the
transfer automatically.
txcdat: ar = dm(stat_flag);
ar = pass ar;
if eq rti;
ena sec_reg;
ax0 = dm (i3, m1);
tx0 = ax0;
ax0 = i3;
ay0 = ^init_cmds;
ar = ax0 - ay0;
if gt rti;
ax0 = 0x00;
dm (stat_flag) = ax0;
rti;
In the main body of the program the code loops, waiting for the
initialization sequence to be completed.
check_init:
ax0 = dm (stat_flag);
af = pass ax0;
if ne jump check_init;
Because the AD73322L is effectively a cascade of two codec
units, it is important to observe the following restrictions in the
sequence of sending initialization words to the two codecs. It is
preferable to send pairs of control words for the corresponding
control registers in each codec, and it is essential to send the
control word for codec 2 before that for codec 1. Control
Registers A and B contain settings, such as sampling rate, serial
clock rate, etc., which critically require synchronous update in
both codecs.
Once the device has been initialized, Control Register A on
both codecs is written with a control word which changes the
operating mode from program mode to either data mode or
mixed control data mode. The device count field, which
defaults to 000b, must be programmed to 001b for a single
AD73322L device. In data mode or mixed mode, the main
function of the device is to return ADC samples from both
codecs and to accept DAC words for both codecs. During each
sample interval, two ADC samples are returned from the
device, while in the same interval two DAC update samples are
sent to the device. To reduce the number of interrupts and to
reduce complexity, autobuffering can be used to ensure that
only one interrupt is generated during each sampling interval.


Similar Part No. - AD73322L_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD73322L AD-AD73322L_15 Datasheet
1Mb / 48P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. A
More results

Similar Description - AD73322L_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD73322 AD-AD73322_17 Datasheet
421Kb / 44P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front
AD73322ARZ AD-AD73322ARZ Datasheet
389Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73322 AD-AD73322_15 Datasheet
389Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73322 AD-AD73322 Datasheet
386Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73322L AD-AD73322L Datasheet
437Kb / 40P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. 0
AD73322L AD-AD73322L_15 Datasheet
1Mb / 48P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. A
AD73311LARUZ AD-AD73311LARUZ Datasheet
357Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. A
AD73311L AD-AD73311L Datasheet
382Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. A
AD73311ARZ-REEL AD-AD73311ARZ-REEL Datasheet
340Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
AD73311LARUZ-RL7 AD-AD73311LARUZ-RL7 Datasheet
340Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com