Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR3080CGD Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # MBR3080CGD
Description  30 AMPERES SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

MBR3080CGD Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  MBR3080CGD Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd MBR3080CGD Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES
Fig.1- FORWARD CURRENT DERATING CURVE
Fig.2- MAXIMUM NON-REPETITIVE SURGE
CURRENT
NO. OF CYCLE AT 60Hz
200
175
150
125
100
75
50
25
0
1
2
5
10
20
50
100
250
225
Fig.3- TYPICAL REVERSE CHARACTERISTIC
0
10
1.0
0.1
0.01
.001
20
0
4 0
60
80
100
PERCENT OF INSTANTANEOUS REVERSE VOLTAGE, %
TC=125 C
O
O
TC=75 C
O
TC=25 C
Fig.4- TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTIC
40
10
8
6
4
2
1.0
0.8
0.6
0.4
0.2
0 .1
40-45V
50-60V
80-100V
150-200V
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
O
LEAD TEMPERATURE, C
50
40
20
0
10
30
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
0
20
40
60
80
100
120
140
160
180
40
-100V
150-200V
RESISTIVE OR
INDUCTIVE LOAD
MBR30
40CGD~MBR30200CGD
ht
t
p
:
//
www.lgesemi.com
mail:lge@lgesemi.com
Revision:201
70701-P1


Similar Part No. - MBR3080CGD

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MBR3080CT PANJIT-MBR3080CT Datasheet
50Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Gaomi Xinghe Electronic...
MBR3080CT GXELECTRONICS-MBR3080CT Datasheet
338Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Galaxy Semi-Conductor H...
MBR3080CT BILIN-MBR3080CT Datasheet
309Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Electronics ...
MBR3080CT CHENDA-MBR3080CT Datasheet
539Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Compact Technology Corp...
MBR3080CT CTC-MBR3080CT Datasheet
72Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - MBR3080CGD

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
MBR3040CGD DYELEC-MBR3040CGD Datasheet
893Kb / 3P
   30 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
MBR3045 PANJIT-MBR3045_16 Datasheet
134Kb / 4P
   30 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
DIYI Electronic Technol...
MBR3040CTD DYELEC-MBR3040CTD Datasheet
742Kb / 3P
   30 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
SHIKUES Electronics
MBRF30150AT SKTECHNOLGY-MBRF30150AT Datasheet
552Kb / 3P
   30 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
DIYI Electronic Technol...
MBR3040CKD DYELEC-MBR3040CKD Datasheet
748Kb / 3P
   30 AMPERES SCHOTTKY BARRIER RECTIFIERS
MBRF3040CTD DYELEC-MBRF3040CTD Datasheet
741Kb / 3P
   30 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
MBR3020PT PANJIT-MBR3020PT Datasheet
41Kb / 2P
   30 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
Kersemi Electronic Co.,...
MBRF30L45CTG KERSEMI-MBRF30L45CTG Datasheet
489Kb / 6P
   DUAL SCHOTTKY BARRIER RECTIFIERS 30 AMPERES, 45 VOLTS
logo
Motorola, Inc
1N5820 MOTOROLA-1N5820 Datasheet
168Kb / 6P
   SCHOTTKY BARRIER RECTIFIERS 3.0 AMPERES 20, 30, 40 VOLTS
logo
Pan Jit International I...
MBR2040FCT PANJIT-MBR2040FCT Datasheet
94Kb / 2P
   20 AMPERES SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com