Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR30100CGD Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # MBR30100CGD
Description  30 AMPERES SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

MBR30100CGD Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  MBR30100CGD Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd MBR30100CGD Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MBR30
40CGD~MBR30200CGD
30 AMPERES SCHOTTKY BARRIER RECTIFIERS
FEATURES
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-
0.
Flame Retardant Epoxy Molding Compound.
• Metal silicon junction, majority carrier conduction
• Low power loss, high efficiency.
• High current capability
• For use in low voltage, high frequency inverters
free wheeling, and polarlity protection applications.
• Lead free in comply with EU RoHS 2011/65/EU directives
MECHANICAL DATA
• Case: TO-2
63AB molded plastic
• Terminals: solder plated, solderable per MIL-STD-750, Method 2026
• Polarity: As marked.
• Mounting Position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
VOLTAGE
40 to 200 Volts
CURRENT
30 Amperes
PARAMETER
SYMBOL
M B R
3 0 4 0 C G D
M B R
3 0 4 5 C G D
M B R
3 0 5 0 C G D
M B R
3 0 6 0 C G D
M B R
3 0 8 0 C G D
M B R
3 0 9 0 C G D
M B R
3 0 1 0 0 C G D
M B R
3 0 1 5 0 C G D
M B R
3 0 2 0 0 C G D
UNITS
Maximum Recurrent Peak Reverse Voltage
V
RRM
40
45
50
60
80
90
100
150
200
V
Maximum RMS Voltage
V
RMS
28
31.5
35
42
56
63
70
105
140
V
Maximum DC Blocking Voltage
V
DC
40
45
50
60
80
90
100
150
200
V
Maximum Average Forward Current
I
F(AV)
30
A
Peak Forward Surge Current:8.3 ms single
half sine-wave superimposed on rated load
(JEDEC method)
I
FSM
2 0 0
A
Maximum Forward Voltage at 15A per leg
V
F
0.7
0 .8
0 .85
0 . 92
V
Maximum DC Reverse Current
at Rated DC Blocking Voltage
T
J=2 5
O
C
T
J=1 2 5
O
C
I
R
0.05
20
mA
Typical Thermal Resistance
R
θ
JC
1.4
O
C / W
Operating Junction and Storage Temperature
Range
T
J,TSTG
O
C
-5 5 to + 1 5 0
- 5 5 t o + 1 7 5
ht
t
p
:
//
www.lgesemi.com
mail:lge@lgesemi.com
Revision:201
70701-P1


Similar Part No. - MBR30100CGD

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
MBR30100CG YFWDIODE-MBR30100CG Datasheet
455Kb / 3P
   Surface Mount Schottky Barrier Rectifier
logo
Unisonic Technologies
MBR30100CG-T3P-T UTC-MBR30100CG-T3P-T Datasheet
146Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
MBR30100CG-T47-T UTC-MBR30100CG-T47-T Datasheet
146Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
MBR30100CG-TA3-T UTC-MBR30100CG-TA3-T Datasheet
146Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
MBR30100CG-TF1-T UTC-MBR30100CG-TF1-T Datasheet
146Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - MBR30100CGD

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
MBR3040CGD DYELEC-MBR3040CGD Datasheet
893Kb / 3P
   30 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
MBR3045 PANJIT-MBR3045_16 Datasheet
134Kb / 4P
   30 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
DIYI Electronic Technol...
MBR3040CTD DYELEC-MBR3040CTD Datasheet
742Kb / 3P
   30 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
SHIKUES Electronics
MBRF30150AT SKTECHNOLGY-MBRF30150AT Datasheet
552Kb / 3P
   30 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
DIYI Electronic Technol...
MBR3040CKD DYELEC-MBR3040CKD Datasheet
748Kb / 3P
   30 AMPERES SCHOTTKY BARRIER RECTIFIERS
MBRF3040CTD DYELEC-MBRF3040CTD Datasheet
741Kb / 3P
   30 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
MBR3020PT PANJIT-MBR3020PT Datasheet
41Kb / 2P
   30 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
Kersemi Electronic Co.,...
MBRF30L45CTG KERSEMI-MBRF30L45CTG Datasheet
489Kb / 6P
   DUAL SCHOTTKY BARRIER RECTIFIERS 30 AMPERES, 45 VOLTS
logo
Motorola, Inc
1N5820 MOTOROLA-1N5820 Datasheet
168Kb / 6P
   SCHOTTKY BARRIER RECTIFIERS 3.0 AMPERES 20, 30, 40 VOLTS
logo
Pan Jit International I...
MBR2040FCT PANJIT-MBR2040FCT Datasheet
94Kb / 2P
   20 AMPERES SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com