Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VRE3050C Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # VRE3050C
Description  VRE3050 Low Cost Precision Reference
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VRE3050C Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  VRE3050C Datasheet HTML 1Page - List of Unclassifed Manufacturers VRE3050C Datasheet HTML 2Page - List of Unclassifed Manufacturers VRE3050C Datasheet HTML 3Page - List of Unclassifed Manufacturers VRE3050C Datasheet HTML 4Page - List of Unclassifed Manufacturers VRE3050C Datasheet HTML 5Page - List of Unclassifed Manufacturers VRE3050C Datasheet HTML 6Page - List of Unclassifed Manufacturers VRE3050C Datasheet HTML 7Page - List of Unclassifed Manufacturers VRE3050C Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TYPICAL PERFORMANCE CURVES
Temperature (oC)
VRE3050A
V
OUT vs. TEMPERATURE
VRE3050DS REV. D JULY 2000
SUPPLY CURRENT
VS. SUPPLY VOLTAGE
QUIESCENT CURRENT VS. TEMP
Temperature (oC)
OUTPUT IMPEDIANCE
VS. FREQUENCY
Temperature (oC)
VRE3050B
V
OUT vs. TEMPERATURE
V
OUT vs. TEMPERATURE
Temperature (oC)
VRE3050C
Temperature (oC)
VRE3050J
V
OUT vs. TEMPERATURE
Temperature (oC)
VRE3050K
V
OUT vs. TEMPERATURE
Temperature (oC)
VRE3050L
V
OUT vs. TEMPERATURE
Supply Voltage (V)
Frequency (Hz)
0
50
-50
100
6.0
4.0
2.0
0
8.0
15
25
5
35
5.0
4.0
3.0
0
6.0
10
20
30
40
0
-50 -25
0
25 50 75 100
2.0
1.5
1.0
0.5
0
-1.0
-0.5
-1.5
-2.0
Lower
Limit
Upper
Limit
-50 -25
0
25 50 75 100
2.0
1.5
1.0
0.5
0
-1.0
-0.5
-1.5
-2.0
Lower
Limit
Upper
Limit
0 20 30 40 50 60 70
1.00
0.75
0.50
0.25
0
-0.50
-0.25
-0.75
-1.00
Lower
Limit
Upper
Limit
0 20 30 40 50 60 70
1.00
0.75
0.50
0.25
0
-0.50
-0.25
-0.75
-1.00
Lower Limit
Upper Limit
Lower
Limit
Upper
Limit
-0.75
0 20 30 40 50 60 70
1.00
0.75
0.50
0.25
0
-0.50
-0.25
-1.00
Lower
Limit
Upper
Limit
-50 -25
0
25 50 75 100
2.0
1.5
1.0
0.5
0
-1.0
-0.5
-1.5
-2.0
Lower
Limit
Upper
Limit


Similar Part No. - VRE3050C

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
VRE3050C CIRRUS-VRE3050C Datasheet
549Kb / 7P
   Precision Voltage Reference
VRE3050C CIRRUS-VRE3050C Datasheet
665Kb / 6P
   Precision Voltage Reference
More results

Similar Description - VRE3050C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VRE3041 ETC1-VRE3041 Datasheet
187Kb / 8P
   Low Cost Precision Reference
VRE302 ETC-VRE302 Datasheet
2Mb / 41P
   Low Cost Precision Reference
VRE3021 ETC-VRE3021 Datasheet
188Kb / 8P
   Low Cost Precision Reference
VRE306 ETC-VRE306 Datasheet
320Kb / 5P
   Low Cost Precision Reference
VRE3025 ETC1-VRE3025 Datasheet
199Kb / 8P
   Low Cost Precision Reference
VRE310 ETC-VRE310 Datasheet
420Kb / 5P
   Low Cost Precision Reference
VRE304 ETC1-VRE304 Datasheet
330Kb / 5P
   Low Cost Precision Reference
logo
Maxim Integrated Produc...
MAX6120 MAXIM-MAX6120 Datasheet
86Kb / 6P
   Low-Cost, Micropower, Precision, 3-Terminal, 1.2V Voltage Reference
Rev 1; 9/96
logo
ON Semiconductor
MC1403 ONSEMI-MC1403 Datasheet
125Kb / 8P
   PRECISION LOW VOLTAGE REFERENCE
REV 1
logo
Analog Devices
AD680ARZ-REEL AD-AD680ARZ-REEL Datasheet
399Kb / 12P
   Low Power, Low Cost 2.5 V Reference
Rev. H
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com