Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P0720SA Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # P0720SA
Description  Thyristor Surge Suppressors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

P0720SA Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  P0720SA Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd P0720SA Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd P0720SA Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd P0720SA Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd P0720SA Datasheet HTML 5Page - Shenzhen Luguang Electronic Technology Co., Ltd P0720SA Datasheet HTML 6Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Thyristor Surge Suppressors -PxxxxSX Series
Thyristor Surge Suppressors -PxxxxSX Series
Description
DO-214AA/SMB Series are low capacitance devices designed to
protect broadband equipment such as VOIP, DSL modems and
DSLAMs from damaging overvoltage transients.
The series provides a surface mount solution that enables
equipment to comply with global regulatory standards while limiting
the impact to broadband signals.
Features
Compared to surge suppression using other technologies, P Series
devices offer absolute surge protection
regardless of the surge current available and the rate of applied
voltage (dv/dt). P Series devices:
• Cannot be damaged by voltage
• Eliminate hysteresis and heat dissipation typically found with
clamping devices
• Eliminate voltage overshoot caused by fast-rising transients
• Are non-degenerative
• Will not fatigue
• Have low capacitance, making them ideal for high-speed
transmission equipment
Dimensions
(mm)
(inches)
Part Number Code
Peak Pilse
Current-Ipp
8/20μs
A=150A
B=250A
C=400A
Type
S: SMB
T:SMA
E:TO-92
L:DO-15
P
x
x
x
x
X
X
Type
Breakdown Voltage
ht
t
p
:
//
www.lgesemi.com
mail:lge@lgesemi.com
Revision:20170301-P1


Similar Part No. - P0720SA

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
P0720SA TECCOR-P0720SA Datasheet
423Kb / 2P
   SIDACtor Device
logo
Shanghai Leiditech Elec...
P0720SA LEIDITECH-P0720SA Datasheet
591Kb / 9P
   Thyristor Surge Suppressors
logo
Littelfuse
P0720SA LITTELFUSE-P0720SA Datasheet
97Kb / 1P
   DO-214AA Package Symbolization
logo
HuaXinAn Electronics CO...
P0720SA HUAXINAN-P0720SA Datasheet
324Kb / 6P
   Thyristor Surge Suppressors
P0720SA HUAXINAN-P0720SA Datasheet
375Kb / 7P
   SIDACtor Protection Thyristors
More results

Similar Description - P0720SA

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
SE2312 LEIDITECH-SE2312 Datasheet
567Kb / 9P
   Thyristor Surge Suppressors
SE9926 LEIDITECH-SE9926 Datasheet
567Kb / 9P
   Thyristor Surge Suppressors
SE8205A LEIDITECH-SE8205A Datasheet
567Kb / 9P
   Thyristor Surge Suppressors
logo
SUNMATE electronic Co.,...
TB0640H SUNMATE-TB0640H Datasheet
964Kb / 3P
   THYRISTOR SURGE SUPPRESSORS
TB0640L SUNMATE-TB0640L Datasheet
1Mb / 3P
   THYRISTOR SURGE SUPPRESSORS
TB0640M SUNMATE-TB0640M Datasheet
1Mb / 3P
   THYRISTOR SURGE SUPPRESSORS
logo
Shanghai Yint Electroni...
PXXXL YINT-PXXXL Datasheet
576Kb / 4P
   Thyristor Surge Suppressors
logo
Shanghai Leiditech Elec...
P0060SC2 LEIDITECH-P0060SC2 Datasheet
392Kb / 4P
   Thyristor Surge Suppressors
P0300-C2 LEIDITECH-P0300-C2 Datasheet
1Mb / 4P
   Thyristor Surge Suppressors
logo
Guangdong Kexin Industr...
P0080TB KEXIN-P0080TB Datasheet
1Mb / 3P
   Thyristor Surge Suppressors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com