Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q65110A2231 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # Q65110A2231
Description  Coupling into Light Guides
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

Q65110A2231 Datasheet(HTML) 1 Page - OSRAM GmbH

  Q65110A2231 Datasheet HTML 1Page - OSRAM GmbH Q65110A2231 Datasheet HTML 2Page - OSRAM GmbH Q65110A2231 Datasheet HTML 3Page - OSRAM GmbH Q65110A2231 Datasheet HTML 4Page - OSRAM GmbH Q65110A2231 Datasheet HTML 5Page - OSRAM GmbH Q65110A2231 Datasheet HTML 6Page - OSRAM GmbH Q65110A2231 Datasheet HTML 7Page - OSRAM GmbH Q65110A2231 Datasheet HTML 8Page - OSRAM GmbH Q65110A2231 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
2013-06-28
1
2013-06-28
TOPLED RG
Datasheet
Version 1.0 (Replacement in due course)
LG T770
Features:
Besondere Merkmale:
• Package: white SMT package, colorless clear
resin
• Gehäusetyp: weißes SMT Gehäuse, farbloser
klarer Verguss
• Technology: GaAsP
• Technologie: GaAsP
• Viewing angle at 50 % IV: 120° (Lambertian
Emitter)
• Abstrahlwinkel bei 50 % IV: 120° (Lambertscher
Strahler)
• Color: green (570 nm)
• Farbe: grün (570 nm)
• Corrosion Robustness: Improved corrosion
robustness
• Korrosionsstabilität: Verbesserte
Korrosionsstabilität
Applications
Anwendungen
• Optical Indicator
• Optischer Indikator
• Backlighting
• Hinterleuchtung
• Coupling into Light Guides
• Einkopplung in Lichtleiter
• Signal and Symbol Luminary
• Signal- und Symbolleuchten
• Automotive Interior Lighting
• Automobilbeleuchtung innen


Similar Part No. - Q65110A2231

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
Q65110A2234 OSRAM-Q65110A2234 Datasheet
429Kb / 19P
   Optical Indicator
Q65110A2237 OSRAM-Q65110A2237 Datasheet
427Kb / 19P
   Optical Indicator
More results

Similar Description - Q65110A2231

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LSGT77K OSRAM-LSGT77K Datasheet
365Kb / 16P
   coupling into light guides
LYT679 OSRAM-LYT679 Datasheet
440Kb / 19P
   Coupling into Light Guides
LYP47K OSRAM-LYP47K_13 Datasheet
519Kb / 20P
   Coupling into light guides
LBA6SG OSRAM-LBA6SG_15 Datasheet
551Kb / 21P
   Coupling into light guides
LWY8SG OSRAM-LWY8SG_14 Datasheet
556Kb / 22P
   Coupling into Light Guides
LSP476 OSRAM-LSP476 Datasheet
599Kb / 21P
   Coupling into Light Guides
LCBA6SG OSRAM-LCBA6SG Datasheet
492Kb / 23P
   Coupling into light guides
LGP47K OSRAM-LGP47K_15 Datasheet
568Kb / 21P
   Coupling into Light Guides
LGY870 OSRAM-LGY870_14 Datasheet
498Kb / 20P
   Coupling into Light Guides
LOA67K OSRAM-LOA67K Datasheet
471Kb / 19P
   Coupling into light guides
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com