Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LOA67F Datasheet(PDF) 10 Page - OSRAM GmbH

Part # LOA67F
Description  Optical Indicator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LOA67F Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button LOA67F Datasheet HTML 6Page - OSRAM GmbH LOA67F Datasheet HTML 7Page - OSRAM GmbH LOA67F Datasheet HTML 8Page - OSRAM GmbH LOA67F Datasheet HTML 9Page - OSRAM GmbH LOA67F Datasheet HTML 10Page - OSRAM GmbH LOA67F Datasheet HTML 11Page - OSRAM GmbH LOA67F Datasheet HTML 12Page - OSRAM GmbH LOA67F Datasheet HTML 13Page - OSRAM GmbH LOA67F Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
2017-05-18
10
Version 1.4
LO A67F
Max. Permissible Forward Current
Max. zulässiger Durchlassstrom
IF = f (T)
Permissible Pulse Handling Capability
Zulässige Impulsbelastbarkeit IF = f(tp)
D: Duty cycle, TA = 25 °C
Permissible Pulse Handling Capability
Zulässige Impulsbelastbarkeit IF = f(tp)
D: Duty cycle, TA = 85 °C
temp. ambient
temp. solder point
0
0
20
40
A
S
T
T
˚C
60
80
100
T
IF
mA
S
T
OHL02705
TA
10
20
30
40
50
60
10
1
10
0
0.02
0.04
0.06
-5
-4
-3
-2
10
10
10
P
t
=
D
T
P
t
T
IF
0.08
F
I
0.10
0.12
A
0.5
0.2
-1
0
1
2
10
tp
10 s 10
=
0.02
0.01
0.005
0.05
OHL02703
0.1
D
10
1
10
0
0.02
0.04
0.06
-5
-4
-3
-2
10
10
10
P
t
=
D
T
P
t
T
IF
0.08
F
I
0.10
0.12
A
0.5
0.2
-1
0
1
2
10
tp
10 s 10
=
0.02
0.01
0.005
0.05
OHL02704
0.1
D


Similar Part No. - LOA67F

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LOA67F OSRAM-LOA67F Datasheet
425Kb / 15P
   Lead (Pb) Free Product - RoHS Compliant
logo
ams AG
LOA67F AMSCO-LOA67F Datasheet
1Mb / 23P
   SIDELED® Ambient Lighting
Version 1.9 2022-09-01
LOA67F-ABCA-24-E3P3 AMSCO-LOA67F-ABCA-24-E3P3 Datasheet
1Mb / 23P
   SIDELED® Ambient Lighting
Version 1.9 2022-09-01
More results

Similar Description - LOA67F

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EAPL2214WA4 EVERLIGHT-EAPL2214WA4 Datasheet
356Kb / 12P
   Optical indicator
logo
OSRAM GmbH
LSR976-NR-1 OSRAM-LSR976-NR-1 Datasheet
404Kb / 20P
   Optical Indicator
LOT676 OSRAM-LOT676 Datasheet
477Kb / 19P
   Optical Indicator
LOT776 OSRAM-LOT776 Datasheet
435Kb / 19P
   Optical Indicator
LPM675 OSRAM-LPM675 Datasheet
501Kb / 20P
   Optical Indicator
LAM67B OSRAM-LAM67B_14 Datasheet
569Kb / 20P
   Optical Indicator
logo
Everlight Electronics C...
EAPL4508RGBA5 EVERLIGHT-EAPL4508RGBA5 Datasheet
473Kb / 13P
   Optical indicator.
EAPL2214GA2 EVERLIGHT-EAPL2214GA2 Datasheet
358Kb / 12P
   Optical indicator
logo
Suntan Capacitors
TSL-5050UB000MTH SUNTAN-TSL-5050UB000MTH Datasheet
340Kb / 3P
   Optical indicator
logo
OSRAM GmbH
LGT679 OSRAM-LGT679 Datasheet
440Kb / 19P
   Optical Indicator
LGT670 OSRAM-LGT670 Datasheet
442Kb / 19P
   Optical Indicator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com