Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT95L51IB Datasheet(PDF) 7 Page - Exar Corporation

Part # XRT95L51IB
Description  OC-48 ATM UNI/POS/MAPPER IC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT95L51IB Datasheet(HTML) 7 Page - Exar Corporation

  XRT95L51IB Datasheet HTML 1Page - Exar Corporation XRT95L51IB Datasheet HTML 2Page - Exar Corporation XRT95L51IB Datasheet HTML 3Page - Exar Corporation XRT95L51IB Datasheet HTML 4Page - Exar Corporation XRT95L51IB Datasheet HTML 5Page - Exar Corporation XRT95L51IB Datasheet HTML 6Page - Exar Corporation XRT95L51IB Datasheet HTML 7Page - Exar Corporation XRT95L51IB Datasheet HTML 8Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
áç
áç
áç
áç
XRT95L51
OC-48 ATM UNI/POS/MAPPER IC
PRELIMINARY
REV. P1.0.1
7
ORDERING INFORMATION
PART NUMBER
PACKAGE TYPE
OPERATING TEMPERATURE RANGE
XRT95L51IB
388 Pin PBGA 35x35 mm, 26x26 Ball Matrix
-40°C to +85°C
PACKAGE DIMENSIONS
388 Ball Plastic Ball Grid Array
(35 x 35 mm PBGA)
Rev. 1.0
A1
C
A2
D2
b
A
Symbol
Millimeters
MIN
MAX
Inches
MIN
MAX
A1
0.028
0.020
A2
0.051
0.039
b
0.035
0.024
D1
1.250BSC
C
1.27BSC
0.050BSC
0.70
0.50
1.30
1.00
0.90
0.60
31.75BSC
Note: The control dimension is the millimeter column
D
1.386
1.370
35.20
34.80
0.016
0.028
0.40
0.70
D2
1.185
1.177
30.10
29.90
A
0.106
0.075
2.70
1.90
e
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
V
W
Y
AA
AB
AC
AD
AE
AF
26
1
3
5
7
9
11
13
15
17
19
21
23
25
2
4
6
8
10
12
14
16
18
20
22
24
e
D1
D
b
e
D1
D
Chamfer
Optional


Similar Part No. - XRT95L51IB

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT95L53 EXAR-XRT95L53 Datasheet
77Kb / 4P
   OC-48 ETHERNET/SONET MULTI-SERVICE FRAMER PROCESSOR
More results

Similar Description - XRT95L51IB

ManufacturerPart #DatasheetDescription
logo
Applied Micro Circuits ...
CS4804 AMCC-CS4804 Datasheet
42Kb / 2P
   OC-48 / 4xOC-12 / 16xOC-3 SONET/SDH FRAMER AND POS/ATM MAPPER
logo
List of Unclassifed Man...
S4806CBI ETC1-S4806CBI Datasheet
61Kb / 4P
   STS-48/STM-16 SONET/SDH Framer and ATM/POS Mapper
logo
Applied Micro Circuits ...
CS1201QFI22 AMCC-CS1201QFI22 Datasheet
41Kb / 2P
   STS-12c/STS-3c POS/ATM SONET MAPPER
CS19202CBI30 AMCC-CS19202CBI30 Datasheet
42Kb / 2P
   STS-192 SONET/SDH FRAMER AND POS/ATM MAPPER
CS3155 AMCC-CS3155 Datasheet
405Kb / 2P
   SONET/SDH/ATM OC-48 Transceiver With CDR
CS19205CBI AMCC-CS19205CBI Datasheet
198Kb / 3P
   10 Gigabit Ethernet MAC and PHY/OC-192c POS Framer/Mapper
logo
PMC-Sierra, Inc
PM5382 PMC-PM5382 Datasheet
36Kb / 2P
   16-Channel OC-3c ATM and POS Physical Layer Device
logo
M/A-COM Technology Solu...
29704-BRF-003-A MA-COM-29704-BRF-003-A Datasheet
366Kb / 2P
   OptiPHY F155 Quad OC-3/STM-1 ATM/POS PHY
logo
PMC-Sierra, Inc
PM5384 PMC-PM5384 Datasheet
46Kb / 2P
   Single Channel OC-3c ATM and POS Physical Layer Device
PM5358 PMC-PM5358 Datasheet
39Kb / 2P
   Quad Channel OC-12c ATM and POS Physical Layer Device
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com