Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG56A-7011-35-1006-M1DR Datasheet(PDF) 3 Page - Willow Technologies Ltd

Part # DG56A-7011-35-1006-M1DR
Description  automotive relays
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

DG56A-7011-35-1006-M1DR Datasheet(HTML) 3 Page - Willow Technologies Ltd

  DG56A-7011-35-1006-M1DR Datasheet HTML 1Page - Willow Technologies Ltd DG56A-7011-35-1006-M1DR Datasheet HTML 2Page - Willow Technologies Ltd DG56A-7011-35-1006-M1DR Datasheet HTML 3Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Overall Dimensions
Fig. 1
Dimensions in millimeters
(Dimensions in inches are shown for guidance only)
DG56A
automotive relays
American Electronic Components Inc., 1101 Lafayette St. Elkhart, IN46516
Page 3 of 3
www.durakoolrelays.com
Sales Department Tel: (888) 847-6552
Ref: DG56A 052616JHM Specifications are subject to change without notice. E&OE.
26.5max.
26.5max.
6.3
0.8
5.8
2.5
0.8
26.5max.
5.7
1.043max.
1.043max.
0.228
1.043max.
0.248
0.031
0.031
0.098
0.224
26.5
max.
2.5
16
5.5
1.043max.
0.217
0.630
0.098
5.3
15.3
5.1
0.201
0.602
0.209
0.472
1.397m ax.
0.654
0.260
1.397m ax.
0.197
5
12
PCB type
Plug in type 1
0.315
0.106
0.705
0.331
0.331
0.705
0.315
0.331
0.705
0.315
Plug in type 2
1 Form A
(D)
(DR)
(R)
1 Form A
Double 87 Terminals
(D)
(DR)
(R)
1 Form C
(D)
(DR)
(R)
(D)
(DR)
(R)
1 Form U
1 Form C
DD Version
Connection diagrams
Fig. 2
Notes:
Plug in type 1 standard.
Plug in type 2 to special order - consult factory. MOQ’s will apply.
Plug-in
Plug-in with plastic bracket
Metal bracket, Option M1
Plug-in with weather skirt and metal bracket, Option S1
PCB terminals
Terminal layouts
0.8
0.031
6.3
0.248
2.1
0.083


Similar Part No. - DG56A-7011-35-1006-M1DR

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
DG56A AEC-DG56A Datasheet
390Kb / 3P
   PCB versions available
More results

Similar Description - DG56A-7011-35-1006-M1DR

ManufacturerPart #DatasheetDescription
logo
NEC
EQ131000S NEC-EQ131000S Datasheet
139Kb / 12P
   AUTOMOTIVE RELAYS
logo
American Electronic Com...
DG85D-JMPR AEC-DG85D-JMPR Datasheet
159Kb / 1P
   automotive relays
logo
Kemet Corporation
ET2 KEMET-ET2 Datasheet
369Kb / 9P
   AUTOMOTIVE RELAYS
2019.4.1
logo
NEC
ET2-B3M1S NEC-ET2-B3M1S Datasheet
129Kb / 12P
   AUTOMOTIVE RELAYS
logo
Willow Technologies Ltd
DG55 WILLOW-DG55 Datasheet
248Kb / 3P
   automotive relays
DG56C WILLOW-DG56C Datasheet
245Kb / 3P
   automotive relays
logo
NEC
EN2-1N1S NEC-EN2-1N1S Datasheet
193Kb / 12P
   AUTOMOTIVE RELAYS (Twin, Single) Relays
logo
American Electronic Com...
DG85G AEC-DG85G Datasheet
334Kb / 4P
   automotive / industrial relays
logo
TE Connectivity Ltd
ISO TEC-ISO Datasheet
483Kb / 2P
   Automotive Relays Accessories
logo
American Electronic Com...
DG85D AEC-DG85D Datasheet
503Kb / 4P
   automotive / industrial relays
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com