|
| NTE1917 |
|
||
|
NTE |
|
2 page
Electrical Characteristics (Cont’d): (VI = –10V, IO = 40mA, CI = 0.33µF, CO = 0.1µF, 0 ° < TJ < +125°C unless otherwise specified) Parameter Symbol Test Conditions Min Typ Max Unit Load Regulation Regload TJ = +25°C, 1mA ≤ IO ≤ 100mA – – 60 mV 1mA ≤ IO ≤ 40mA – – 30 mV Input Bias Current IIB TJ = +25°C – – 6.0 mA TJ = +125°C – – 5.5 mA Input Bias Current Change ∆IIB –8V ≥ VI ≥ –20V – – 1.5 mA 1mA ≤ IO ≤ 40mA – – 0.1 mA Output Noise Voltage Vn TA = +25°C, 10Hz ≤ f ≤ 100kHz – 40 – µV Long–Term Stability ∆VO/∆t – 12 – mV/1kHrs Ripple Rejection RR –8V ≥ VI ≥ –18V, f = 120Hz, TJ = +25°C 41 49 – dB Input–Output Voltage Differential |VI/VO| IO = 40mA, TJ = +25°C – 1.7 – V VOUT GND VIN .135 (3.45) Min Seating Plane .021 (.445) Dia Max .210 (5.33) Max .500 (12.7) Min .050 (1.27) .165 (4.2) Max .105 (2.67) Max .100 (2.54) .105 (2.67) Max .205 (5.2) Max |
|
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| NTE1913 | Integrated Circuit Negative 3 Terminal Voltage Regulator -5V 1.5A | 1 2 | NTE Electronics |
| NTE1907 | Integrated Circuit Negative 3 Terminal Voltage Regulator -18V 100mA | 1 2 | NTE Electronics |
| NTE1909 | Integrated Circuit Negative 3 Terminal Voltage Regulator -24V 100mA | 1 2 | NTE Electronics |
| NTE1903 | Integrated Circuit Negative 3 Terminal Voltage Regulator -12V 100mA | 1 2 | NTE Electronics |
| NTE1905 | Integrated Circuit Negative 3 Terminal Voltage Regulator -15V 100mA | 1 2 | NTE Electronics |
| NTE1906 | Integrated Circuit Positive 3 Terminal Voltage Regulator 18V 100mA | 1 2 | NTE Electronics |
| NTE1908 | Integrated Circuit Positive 3 Terminal Voltage Regulator 24V 100mA | 1 2 | NTE Electronics |
| NTE950 | Integrated Circuit Positive 3 Terminal Voltage Regulator 100mA | 1 2 3 | NTE Electronics |
| NTE981 | Integrated Circuit Positive 3 Terminal Voltage Regulator 100mA | 1 2 3 | NTE Electronics |
Link URL |
Sponsor of Alldatasheet |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |