Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XTR108EA Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # XTR108EA
Description  4-20mA, TWO-WIRE TRANSMITTER Smart Programmable with Signal Conditioning
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

XTR108EA Datasheet(HTML) 6 Page - Burr-Brown (TI)

Back Button XTR108EA Datasheet HTML 2Page - Burr-Brown (TI) XTR108EA Datasheet HTML 3Page - Burr-Brown (TI) XTR108EA Datasheet HTML 4Page - Burr-Brown (TI) XTR108EA Datasheet HTML 5Page - Burr-Brown (TI) XTR108EA Datasheet HTML 6Page - Burr-Brown (TI) XTR108EA Datasheet HTML 7Page - Burr-Brown (TI) XTR108EA Datasheet HTML 8Page - Burr-Brown (TI) XTR108EA Datasheet HTML 9Page - Burr-Brown (TI) XTR108EA Datasheet HTML 10Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
XTR108
6
SBOS187B
www.ti.com
TYPICAL CHARACTERISTICS
At TA = +25°C, V+ = 24V, unless otherwise noted. RVI = 6.34kΩ.
TRANSCONDUCTANCE vs FREQUENCY
1k
10k
100k 200k
100
Frequency (Hz)
70
60
50
40
30
20
10
0
–10
–20
–30
G = 400
G = 200
G = 6.25
G = 50
COMMON-MODE REJECTION vs FREQUENCY
100
1k
10k
100k
10
Frequency (Hz)
90
80
70
60
50
40
30
20
10
G = 6.25
G = 100
G = 400
I
ZERO VLOOP REJECTION RATIO vs FREQUENCY
100
10k
10
1k
Frequency (Hz)
100
90
80
70
60
50
40
30
20
I
REF VLOOP REJECTION RATIO vs FREQUENCY
100
10k
10
1k
Frequency (Hz)
120
110
100
90
80
70
60
I
REF vs TEMPERATURE
–50
–25
0
125
–75
50
75
100
25
Temperature (
°C)
492
490
488
486
I
OUT DRIFT AVERAGE
I
OUT Drift (µA/°C)
20%
18%
16%
14%
12%
10%
8%
6%
4%
2%
0%


Similar Part No. - XTR108EA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
XTR108EA BURR-BROWN-XTR108EA Datasheet
901Kb / 32P
   4-20mA, TWO-WIRE TRANSMITTER ?쏶mart??Programmable with Signal Conditioning
logo
Texas Instruments
XTR108EA TI-XTR108EA Datasheet
868Kb / 33P
[Old version datasheet]   4-20mA, TWO-WIRE TRANSMITTER Smart Programmable with Signal Conditioning
logo
Burr-Brown (TI)
XTR108EA-2K5 BURR-BROWN-XTR108EA-2K5 Datasheet
901Kb / 32P
   4-20mA, TWO-WIRE TRANSMITTER ?쏶mart??Programmable with Signal Conditioning
XTR108EA-2K5G4 BURR-BROWN-XTR108EA-2K5G4 Datasheet
901Kb / 32P
   4-20mA, TWO-WIRE TRANSMITTER ?쏶mart??Programmable with Signal Conditioning
logo
Texas Instruments
XTR108EA/2K5 TI-XTR108EA/2K5 Datasheet
868Kb / 33P
[Old version datasheet]   4-20mA, TWO-WIRE TRANSMITTER Smart Programmable with Signal Conditioning
More results

Similar Description - XTR108EA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
XTR108 TI-XTR108_15 Datasheet
868Kb / 33P
[Old version datasheet]   4-20mA, TWO-WIRE TRANSMITTER Smart Programmable with Signal Conditioning
logo
Burr-Brown (TI)
XTR108 BURR-BROWN-XTR108_12 Datasheet
901Kb / 32P
   4-20mA, TWO-WIRE TRANSMITTER ?쏶mart??Programmable with Signal Conditioning
IXR100 BURR-BROWN-IXR100 Datasheet
110Kb / 14P
   Isolated, Self-Powered, Temperature Sensor Conditioning 4-20mA TWO-WIRE TRANSMITTER
logo
Maxim Integrated Produc...
MAX1459 MAXIM-MAX1459 Datasheet
243Kb / 24P
   2-Wire, 4-20mA Smart Signal Conditioner
Rev 0; 1/00
logo
Texas Instruments
XTR101 TI1-XTR101_15 Datasheet
796Kb / 26P
[Old version datasheet]   Precision, Low Drift 4-20mA TWO-WIRE TRANSMITTER
logo
Burr-Brown (TI)
XTR101 BURR-BROWN-XTR101 Datasheet
195Kb / 15P
   Precision, Low Drift 4-20mA TWO-WIRE TRANSMITTER
logo
Texas Instruments
XTR101 TI-XTR101 Datasheet
736Kb / 25P
[Old version datasheet]   Precision, Low Drift 4-20mA TWO-WIRE TRANSMITTER
logo
National Semiconductor ...
LH0045 NSC-LH0045 Datasheet
456Kb / 12P
   TWO WIRE TRANSMITTER
logo
Texas Instruments
XTR108-DIE TI1-XTR108-DIE Datasheet
122Kb / 5P
[Old version datasheet]   TWO-WIRE TRANSMITTER
XTR117 TI-XTR117 Datasheet
187Kb / 11P
[Old version datasheet]   4-20mA Current-Loop Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com