Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G3DF Datasheet(PDF) 2 Page - Yangzhou yangjie electronic co., ltd

Part # G3DF
Description  General Purpose Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

G3DF Datasheet(HTML) 2 Page - Yangzhou yangjie electronic co., ltd

  G3DF Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd G3DF Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
扬州扬杰电子科技股份有限公司
Yangzhou Yangjie Electronic Technology Co., Ltd.
 
S-S665
Rev. 1.2,18-Jan-16
www.21yangjie.com
G3AF THRU G3MF
特性曲线(典型) Characteristics(Typical)
0
20
40
60
80
100
0.01
0.1
1.0
10
100
Voltage(%)
Tj=25
FIG4:Typical Reverse Characteristics
图4:反向电流曲线
0.4
0.6
0.8
1.0
1.2
1.4
0.01
0.02
0.05
VF(V)
图3:正向电压曲线
FIG3: Forward Voltage
0.1
1
2
4
6
0.5
Ta=25℃
0
0
0.5
Ta
)
1Io-Ta曲线
FIG1:Io-Ta Curve
160
单相半波60Hz
电阻负载
Single Phase
Half Wave 60Hz
Resistive Load
40
80
120
1.0
1.5
2.0
2.5
3.0
1
0
图2:耐正向浪涌电流曲线
2
5
10
20
50
100
15
FIG2:Surge Forward Current Capadility
Number of Cycles
30
45
60
75
90
105
8.3ms 正弦半波
8.3ms Single Half Sine Wave
JEDEC Method


Similar Part No. - G3DF

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
G3D GE-G3D Datasheet
52Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
New Jersey Semi-Conduct...
G3D NJSEMI-G3D Datasheet
89Kb / 1P
   Glass Passivated Junction Rectifier
logo
GREEGOO Electric Co.,Lt...
G3DA4810 GREEGOO-G3DA4810 Datasheet
476Kb / 2P
   AC SSR (10A and 60A) of all-in-one radiator
G3DA4825 GREEGOO-G3DA4825 Datasheet
476Kb / 2P
   AC SSR (10A and 60A) of all-in-one radiator
logo
Red Lion Controls. Inc
G3DN0000 REDLION-G3DN0000 Datasheet
1Mb / 8P
   10.4" COLOR TOUCHSCREEN
More results

Similar Description - G3DF

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
A451 POWEREX-A451 Datasheet
430Kb / 4P
   GENERAL PURPOSE RECTIFIER
IN4587 POWEREX-IN4587 Datasheet
640Kb / 4P
   General Purpose Rectifier
logo
Yangzhou yangjie electr...
GS3AB YANGJIE-GS3AB Datasheet
140Kb / 2P
   General Purpose Rectifier
logo
Comchip Technology
1N5400-G COMCHIP-1N5400-G Datasheet
50Kb / 2P
   General Purpose Rectifier
logo
Yangzhou yangjie electr...
RL251 YANGJIE-RL251 Datasheet
135Kb / 2P
   General Purpose Rectifier
logo
SiPower Inc.
SPAL00340LF SIPOWER-SPAL00340LF Datasheet
288Kb / 1P
   General Purpose Rectifier
logo
Suntan Capacitors
10A05 SUNTAN-10A05 Datasheet
270Kb / 2P
   GENERAL PURPOSE RECTIFIER
logo
Inchange Semiconductor ...
1N4590 ISC-1N4590 Datasheet
210Kb / 2P
   General Purpose Rectifier
logo
New Jersey Semi-Conduct...
IN4587 NJSEMI-IN4587 Datasheet
145Kb / 2P
   General Purpose Rectifier
logo
Yangzhou yangjie electr...
GS3A YANGJIE-GS3A Datasheet
148Kb / 2P
   General Purpose Rectifier
GS5A YANGJIE-GS5A_17 Datasheet
201Kb / 2P
   General Purpose Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com