Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBJ3504A Datasheet(PDF) 3 Page - Yangzhou yangjie electronic co., ltd

Part # GBJ3504A
Description  Bridge Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

GBJ3504A Datasheet(HTML) 3 Page - Yangzhou yangjie electronic co., ltd

  GBJ3504A Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd GBJ3504A Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd GBJ3504A Datasheet HTML 3Page - Yangzhou yangjie electronic co., ltd GBJ3504A Datasheet HTML 4Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
GBJ35005A THRU GBJ3510A
3 / 4
Yangzhou Yangjie Electronic Technology Co., Ltd.
S-B038
Rev. 2.1, 22-Sep-11
www.21yangjie.com
■ Outline Dimensions
6KBJ
Dim
Min
Max
A
29.7
30.3
B
19.7
20.3
C
17.0
18.0
D
4.8
5.8
E
3.8
4.2
F
7.3
7.7
G
9.8
10.2
H
0.9
1.1
I
2.0
2.4
J
2.3
2.7
K
3.4
3.8
L
4.4
4.8
M
10.8
11.2
N
3.1
3.7
O
3.1
3.4
P
0.6
0.8
Dimensions in millimeters
+
~
~
-
6KBJ
A
B
C
G
F
J
I
H
HOLE FOR NO.
6 SCREW
D
K
L
M
O
DIA
P
F
E
N


Similar Part No. - GBJ3504A

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
GBJ3504A DYELEC-GBJ3504A Datasheet
4Mb / 3P
   SINGLE PHASE 35AMP GLASS PASSIVATED BRIDGE RECTIFIER
logo
FutureWafer Tech Co.,Lt...
GBJ3504A FUTUREWAFER-GBJ3504A Datasheet
829Kb / 4P
   35A Bridge Rectifier
logo
RFE international
GBJ3504A RFE-GBJ3504A Datasheet
2Mb / 3P
   Bridge Rectifiers
1-11-2023
More results

Similar Description - GBJ3504A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MP610 ETC1-MP610 Datasheet
80Kb / 1P
   BRIDGE RECTIFIERS
logo
Fairchild Semiconductor
2KBP005M FAIRCHILD-2KBP005M Datasheet
42Kb / 3P
   Bridge Rectifiers
logo
Microsemi Corporation
VJ248M MICROSEMI-VJ248M Datasheet
89Kb / 2P
   Bridge Rectifiers
logo
Fairchild Semiconductor
GBU8A FAIRCHILD-GBU8A_04 Datasheet
47Kb / 3P
   Bridge Rectifiers
2KBP005M FAIRCHILD-2KBP005M_10 Datasheet
109Kb / 3P
   Bridge Rectifiers
MB1S FAIRCHILD-MB1S_09 Datasheet
173Kb / 3P
   Bridge Rectifiers
logo
America Semiconductor, ...
GBU10G AMERICASEMI-GBU10G Datasheet
421Kb / 2P
   BRIDGE RECTIFIERS
KBJ410G AMERICASEMI-KBJ410G Datasheet
639Kb / 2P
   BRIDGE RECTIFIERS
GBU15M AMERICASEMI-GBU15M Datasheet
399Kb / 2P
   BRIDGE RECTIFIERS
GBU6M AMERICASEMI-GBU6M Datasheet
677Kb / 2P
   BRIDGE RECTIFIERS
GBU6G AMERICASEMI-GBU6G Datasheet
698Kb / 2P
   BRIDGE RECTIFIERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com