Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBPC25-W01 Datasheet(PDF) 2 Page - Yangzhou yangjie electronic co., ltd

Part # KBPC25-W01
Description  Bridge Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

KBPC25-W01 Datasheet(HTML) 2 Page - Yangzhou yangjie electronic co., ltd

  KBPC25-W01 Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd KBPC25-W01 Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
扬州扬杰电子科技股份有限公司
Yangzhou Yangjie Electronic Technology Co., Ltd. 
www.21yangjie.com
S-C056
Rev.1.1,28-Apr-14
KBPC25005(W) THRU KBPC2510(W)
特性曲线(典型) Characteristics(Typical)
 
0
10
Tc(℃)
1:Io-Tc曲线
FIG1:Io-Tc Curve
20
30
50
150
100
0
 
 
 
 
 
 
 
0.4
0.6
0.8
1.0
1.2
1.4
0.1
0.2
0.5
VF(V)
图3:正向电压曲线
FIG3:Instantaneous Forward Voltage
1.0
10
20
40
60
5.0
0
20
40
60
80
100
0.01
0.1
1.0
10
100
Voltage(%)
Tj=125℃
Tj=25℃
FIG4:Typical Reverse Characteristics
图4:反向电流曲线
1
0
图2:耐正向浪涌电流曲线
2
5
10
20
50
100
200
400
600
正弦波
sine wave
0
不重复
non-repetitive
Ta=25℃
FIG2:Surge Forward Current Capadility
周波数
Number of Cycles
8.3ms 8.3ms
1 cycle


Similar Part No. - KBPC25-W01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KBPC25-00 ETC1-KBPC25-00 Datasheet
204Kb / 4P
   10 to 40 Amp SINGLE PHASE SILICON BRIDGE
KBPC25-01 ETC1-KBPC25-01 Datasheet
204Kb / 4P
   10 to 40 Amp SINGLE PHASE SILICON BRIDGE
KBPC25-02 ETC1-KBPC25-02 Datasheet
204Kb / 4P
   10 to 40 Amp SINGLE PHASE SILICON BRIDGE
KBPC25-04 ETC1-KBPC25-04 Datasheet
204Kb / 4P
   10 to 40 Amp SINGLE PHASE SILICON BRIDGE
KBPC25-08 ETC1-KBPC25-08 Datasheet
204Kb / 4P
   10 to 40 Amp SINGLE PHASE SILICON BRIDGE
More results

Similar Description - KBPC25-W01

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
MDS200 DGNJDZ-MDS200 Datasheet
313Kb / 2P
   Phase Rectifier Bridge Rectifier Bridge
logo
Semikron International
SK35D12F SEMIKRON-SK35D12F Datasheet
377Kb / 3P
   Bridge Rectifier
SKDT145 SEMIKRON-SKDT145_06 Datasheet
464Kb / 3P
   Bridge Rectifier
SK80D12F SEMIKRON-SK80D12F_08 Datasheet
435Kb / 3P
   Bridge Rectifier
logo
Zowie Technology Corpor...
Z4GP20JLH ZOWIE-Z4GP20JLH Datasheet
327Kb / 2P
   Bridge Rectifier
logo
Yangzhou yangjie electr...
SKBPC3504 YANGJIE-SKBPC3504 Datasheet
93Kb / 2P
   Bridge Rectifier
logo
Formosa MS
DBL101S FORMOSA-DBL101S Datasheet
158Kb / 2P
   Bridge Rectifier
KBPC10005 FORMOSA-KBPC10005 Datasheet
220Kb / 2P
   Bridge Rectifier
DB151 FORMOSA-DB151 Datasheet
1Mb / 6P
   Bridge Rectifier
logo
Sensitron
SCP-1839 SENSITRON-SCP-1839 Datasheet
80Kb / 2P
   RECTIFIER BRIDGE
logo
Semikron International
SKDT115 SEMIKRON-SKDT115 Datasheet
525Kb / 3P
   Bridge Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com