Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZL40813 Datasheet(PDF) 2 Page - Zarlink Semiconductor Inc

Part # ZL40813
Description  13.5GHz Fixed Modulus Dividers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL40813 Datasheet(HTML) 2 Page - Zarlink Semiconductor Inc

  ZL40813 Datasheet HTML 1Page - Zarlink Semiconductor Inc ZL40813 Datasheet HTML 2Page - Zarlink Semiconductor Inc ZL40813 Datasheet HTML 3Page - Zarlink Semiconductor Inc ZL40813 Datasheet HTML 4Page - Zarlink Semiconductor Inc ZL40813 Datasheet HTML 5Page - Zarlink Semiconductor Inc ZL40813 Datasheet HTML 6Page - Zarlink Semiconductor Inc ZL40813 Datasheet HTML 7Page - Zarlink Semiconductor Inc ZL40813 Datasheet HTML 8Page - Zarlink Semiconductor Inc ZL40813 Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
ZL40813/14/18
Data Sheet
2
Zarlink Semiconductor Inc.
Figure 2 - Pin Connections - Top View
1.0
Application Configuration
Figure 3 shows a recommended application configuration. This example shows the devices set up for single-ended
input and differential output operation.
Figure 3 - Recommended circuit configuration.
The above circuit diagram shows some components in dotted lines. These are optional in many applications.
1. C1 (10 µF) and C2 (10 nF) power supply decoupling capacitors may be available on the board already.
2. R2 (100 Ohm) and C8 (10 nF) can be included if further power supply decoupling is required for the first stage
biasing circuit. This may optimise the noise and jitter performance. The values are suggestions and may have
to be modified if the existing supplies are particularly noisy.
3. R1 (50 Ohm), in series with C5 (100 pF), may reduce feedthrough of the input signal to the output.
Vcc INPUT
INPUT
INPUT B
GND
Vcc OUTPUT
OUTPUT
OUTPUT B
GND
1
2
3
4
5
6
7
8
SOIC (N) E-Pad
1
2
3
4
8
7
6
5
R2:100 Ohm
R1:50 Ohm
C1:10uF
C2:10nF
C3:100pF
C8:10nF
C4:100pF
C5:100pF
C6:100pF
C7:100pF
RL:50 Ohm


Similar Part No. - ZL40813

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL40810 ZARLINK-ZL40810 Datasheet
574Kb / 13P
   10-GHz Fixed Modulus 첨 8
ZL40810DCE ZARLINK-ZL40810DCE Datasheet
574Kb / 13P
   10-GHz Fixed Modulus 첨 8
ZL40810DCF ZARLINK-ZL40810DCF Datasheet
574Kb / 13P
   10-GHz Fixed Modulus 첨 8
ZL40812 ZARLINK-ZL40812 Datasheet
525Kb / 13P
   10GHz Fixed Modulus 첨 16
ZL40812DCE ZARLINK-ZL40812DCE Datasheet
525Kb / 13P
   10GHz Fixed Modulus 첨 16
More results

Similar Description - ZL40813

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SP8718 ETC-SP8718 Datasheet
73Kb / 4P
   520MHz LOW CURRENT TWO-MODULUS DIVIDERS
logo
Zarlink Semiconductor I...
SP8716 ZARLINK-SP8716 Datasheet
265Kb / 6P
   520MHz LOW CURRENT TWO-MODULUS DIVIDERS
ZL40815 ZARLINK-ZL40815 Datasheet
519Kb / 14P
   10GHz Fixed Modulus DIVIDE 4
logo
Mitel Networks Corporat...
SP8902 MITEL-SP8902 Datasheet
95Kb / 6P
   5GHZ 첨2 Fixed Modulus Divider
logo
Zarlink Semiconductor I...
ZL40812 ZARLINK-ZL40812 Datasheet
525Kb / 13P
   10GHz Fixed Modulus 첨 16
SP8902 ZARLINK-SP8902 Datasheet
249Kb / 7P
   5GHZ/ 2 Fixed Modulus Divider
logo
Mitel Networks Corporat...
SP8908 MITEL-SP8908 Datasheet
94Kb / 6P
   5GHZ 48 Fixed Modulus Divider
logo
Zarlink Semiconductor I...
SP8808 ZARLINK-SP8808 Datasheet
441Kb / 5P
   3.3GHz 첨 Fixed Modulus Divider
ZL40800 ZARLINK-ZL40800 Datasheet
419Kb / 12P
   6 GHz Fixed Modulus Prescalers
logo
Mitel Networks Corporat...
SP8910 MITEL-SP8910 Datasheet
96Kb / 6P
   5GHZ 첨10 Fixed Modulus Divider
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com