Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AA1210DR-139M76L Datasheet(PDF) 5 Page - YAGEO Corporation

Part # AA1210DR-139M76L
Description  ANTI-SULFURATED CHIP RESISTORS AUTOMOTIVE GRADE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

AA1210DR-139M76L Datasheet(HTML) 5 Page - YAGEO Corporation

  AA1210DR-139M76L Datasheet HTML 1Page - YAGEO Corporation AA1210DR-139M76L Datasheet HTML 2Page - YAGEO Corporation AA1210DR-139M76L Datasheet HTML 3Page - YAGEO Corporation AA1210DR-139M76L Datasheet HTML 4Page - YAGEO Corporation AA1210DR-139M76L Datasheet HTML 5Page - YAGEO Corporation AA1210DR-139M76L Datasheet HTML 6Page - YAGEO Corporation AA1210DR-139M76L Datasheet HTML 7Page - YAGEO Corporation AA1210DR-139M76L Datasheet HTML 8Page - YAGEO Corporation AA1210DR-139M76L Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Chip Resistor Surface Mount
www.yageo.com
Dec. 08, 2015 V.3
Product specification
5
10
SERIES
AA
0201 to 2512
TYPE
RESISTANCE
RANGE
CHARACTERISTICS
Operating
Temperature Range
Max.
Working
Voltage
Max.
Overload
Voltage
Dielectric
Withstanding
Voltage
Temperature
Coefficient
of Resistance
Jumper Criteria
AA0201
5% (E24)
1Ω≤ R ≤ 22MΩ
(0201: Max. 10MΩ.
1218: Max. 1MΩ)
0.5%, 1% (E24/E96)
1Ω≤ R ≤10MΩ
(1218: Max. 1MΩ)
Jumper < 50mΩ
–55 °C to +155 °C
25V
50V
50V
1Ω ≤ R ≤ 10Ω ,
-100/+400 ppm/°C
10Ω < R ≤ 10 MΩ ,
± 300 ppm/°C
Rated Current 0.5A
Max. Current 1.0A
AA0402
50 V
100 V
100 V
1 Ω ≤ R ≤ 10 Ω ,
± 200 ppm/°C
10 Ω < R ≤ 10 MΩ ,
± 150 ppm/°C
10 MΩ < R ≤ 22 M
Ω , ±200 ppm/°C
Rated Current 1A
Max. Current 2A
AA0603
75V
150 V
150 V
Rated Current 1A
Max. Current 2A
AA0805
150 V
300 V
300 V
Rated Current 2A
Max. Current 5A
AA1206
200 V
400 V
500 V
Rated Current 2A
Max. Current 10A
AA1210
200 V
500 V
500 V
Rated Current 2A
Max. Current 10A
AA1218
200 V
500 V
500 V
Rated Current 6A
Max. Current 10A
AA2010
200 V
500 V
500 V
Rated Current 2A
Max. Current 10A
AA2512
200 V
500 V
500 V
Rated Current 2A
Max. Current 10A
E
EL
LE
EC
CT
TR
RIIC
CA
AL
L C
CH
HA
AR
RA
AC
CT
TE
ER
RIIS
ST
TIIC
CS
S
Table 2


Similar Part No. - AA1210DR-139M76L

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
AA1210DR-139M76 YAGEO-AA1210DR-139M76 Datasheet
666Kb / 10P
   ANTI-SULFURATED CHIP RESISTORS AUTOMOTIVE GRADE
More results

Similar Description - AA1210DR-139M76L

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
AA0201DR-071R YAGEO-AA0201DR-071R Datasheet
666Kb / 10P
   ANTI-SULFURATED CHIP RESISTORS AUTOMOTIVE GRADE
AF122FR-071R YAGEO-AF122FR-071R Datasheet
555Kb / 8P
   ANTI-SULFURATED CHIP RESISTORS
AF122-FR-07ORL YAGEO-AF122-FR-07ORL Datasheet
555Kb / 8P
   ANTI-SULFURATED CHIP RESISTORS
AF0201DR-071R YAGEO-AF0201DR-071R Datasheet
876Kb / 9P
   ANTI-SULFURATED CHIP RESISTORS
AF122-FR-071RL YAGEO-AF122-FR-071RL Datasheet
555Kb / 8P
   ANTI-SULFURATED CHIP RESISTORS
AF122-FR-070RL YAGEO-AF122-FR-070RL Datasheet
560Kb / 8P
   ANTI-SULFURATED CHIP RESISTORS
logo
Panasonic Semiconductor
ERJ-S02F1742X PANASONIC-ERJ-S02F1742X Datasheet
95Kb / 3P
   Anti-Sulfurated Thick Film Chip Resistors
ERJ-S02J103X PANASONIC-ERJ-S02J103X Datasheet
95Kb / 3P
   Anti-Sulfurated Thick Film Chip Resistors
ERJ-S02F2200X PANASONIC-ERJ-S02F2200X Datasheet
95Kb / 3P
   Anti-Sulfurated Thick Film Chip Resistors
ERJ-S06J750V PANASONIC-ERJ-S06J750V Datasheet
95Kb / 3P
   Anti-Sulfurated Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com