Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG85A-1011-76-1024-NILR Datasheet(PDF) 4 Page - Willow Technologies Ltd

Part # DG85A-1011-76-1024-NILR
Description  automotive / industrial relays
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

DG85A-1011-76-1024-NILR Datasheet(HTML) 4 Page - Willow Technologies Ltd

  DG85A-1011-76-1024-NILR Datasheet HTML 1Page - Willow Technologies Ltd DG85A-1011-76-1024-NILR Datasheet HTML 2Page - Willow Technologies Ltd DG85A-1011-76-1024-NILR Datasheet HTML 3Page - Willow Technologies Ltd DG85A-1011-76-1024-NILR Datasheet HTML 4Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DG85 series
automotive / industrial relays
Page 4 of 4
www.aecsensors.com
Sales Department Tel: (888) 847-6552
Notes:
1: All parameters, unless otherwise specified, are measured at ambient temperature of 23ºC.
2: Electrical life obtained at resistive or inductive load at 40A, 15VDC with suitable arc suppression circuit attached and with operating
frequency of 1 op/sec.
3: Maximum make current refers to lamp load inrush current.
8 0 A
1 0 0 A
Overall Dimensions - Plug-in types with optional brackets & skirts
Fig. 3
All dimensions in mm
Wiring Diagrams
Fig. 4
SPST-NO
SPST-NO with double
87 terminals
SPDT
(D)
(DR)
Ref: DG85 102315JHM
Specifications are liable to change without notice. E&OE
.
Max. DC resistive load breaking capacity
Max. DC resistive load breaking capacity
Fig. 5
Fig. 6
DG85A, DG85B
DG85C, DG85D
Ø5.5
Ø6.5


Similar Part No. - DG85A-1011-76-1024-NILR

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
DG85A AEC-DG85A Datasheet
503Kb / 2P
   automotive / industrial relays
More results

Similar Description - DG85A-1011-76-1024-NILR

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
DG85G AEC-DG85G Datasheet
334Kb / 4P
   automotive / industrial relays
DG85D AEC-DG85D Datasheet
503Kb / 4P
   automotive / industrial relays
DG85M AEC-DG85M Datasheet
339Kb / 4P
   automotive / industrial relays
DG85B AEC-DG85B Datasheet
503Kb / 4P
   automotive / industrial relays
DG85C AEC-DG85C Datasheet
503Kb / 4P
   automotive / industrial relays
DG85F AEC-DG85F Datasheet
503Kb / 4P
   automotive / industrial relays
DG85A AEC-DG85A Datasheet
503Kb / 2P
   automotive / industrial relays
logo
Willow Technologies Ltd
DG85M WILLOW-DG85M Datasheet
339Kb / 4P
   automotive / industrial relays
logo
American Electronic Com...
DP6-OC AEC-DP6-OC Datasheet
50Kb / 2P
   industrial relays
logo
Allen-Bradley
700S-CF440 ALLEN-BRADLEY-700S-CF440 Datasheet
250Kb / 5P
   Industrial Relays
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com