Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M33-2N Datasheet(PDF) 2 Page - Willow Technologies Ltd

Part # M33-2N
Description  DC Solid-State Relay
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

M33-2N Datasheet(HTML) 2 Page - Willow Technologies Ltd

  M33-2N Datasheet HTML 1Page - Willow Technologies Ltd M33-2N Datasheet HTML 2Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
M33-2N 2
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
© 2004 TELEDYNE RELAYS
M33-2N\042004\Q1
Series M33-2N
ENVIRONMENTAL SPECIFICATIONS
Min
Max
Units
Temperature Range
Operating (case) -55
+125
°C
Storage
-55
+125
°C
Vibration, 100 g
10
3000
Hz
Constant Acceleration
5000
g
Shock, 0.5 ms pulse
1500
g
LOAD CURRENT DERATING CURVE
FIGURE1
MAX OUTPUT CURRENT VS TIME
-55
°C TO +100°C CASE
FIGURE 3
MECHANICAL SPECIFICATIONS
TIMING DIAGRAM
FIGURE 2
NOTES:
1. 100 Amp max for 100
µsec pulse, non-repetitive.
2. 23.5 Amps, 100 msec pulse, 47 Vdc, 2
Ω load, 30 times at
2% duty cycle, 5 seconds between pulses.
3. 17.5 Amp, 100 msec pulse, 35 Vdc, 2
Ω load, 120 times at 1
second intervals, 10% duty cycle.
4. On-state resistance measured at 22A, 300
µsec pulse, 10
Hz repetition rate; for test purposes only, not a continuous
operating condition.
5. Input transitions are to be less than 1.0 msec duration.
6. Inductive loads should be diode suppressed.
7. For test purposes, input bias voltage shall be 5.0 Vdc.
8. The maximum recommended solder temperature is 220
°C
for 4 seconds.


Similar Part No. - M33-2N

ManufacturerPart #DatasheetDescription
logo
Advanced Energy Industr...
M330 ADVANCEDENERGY-M330 Datasheet
189Kb / 4P
   TYPICAL APPLICATIONS
logo
PETERMANN-TECHNIK
M3300 PETERMANN-M3300 Datasheet
134Kb / 3P
   HIGH RELIABILITY FOR LOW COST
logo
Heyco.
M3300 HEYCO-M3300 Datasheet
302Kb / 1P
   Tite Liquid Tight Cordgrips
logo
Keysight Technologies
M3300A KEYSIGHT-M3300A Datasheet
1Mb / 19P
   PXIe Arbitrary Waveform Generator and Digitizer Combo with Optional Real-Time Sequencing and FPGA Programming
M3300A KEYSIGHT-M3300A Datasheet
1Mb / 9P
   PXIe Digitizers with Optional Real-Time
More results

Similar Description - M33-2N

ManufacturerPart #DatasheetDescription
logo
celduc-relais
STD03510 CELDUC-STD03510 Datasheet
184Kb / 2P
   DC Solid State Relay
logo
Willow Technologies Ltd
SERIESCD WILLOW-SERIESCD Datasheet
746Kb / 4P
   DC Solid-State Relay
logo
celduc-relais
SGD15100 CELDUC-SGD15100 Datasheet
120Kb / 3P
   DC SOLID STATE RELAY
SPD03505 CELDUC-SPD03505 Datasheet
73Kb / 2P
   DC Solid State Relay
SPD07505 CELDUC-SPD07505 Datasheet
212Kb / 2P
   DC Solid State Relay
STD03505 CELDUC-STD03505 Datasheet
74Kb / 2P
   DC Solid State Relay
SCC10506 CELDUC-SCC10506 Datasheet
263Kb / 2P
   DC Solid State Relay
STD03205 CELDUC-STD03205 Datasheet
73Kb / 2P
   DC Solid State Relay
STD07205 CELDUC-STD07205 Datasheet
647Kb / 2P
   DC Solid State Relay
SCC11520 CELDUC-SCC11520 Datasheet
263Kb / 2P
   DC Solid State Relay
SGC CELDUC-SGC Datasheet
94Kb / 2P
   DC SOLID STATE RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com