Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RA2-3083-15-1018 Datasheet(PDF) 1 Page - Willow Technologies Ltd

Part # RA2-3083-15-1018
Description  Automotive PCB relays
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

RA2-3083-15-1018 Datasheet(HTML) 1 Page - Willow Technologies Ltd

  RA2-3083-15-1018 Datasheet HTML 1Page - Willow Technologies Ltd RA2-3083-15-1018 Datasheet HTML 2Page - Willow Technologies Ltd RA2-3083-15-1018 Datasheet HTML 3Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
124
www.relpol.com.pl
RA2
Automotive PCB relays
1C/O, 1NO, 2NO
AgSnO2
60 V / 60 V
1 V
10 mA
1C/O:
110 A / 50 A (1NO/1NC)
1NO:
110 A
2NO:
2 x 110 A
1C/O:
20 A / 12 A (1NO/1NC)
1NO:
20 A
2NO:
2 x 12,5 A
1C/O:
270 W / 162 W (1NO/1NC)
1NO:
270 W
2NO:
2 x 168 W
1 W
≤ 3 mΩ
900 cycles/hour
2 s ON / 2 s OFF
450 cycles/hour
2 s ON / 6 s OFF
120 cycles/hour
2 s ON / 30 s OFF
36 000 cycles/hour
5..48 V
≤ 0,6 U
n
≥ 0,15 U
n
see Table 1
1,44 W
60 V AC
500 V AC
500 V AC
≥ 1 mm
≥ 1 mm
10 ms
3 ms
1C/O:
> 105 20/12 A (1NO/1NC), 13,5 V DC
1NO:
> 105 20 A, 13,5 V DC
2NO:
> 105 2 x 12,5 A, 13,5 V DC
> 107
IP 00:
18,6 x 13,0 x 18,5 mm
IP 40:
20,5 x 15,3 x 19,7 mm
12 g
-40...+100 oC
-40...+85 oC
IP 40 or IP 00 (without housing)
max. 270 oC
max. 5 s
Contacts
Contact number & arrangement
Contact material
Max. switching voltage
AC/DC
Min. switching voltage
Min. switching current
Max. inrush current
Rated current
Max. breaking capacity
Min. breaking capacity
Resistance
Max. operating frequency
• at rated load
AC1
• at motor load
• at lamp load
• no load
Coil
Rated voltage
DC
Must operate voltage
Must release voltage
Operating range of supply voltage
Rated power consumption
DC
Insulation
Insulation rated voltage
Dielectric strength
• coil - contact
• contact - contact
Contact - coil distance
• clearance
• creepage
General data
Operating time (typical value)
Release time (typical value)
Electrical life
DC1
Mechanical life (cycles)
Dimensions (L x W x H)
Weight
Ambient temperature
• storing
• operating
Cover protection category
Solder bath temperature
Soldering time
• Cadmium - free contacts
• Miniature size
• Automotive applications
• High inrush current
• for PCB mounting
• Following relays versions are available:
RA2
- standard design,
RAW2 - narrow pin layout design
Standard contact material marked with bolt type.


Similar Part No. - RA2-3083-15-1018

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
RA2 ZETTLER-RA2 Datasheet
226Kb / 3P
   Cadmium - free contacts
logo
TOCOSAMERICA, INC.
RA20 TOCOS-RA20 Datasheet
516Kb / 4P
   20mm Diameter, Single-Turn,Wirewound Industrial Panel Controls
logo
List of Unclassifed Man...
RA200 ETC-RA200 Datasheet
661Kb / 1P
   RESISTORS ASSEMBLIES
RA2000 ETC-RA2000 Datasheet
661Kb / 1P
   RESISTORS ASSEMBLIES
logo
Okaya Electric America,...
RA201PMC6 OKAYA-RA201PMC6 Datasheet
253Kb / 2P
   SURGE PROTECTIVE DEVICES
More results

Similar Description - RA2-3083-15-1018

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
RA23081 ZETTLER-RA23081 Datasheet
221Kb / 3P
   Automotive PCB relays
logo
Tyco Electronics
V23081 MACOM-V23081 Datasheet
138Kb / 4P
   PCB relays Twin relays
logo
NEC
EQ131000S NEC-EQ131000S Datasheet
139Kb / 12P
   AUTOMOTIVE RELAYS
logo
Tyco Electronics
VKP-15H42 MACOM-VKP-15H42 Datasheet
228Kb / 6P
   PCB Relays Single Relays
Revised 6-2009
logo
American Electronic Com...
DG85D-JMPR AEC-DG85D-JMPR Datasheet
159Kb / 1P
   automotive relays
logo
Kemet Corporation
ET2 KEMET-ET2 Datasheet
369Kb / 9P
   AUTOMOTIVE RELAYS
2019.4.1
logo
Willow Technologies Ltd
DG56A WILLOW-DG56A Datasheet
390Kb / 3P
   automotive relays
logo
NEC
ET2-B3M1S NEC-ET2-B3M1S Datasheet
129Kb / 12P
   AUTOMOTIVE RELAYS
logo
Willow Technologies Ltd
DG55 WILLOW-DG55 Datasheet
248Kb / 3P
   automotive relays
DG56C WILLOW-DG56C Datasheet
245Kb / 3P
   automotive relays
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com