Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM54LS253 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DM54LS253
Description  TRI-STATE Data Selectors/Multiplexers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DM54LS253 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DM54LS253 Datasheet HTML 1Page - National Semiconductor (TI) DM54LS253 Datasheet HTML 2Page - National Semiconductor (TI) DM54LS253 Datasheet HTML 3Page - National Semiconductor (TI) DM54LS253 Datasheet HTML 4Page - National Semiconductor (TI) DM54LS253 Datasheet HTML 5Page - National Semiconductor (TI) DM54LS253 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Absolute Maximum Ratings (Note)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage
7V
Input Voltage
7V
Operating Free Air Temperature Range
DM54LS and 54LS
b
55 Cto a125 C
DM74LS
0 Cto a70 C
Storage Temperature Range
b
65 Cto a150 C
Note
The ‘‘Absolute Maximum Ratings’’ are those values
beyond which the safety of the device cannot be guaran-
teed The device should not be operated at these limits The
parametric values defined in the ‘‘Electrical Characteristics’’
table are not guaranteed at the absolute maximum ratings
The ‘‘Recommended Operating Conditions’’ table will define
the conditions for actual device operation
Recommended Operating Conditions
Symbol
Parameter
DM54LS253
DM74LS253
Units
Min
Nom
Max
Min
Nom
Max
VCC
Supply Voltage
45
5
55
475
5
525
V
VIH
High Level Input Voltage
2
2
V
VIL
Low Level Input Voltage
07
08
V
IOH
High Level Output Current
b
1
b
26
mA
IOL
Low Level Output Current
12
24
mA
TA
Free Air Operating Temperature
b
55
125
0
70
C
Electrical Characteristics over recommended operating free air temperature range (unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 1)
VI
Input Clamp Voltage
VCC e Min II eb18 mA
b
15
V
VOH
High Level Output
VCC e Min IOH e Max
DM54
24
34
V
Voltage
VIL e Max VIH e Min
DM74
24
31
VOL
Low Level Output
VCC e Min IOL e Max
DM54
04
Voltage
VIL e Max VIH e Min
DM74
05
V
IOL e 12 mA VCC e Min
DM74
04
II
Input Current
Max
VCC e Max VI e 7V
01
mA
Input Voltage
IIH
High Level Input Current
VCC e Max VI e 27V
20
m
A
IIL
Low Level Input Current
VCC e Max VI e 04V
b
04
mA
IOZH
Off-State Output Current
VCC e Max VO e 27V
with High Level Output
VIH e Min VIL e Max
20
m
A
Voltage Applied
IOZL
Off-State Output Current
VCC e Max VO e 04
with Low Level Output
VIH e Min VIL e Max
b
20
m
A
Voltage Applied
IOS
Short Circuit
VCC e Max
DM54
b
20
b
100
mA
Output Current
(Note 2)
DM74
b
20
b
100
ICC1
Supply Current
VCC e Max (Note 3)
7
12
mA
ICC2
Supply Current
VCC e Max (Note 4)
85
14
mA
Note 1
All typicals are at VCC e 5V TA e 25 C
Note 2
Not more than one output should be shorted at a time and the duration should not exceed one second
Note 3
ICC1 is measured with all outputs open and all the inputs grounded
Note 4
ICC2 is measured with the outputs open OUTPUT CONTROL at 45V and all other inputs grounded
2


Similar Part No. - DM54LS253

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DM54LS25 NSC-DM54LS25 Datasheet
153Kb / 6P
   8-Bit Addressable Latches
DM54LS251 NSC-DM54LS251 Datasheet
135Kb / 6P
   TRI-STATE Data Selectors/Multiplexers
DM54LS251J NSC-DM54LS251J Datasheet
135Kb / 6P
   TRI-STATE Data Selectors/Multiplexers
DM54LS251W NSC-DM54LS251W Datasheet
135Kb / 6P
   TRI-STATE Data Selectors/Multiplexers
logo
Texas Instruments
DM54LS257B TI1-DM54LS257B Datasheet
413Kb / 10P
[Old version datasheet]   TRI-STATE(RM) Quad 2-Data Selectors/Multiplexers
More results

Similar Description - DM54LS253

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DM54LS251 NSC-DM54LS251 Datasheet
135Kb / 6P
   TRI-STATE Data Selectors/Multiplexers
54LS257A NSC-54LS257A Datasheet
163Kb / 8P
   TRI-STATE Quad 2-Data Selectors/Multiplexers
logo
Texas Instruments
54LS257 TI1-54LS257 Datasheet
413Kb / 10P
[Old version datasheet]   TRI-STATE(RM) Quad 2-Data Selectors/Multiplexers
logo
National Semiconductor ...
DM74253 NSC-DM74253 Datasheet
167Kb / 4P
   TRI-STATE 1 of 8 Line Data Selectors/Multiplexers
DM74251 NSC-DM74251 Datasheet
188Kb / 4P
   TRI-STATE 1 of 8 Line Data Selectors/Multiplexers
DM54S257 NSC-DM54S257 Datasheet
153Kb / 8P
   TRI-STATE QUAD 1 OF 2 DATA SELECTORS / MULTIPLEXERS
logo
Texas Instruments
SN74150J TI-SN74150J Datasheet
1Mb / 25P
[Old version datasheet]   DATA SELECTORS/MULTIPLEXERS
logo
Fairchild Semiconductor
DM74150 FAIRCHILD-DM74150 Datasheet
47Kb / 4P
   Data Selectors/Multiplexers
logo
Texas Instruments
SN54150 TI1-SN54150_16 Datasheet
1Mb / 24P
[Old version datasheet]   DATA SELECTORS/MULTIPLEXERS
logo
Fairchild Semiconductor
DM74LS257B FAIRCHILD-DM74LS257B Datasheet
56Kb / 5P
   3-STATE Quad 2-Data Selectors/Multiplexers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com