Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H1JL Datasheet(PDF) 1 Page - Yangzhou yangjie electronic co., ltd

Part # H1JL
Description  High Efficient Rectifier Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

H1JL Datasheet(HTML) 1 Page - Yangzhou yangjie electronic co., ltd

  H1JL Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd H1JL Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
H1AL THRU H1ML
高效整流二极管 High Efficient Rectifier Diode
■特征 Features
■外形尺寸
Outline Dimensions and Mark
Io
1.0A
VRRM
50V~1000V
玻璃钝化芯片
Glass passivated chip
耐正向浪涌电流能力高
High surge forward current capability
用途 Applications
作一般电源单相整流
For general power supply
single-phase rectifier
极限值(绝对最大额定值)
Limiting Values(Absolute Maximum Rating)
参数名称
Item
符号
Symbol
单位
Unit
条件
Conditions
H1
AL
BL
DL
GL
JL
KL ML
反向重复峰值电压
Repetitive Peak Reverse
Voltage
VRRM
V
50
100 200 400 600 800 1000
平均整流输出电流
Average Rectified Output
Current
IO
A
60Hz单向半波,电阻负载,Ta=75℃
60Hz One-way half-wave, R-load,Ta=75℃
1.0
正向(不重复)浪涌电流
Surge(Non-repetitive)
Forward Current
IFSM
A
60HZ正弦波,一个周期,Tj=25℃
60HZ sine wave, 1 cycle, Tj=25℃
30
存储温度
Storage Temperature
Tstg
-55 ~+150
结温
Junction Temperature
Tj
-55 ~+150
电特性 (Ta=25℃ 除非另有规定)
Electrical Characteristics(Ta=25℃ Unless otherwise specified)
参数名称
Item
符号
Symbol
单位
Unit
测试条件
Test Condition
H1
AL
BL
DL
GL
JL
KL ML
正向峰值电压
Peak Forward Voltage
VFM
V
IFM=1.0A
1.0
1.3
1.7
最大反向恢复时间
Maximum reverse recovery
time
t
rr
ns
IF=0.5A,IR=1.0A,IRR=0.25A
50
75
反向峰值电流
Peak Reverse Current
IRRM
μA
VRM=VRRM , Ta=25℃
5
热阻
Thermal Resistance
RθJ-L
℃/W
结和引线之间
Between junction and lead
15
Dimensions in inches and (millimeters)
SOD-123HE
.035(0.90)
.028(0.70)
.008(0.20)
.004(0.10)
.075(1.90)
.067(1.70)
.002(0.05)
.001(0.02)
.043(1.10)
.035(0.90)
COMPLIANT
RoHS
 
扬州扬杰电子科技股份有限公司
Yangzhou Yangjie Electronic Technology Co., Ltd.
www.21yangjie.com
S-S363
Rev. 1.0, 30-Mar-15


Similar Part No. - H1JL

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
H1J YANGJIE-H1J Datasheet
152Kb / 2P
   High Efficient Rectifier Diode
logo
First Silicon Co., Ltd
H1J FS-H1J Datasheet
237Kb / 2P
   High Efficient Rectifier D iode
logo
RFE international
H1J RFE-H1J Datasheet
1Mb / 3P
   Surface Mount High Efficient Rectifier H1A THRU H1M
07-21-2020
logo
Yangzhou yangjie electr...
H1JF YANGJIE-H1JF Datasheet
104Kb / 2P
   High Efficient Rectifier Diode
logo
RFE international
H1JFS RFE-H1JFS Datasheet
2Mb / 3P
   Surface Mount High Efficiency Rectifier H1AFS Through H1MFS
07-21-2020
More results

Similar Description - H1JL

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
H1A YANGJIE-H1A Datasheet
152Kb / 2P
   High Efficient Rectifier Diode
H2AF YANGJIE-H2AF Datasheet
105Kb / 2P
   High Efficient Rectifier Diode
H1AF YANGJIE-H1AF Datasheet
104Kb / 2P
   High Efficient Rectifier Diode
logo
Comchip Technology
MUR160 COMCHIP-MUR160 Datasheet
80Kb / 2P
   Efficient Fast Rectifier Diode
logo
Yangzhou yangjie electr...
HER601 YANGJIE-HER601_11 Datasheet
133Kb / 2P
   High Efficient Rectifier
HER501 YANGJIE-HER501 Datasheet
192Kb / 2P
   High Efficient Rectifier
HER501G YANGJIE-HER501G Datasheet
188Kb / 2P
   High Efficient Rectifier
HER201G YANGJIE-HER201G Datasheet
210Kb / 2P
   High Efficient Rectifier
HER301 YANGJIE-HER301 Datasheet
209Kb / 2P
   High Efficient Rectifier
HS2GA YANGJIE-HS2GA_17 Datasheet
161Kb / 2P
   High Efficient Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com