Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM41L-1011-25-5006 Datasheet(PDF) 3 Page - Willow Technologies Ltd

Part # DM41L-1011-25-5006
Description  pcb power relay
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

DM41L-1011-25-5006 Datasheet(HTML) 3 Page - Willow Technologies Ltd

  DM41L-1011-25-5006 Datasheet HTML 1Page - Willow Technologies Ltd DM41L-1011-25-5006 Datasheet HTML 2Page - Willow Technologies Ltd DM41L-1011-25-5006 Datasheet HTML 3Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DM41
pcb power relay
American Electronic Components Inc., 1101 Lafayette St. Elkhart, IN46516
Page 3 of 3
www.durakoolrelays.com
Sales Department Tel: (888) 847-6552
Coil Temperature Rise
Coil Power (W)
60
50
40
30
20
10
0
0.2
0.4
0.6
0.8
Operate / Release Time
Coil Power (W)
Operate Time
Release Time
0.2
0.4
0.6
0.8
12
10
8
6
4
2
0
Overall Dimensions
Fig. 1
PCB Mounting Dimensions
Fig. 2
Wiring Diagrams (Bottom View)
Mounting Holes (Bottom View)
Dimensions in mm
Reference Curves
Fig. 3
Specifications are subject to change without notice. E&OE.
Ref: DM41 020817JHM
5.0
5.0
Standard
Type L


Similar Part No. - DM41L-1011-25-5006

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
DM41 AEC-DM41 Datasheet
249Kb / 3P
   pcb power relay
logo
Murata Manufacturing Co...
DM4100D MURATA-DM4100D Datasheet
393Kb / 8P
   Micro-Bussable 4쩍-Digit DPM with 3-State BCD Outputs
DM4101D MURATA-DM4101D Datasheet
3Mb / 9P
   Micro-Bussable 4-1/2 Digit Digital Panel Meter
DM4101L MURATA-DM4101L Datasheet
242Kb / 6P
   4쩍-Digit DPM with BCD Outputs
DM4101N MURATA-DM4101N Datasheet
219Kb / 5P
   4쩍 Digit Differential LED Digital Panel Meter
More results

Similar Description - DM41L-1011-25-5006

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6D-1A OMRON-G6D-1A Datasheet
125Kb / 4P
   Power PCB Relay
logo
American Electronic Com...
DM85-INRUSH AEC-DM85-INRUSH Datasheet
210Kb / 2P
   pcb power relay
logo
Willow Technologies Ltd
DG05 WILLOW-DG05 Datasheet
172Kb / 2P
   pcb power relay
logo
American Electronic Com...
DM43 AEC-DM43 Datasheet
261Kb / 3P
   pcb power relay
DM44 AEC-DM44 Datasheet
236Kb / 2P
   pcb power relay
logo
Tyco Electronics
RT2 MACOM-RT2 Datasheet
246Kb / 3P
   Power PCB Relay
42900 MACOM-42900 Datasheet
271Kb / 3P
   Power PCB Relay
logo
Omron Electronics LLC
G8PT OMRON-G8PT Datasheet
2Mb / 8P
   Power PCB Relay
G4W OMRON-G4W Datasheet
180Kb / 6P
   PCB Power Relay
G2R OMRON-G2R Datasheet
562Kb / 14P
   Power PCB Relay
G2R-1A-DC12 OMRON-G2R-1A-DC12 Datasheet
656Kb / 12P
   Power PCB Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com