Selected language     English  ▼


STK12C68-5K45M Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part No. STK12C68-5K45M
Description  CMOS NV SRAM 8K X 8 AUTOSTORE NONVOLATILE STATIC RAM
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC [List of Unclassifed Manufacturers]
Homepage  
Logo 

 
 5 page
background image
STK12C68-M
4-57
Note e:
These parameters guaranteed but not tested.
Note n:
HSB is an I/O that has a weak internal pullup; it is basically an open drain output. It is meant to allow up to 32 STK12C68-Ms to be ganged together for
simultaneous storing. Do not use HSB to pullup any external circuitry other than other STK12C68-M HSB pins.
Note o:
A RECALL cycle is initiated automatically at power up when V
CC exceeds VSWITCH. tRECALL is measured from the point at which VCC exceeds 4.5V.
22
tRECALL
RECALL Cycle Duration
20
µs
Note o
23
tSTORE
tHLHH
STORE Cycle Duration
10
ms
VCC ≥ 4.5V
24
tDELAY
tHLQZ
HSB Low to Inhibit On
1
µs
25
t
RECOVER
t
HHQX
HSB High to Inhibit Off
300
ns
Note e
26
t
ASSERT
t
HLHX
External
STORE Pulse Width
250
ns
Note e
VSWITCH
Low Voltage Trigger Level
4.0
4.5
V
IHSB_OL
HSB Output Low Current
3
mA
HSB = VOL, Note e, n
IHSB_OH
HSB Output High Current
5
60
µA
HSB = VIL, Note e, n
NONVOLATILE MEMORY OPERATION
MODE SELECTION
H
X
H
X
Not Selected
Output High Z
Standby
L
H
H
X
Read SRAM
Output Data
Active
l
L
L
H
X
Write SRAM
Input Data
Active
L
H
H
0000
Read SRAM
Output Data
Active
k,l
1555
Read SRAM
Output Data
k,l
0AAA
Read SRAM
Output Data
k,l
1FFF
Read SRAM
Output Data
k,l
10F0
Read SRAM
Output Data
k,l
0F0F
Nonvolatile
STORE
Output High Z
k
L
H
H
0000
Read SRAM
Output Data
Active
k,l
1555
Read SRAM
Output Data
k,l
0AAA
Read SRAM
Output Data
k,l
1FFF
Read SRAM
Output Data
k,l
10F0
Read SRAM
Output Data
k,l
0F0E
Nonvolatile
RECALL
Output High Z
k
XX
L
X
STORE/Inhibit
Output High Z
ICC /Standby
m
E
W
HSB
A12 - A0(hex)
MODE
I/O
POWER
NOTES
Note k: The six consecutive addresses must be in order listed - (0000, 1555, 0AAA, 1FFF, 10F0, 0F0F) for a
STORE cycle or (0000, 1555, 0AAA, 1FFF, 10F0,
0F0E) for a
RECALL cycle. W must be high during all six consecutive cycles. See STORE cycle and RECALL cycle tables and diagrams for further details.
Note l:
I/O state assumes that G
≤ V
IL. Activation of nonvolatile cycles does not depend on the state of G.
Note m: HSB initiated
STORE operation actually occurs only if a WRITE has been done since last STORE operation. After the STORE (if any) completes, the
part will go into standby mode inhibiting all operation until HSB rises.
HARDWARE
STORE /RECALL
SYMBOLS
NO.
PARAMETER
MIN
MAX
UNITS
NOTES
2
HSB
W
RECALL
STORE
SRAM
Inhibit
Software STORE
HSB Initiated STORE
Power Down STORE
Brown Out RECALL
Power Up RECALL
VSWITCH
VCAP
24
tDELAY
26
tASSERT
22
tRECALL
24
tDELAY
25
tRECOVER
23
tSTORE
23
tSTORE
23
tSTORE
HARDWARE
STORE /RECALL




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
STK14C8832K x 8 AutoStore nvSRAM QuantumTrap CMOS Nonvolatile Static RAM 1 2 3 4 5 MoreList of Unclassifed Manufacturers
NTE6508Integrated Circuit CMOS 1K Static RAM SRAM 1 2 3 4 NTE Electronics
CAT22C10256-Bit Nonvolatile CMOS Static RAM 1 2 3 4 5 MoreCatalyst Semiconductor
STK15C8832K x 8 AutoStore nvSRAM High Performance CMOS Nonvolatile Static RAM 1 2 3 4 5 MoreList of Unclassifed Manufacturers
STK12C68-C208k x 8 AUTOSTORE NVSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM 1 2 3 4 5 MoreList of Unclassifed Manufacturers
STK25CA8128K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM Module 1 2 3 4 5 MoreList of Unclassifed Manufacturers
CAT24C44256-Bit Serial Nonvolatile CMOS Static RAM 1 2 3 4 5 MoreCatalyst Semiconductor
STK14D8832K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM 1 2 3 4 5 MoreList of Unclassifed Manufacturers
STK14C88-M32K x 8 AUTOSTORE nvSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM 1 2 3 4 5 MoreList of Unclassifed Manufacturers
STK12C68-IMCMOS nvSRAM 8K x 8 AutoStore Nonvolatile Static RAM Industrial Temperature/Military Screen 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl