Selected language     English  ā–¼


STK12C68-5K45M Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part No. STK12C68-5K45M
Description  CMOS NV SRAM 8K X 8 AUTOSTORE NONVOLATILE STATIC RAM
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC [List of Unclassifed Manufacturers]
Homepage  
Logo 

 
 9 page
background image
STK12C68-M
4-61
access cycle time is longer than 55ns.
Figure 2 below
shows the relationship between I
CC and access times
for READ cycles. All remaining inputs are assumed to
cycle, and current consumption is given for all inputs at
CMOS
or TTL levels.
Figure 3 shows the same relation-
ship for WRITE cycles.
When E is HIGH, the chip
consumes only standby currents, and these plots do
not apply.
The cycle time used in
Figure 2 corresponds to the
length of time from the later of the last address transi-
tion or E going LOW to the earlier of E going HIGH or the
next address transition. W is assumed to be HIGH,
while the state of G does not matter. Additional current
is consumed when the address lines change state
while E is asserted. The cycle time used in
Figure 3
corresponds to the length of time from the later of W or
E going LOW to the earlier of W or E going HIGH.
The overall average current drawn by the part depends
on the following items: 1) CMOS or TTL input levels; 2)
the time during which the chip is disabled (E HIGH); 3)
the cycle time for accesses (E LOW); 4) the ratio of
reads to writes; 5) the operating temperature; 6) the
V
CC level; and 7) output load.
WRITE
operation has taken place since the most recent
STORE
cycle. Note that if HSB is driven low via external
circuitry and no WRITEs have taken place, the part will
still be disabled until HSB is allowed to return HIGH.
Software initiated STORE cycles are performed regard-
less of whether or not a WRITE operation has taken
place.
PREVENTING AUTOMATIC STORES
The
AutoStoreā„¢ function can be disabled on the fly by
holding HSB HIGH with a driver capable of sourcing
15mA at a VOH of at least 2.2V as it will have to
overpower the internal pull-down device that drives
HSB low for 50ns at the onset of an
AutoStoreā„¢.
When
the
STK12C68-M
is
connected
for
AutoStoreā„¢operation (system V
CC connected to VCCX
and a 100uF capacitor on V
CAP) and VCC crosses
V
SWITCH on the way down, the STK12C68 will attempt
to pull HSB LOW ; if HSB doesn't actually get below V
IL,
the part will stop trying to pull HSB LOW and abort the
AutoStoreā„¢attempt.
LOW AVERAGE ACTIVE POWER
The STK12C68-M has been designed to draw signifi-
cantly less power when E is LOW (chip enabled) but the
100
80
60
40
20
50
100
150
200
0
TTL
CMOS
Cycle Time (ns)
100
80
60
40
20
50
100
150
200
0
TTL
CMOS
Cycle Time (ns)
1
28
26
V
V
HSB
CAP
CCX
VSS
14
0.1uF
Bypass
100uF
Ā± 20%
+
Power
Supply
10K Ohms
(optional)
nvSRAM
Note: Typical at 25
Ā° C
Figure 1
Schematic Diagram
Figure 2
ICC (Max) Reads
Figure 3
ICC (Max) Writes




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
STK14C8832K x 8 AutoStore nvSRAM QuantumTrap CMOS Nonvolatile Static RAM 1 2 3 4 5 MoreList of Unclassifed Manufacturers
NTE6508Integrated Circuit CMOS 1K Static RAM SRAM 1 2 3 4 NTE Electronics
CAT22C10256-Bit Nonvolatile CMOS Static RAM 1 2 3 4 5 MoreCatalyst Semiconductor
STK15C8832K x 8 AutoStore nvSRAM High Performance CMOS Nonvolatile Static RAM 1 2 3 4 5 MoreList of Unclassifed Manufacturers
STK12C68-C208k x 8 AUTOSTORE NVSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM 1 2 3 4 5 MoreList of Unclassifed Manufacturers
STK25CA8128K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM Module 1 2 3 4 5 MoreList of Unclassifed Manufacturers
CAT24C44256-Bit Serial Nonvolatile CMOS Static RAM 1 2 3 4 5 MoreCatalyst Semiconductor
STK14D8832K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM 1 2 3 4 5 MoreList of Unclassifed Manufacturers
STK14C88-M32K x 8 AUTOSTORE nvSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM 1 2 3 4 5 MoreList of Unclassifed Manufacturers
STK12C68-IMCMOS nvSRAM 8K x 8 AutoStore Nonvolatile Static RAM Industrial Temperature/Military Screen 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl