Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3058 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX3058
Description  5V, 1Mbps, Low Supply Current CAN Transceivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3058 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX3058 Datasheet HTML 1Page - Maxim Integrated Products MAX3058 Datasheet HTML 2Page - Maxim Integrated Products MAX3058 Datasheet HTML 3Page - Maxim Integrated Products MAX3058 Datasheet HTML 4Page - Maxim Integrated Products MAX3058 Datasheet HTML 5Page - Maxim Integrated Products MAX3058 Datasheet HTML 6Page - Maxim Integrated Products MAX3058 Datasheet HTML 7Page - Maxim Integrated Products MAX3058 Datasheet HTML 8Page - Maxim Integrated Products MAX3058 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
General Description
The MAX3058/MAX3059 interface between the con-
troller area network (CAN) protocol controller and the
physical wires of the bus lines in a CAN. They are pri-
marily intended for printer and telecom backplane appli-
cations requiring data rates up to 1Mbps. These
devices provide differential transmit capability to the bus
and differential receive capability to the CAN controller.
The MAX3058 output common-mode range is from -7V
to +12V. The MAX3059 output common-mode range is
from 0V to VCC. The MAX3059 contains an internal
switch termination resistor that makes it ideal for JetLink
applications.
The MAX3058 features four different modes of opera-
tion: high speed, slope control, standby, and shutdown.
The MAX3059 features three different modes of opera-
tion: high speed, slope control, and shutdown. High-
speed mode allows data rates up to 1Mbps. In
slope-control mode, the slew rate may be optimized for
data rates up to 500kbps, so the effects of EMI are
reduced, and unshielded twisted or parallel cable can
be used. In standby mode, the transmitters are shut off
and the receivers are put into low-current mode. In
shutdown mode, the transmitter and receiver are
switched off.
The MAX3058/MAX3059 are available in an 8-pin SO
package and are specified over the -40
°C to +125°C
temperature range.
Applications
Printers JetLink
Industrial Control Networks
Telecom Backplane
Consumer Applications
Features
o Four Operating Modes
High-Speed Operation Up to 1Mbps
Slope-Control Mode to Reduce EMI (40kbps to
500kbps)
Low-Current Shutdown Mode
Standby Mode (MAX3058 Only)
o Thermal Shutdown
o Current Limiting
o ESD Protection
±12kV Human Body Model
5V, 1Mbps, Low Supply Current
CAN Transceivers
________________________________________________________________ Maxim Integrated Products
1
Ordering Information
19-2939; Rev 1; 9/03
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP RANGE
PIN-PACKAGE
MAX3058ASA
-40
°C to +125°C
8 SO
MAX3059ASA
-40
°C to +125°C
8 SO
CANL
SHDN
RXD
1
2
8
7
RS
CANH
GND
VCC
TXD
SO
TOP VIEW
3
4
6
5
MAX3058
CANL
TERM
RXD
1
2
8
7
RS
CANH
GND
VCC
TXD
SO
3
4
6
5
MAX3059
Pin Configurations
PART
TERMINATION
RESISTOR
STANDBY
MAX3058ASA
No
Yes
MAX3059ASA
Yes
No
Selector Guide
Typical Operating Circuit appears at end of data sheet.


Similar Part No. - MAX3058

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3050 MAXIM-MAX3050 Datasheet
360Kb / 12P
   짹80V Fault-Protected, 2Mbps, Low Supply Current CAN Transceivers
Rev 0; 10/02
MAX3050-MAX3057 MAXIM-MAX3050-MAX3057 Datasheet
360Kb / 12P
   짹80V Fault-Protected, 2Mbps, Low Supply Current CAN Transceivers
Rev 0; 10/02
MAX3050ASA MAXIM-MAX3050ASA Datasheet
360Kb / 12P
   짹80V Fault-Protected, 2Mbps, Low Supply Current CAN Transceivers
Rev 0; 10/02
MAX3050ASA MAXIM-MAX3050ASA Datasheet
1Mb / 12P
   ±80V Fault-Protected, 2Mbps, Low-Supply Current CAN Transceivers
Rev 1; 6/14
MAX3050 MAXIM-MAX3050_14 Datasheet
1Mb / 12P
   ±80V Fault-Protected, 2Mbps, Low-Supply Current CAN Transceivers
Rev 1; 6/14
More results

Similar Description - MAX3058

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3051 MAXIM-MAX3051 Datasheet
191Kb / 13P
   3.3V, 1Mbps, Low-Supply-Current CAN Transceiver
MAX3051 MAXIM-MAX3051_15 Datasheet
651Kb / 12P
   3.3V, 1Mbps, Low-Supply-Current CAN Transceiver
Rev 3; 2/15
MAX3051 MAXIM-MAX3051_V01 Datasheet
719Kb / 13P
   3.3V, 1Mbps, Low-Supply-Current CAN Transceiver
19-3274; Rev 5; 9/18
MAX3227EEAE MAXIM-MAX3227EEAE Datasheet
942Kb / 19P
   1muA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers
Rev 5; 2/11
MAX3050 MAXIM-MAX3050 Datasheet
360Kb / 12P
   짹80V Fault-Protected, 2Mbps, Low Supply Current CAN Transceivers
Rev 0; 10/02
MAX3050 MAXIM-MAX3050_14 Datasheet
1Mb / 12P
   ±80V Fault-Protected, 2Mbps, Low-Supply Current CAN Transceivers
Rev 1; 6/14
logo
Holt Integrated Circuit...
HI-3001 HOLTIC-HI-3001 Datasheet
87Kb / 13P
   1Mbps Avionics CAN Transceiver 1Mbps Avionics CAN Transceiver
logo
Maxim Integrated Produc...
MAX3224 MAXIM-MAX3224_11 Datasheet
251Kb / 19P
   1μA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 5; 2/11
MAX3224 MAXIM-MAX3224 Datasheet
235Kb / 20P
   1uA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 1; 3/98
MAX3224 MAXIM-MAX3224_14 Datasheet
430Kb / 19P
   1μA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 5; 2/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com