Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDS-4312 Datasheet(PDF) 3 Page - ORing Industrial Networking Corp

Part # IDS-4312
Description  Industrial 1 secure serial port
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORING [ORing Industrial Networking Corp]
Direct Link  http://www.oringnet.com/
Logo ORING - ORing Industrial Networking Corp

IDS-4312 Datasheet(HTML) 3 Page - ORing Industrial Networking Corp

  IDS-4312 Datasheet HTML 1Page - ORing Industrial Networking Corp IDS-4312 Datasheet HTML 2Page - ORing Industrial Networking Corp IDS-4312 Datasheet HTML 3Page - ORing Industrial Networking Corp IDS-4312 Datasheet HTML 4Page - ORing Industrial Networking Corp IDS-4312 Datasheet HTML 5Page - ORing Industrial Networking Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
* All specifications are subject to change without notice.
Designed for Rugged Excellence
Specifications
ORing Device Server Model
IDS-4312
IDS-4312+
Physical Ports
10/100 Base-T(X) Ports in RJ45
Auto MDI/MDIX
2
P.O.E.
P.O.E.Present at ETH1
Power Device (IEEE 802.3af):
IEEE 802.3af compliant input interface
Over load & short circuit protection
Isolation Voltage: 1000 VDC min.
Isolation Resistance : 108 ohms min
WLAN feature
Operation Mode
Client
Antenna and Connector
1 x External reverse SMA-type antenna connector
Radio Frequency Type
DSSS, OFDM
Modulation
IEEE802.11b: CCK, DQPSK, DBPSK
IEEE802.11g/n: OFDM with BPSK, QPSK, 16QAM, 64QAM
Frequency Band
America / FCC: 2.412~2.462 GHz (11 channels )
Europe CE / ETSI: 2.412~2.472 GHz ( 13 channels )
Transmission Rate
802.11b: 1/2/5.5/11 Mbps
802.11g: 6/9/12/18/24/36/48/54 Mbps
802.11n(40MHz): UP to 150 Mbps
Transmit Power
802.11b: 13.5dBm ± 1.5dBm
802.11g: 13.5dBm ± 1.5dBm
802.11n(2.4G@20MHz): 13.5dBm ± 1.5dBm
802.11n(2.4G@40MHz): 13.5dBm ± 1.5dBm
Receive Sensitivity
802.11b: -90dBm ± 2dBm@1Mbps
802.11g: -72dBm ± 2dBm@54Mbps
802.11n(2.4G@40MHz,MCS7): -68dBm ± 2dBm
Encryption Security
WEP: (64-bit, 128-bit key supported)
WPA/WPA2:802.11i (WEP and AES encryption)
WPA-PSK (256-bit key pre-shared key supported)
802.1X Authentication supported
Serial Ports
Connector
DB9 x 1
Operation Mode
RS-232/422/485
Serial Baud Rate
110 bps to 460.8 Kbps
Data Bits
7, 8
Parity
odd, even, none, mark, space
Stop Bits
1, 1.5, 2
RS-232
TxD, RxD, RTS, CTS, DTR, DSR, DCD, RI, GND
Flow Control
XON/XOFF, RTS/CTS, DTR/DSR
Network Protocol
Protocol
ICMP, IP, TCP, UDP, DHCP, BOOTP, SSH, DNS, SNMP V1/V2c, HTTPS, SMTP
LED indicators
Power indicator
3 x LEDs, PWR 1(2)(PoE):
Green On: Power is on
10/100TX RJ45 port indicator
Green for port Link/Act at 100Mbps.
Serial TX / RX LEDs:
Red: Serial port is receiving data
Green: Serial port is transmitting data
WLAN LED
WLAN Link /ACT: Green: Blinking
Power
Redundant Input power
Dual DC inputs. 12-48VDC on 4-pin terminal block
Power consumption (Typ.)
3.98 W


Similar Part No. - IDS-4312

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
IDS-1 SEOUL-IDS-1 Datasheet
91Kb / 2P
   .100" cl Insulation Displacement Socket
logo
Major League Electronic...
IDS-1 MAJOR-LEAGUE-IDS-1 Datasheet
91Kb / 2P
   Major League Electronics .100" cl Insulation Displacement Socket
logo
Amphenol Industrial Pro...
IDS-109 AIO-IDS-109 Datasheet
612Kb / 2P
   RadCrimp™ Solar Splice with Melni Spiral Termination Technology
logo
ORing Industrial Networ...
IDS-1112 ORING-IDS-1112 Datasheet
1Mb / 4P
   Industrial 1 secure serial port to 802.11b/g wireless device server
logo
Amphenol Corporation
IDS-17-5 AMPHENOL-IDS-17-5 Datasheet
275Kb / 2P
   Amphenol solar connector
More results

Similar Description - IDS-4312

ManufacturerPart #DatasheetDescription
logo
ORing Industrial Networ...
IDS-1112 ORING-IDS-1112 Datasheet
1Mb / 4P
   Industrial 1 secure serial port to 802.11b/g wireless device server
IDS-312L ORING-IDS-312L Datasheet
277Kb / 4P
   Industrial secure serial port to Ethernet device server
IDS-342GT ORING-IDS-342GT Datasheet
398Kb / 5P
   Industrial 4-port secure serial to Ethernet device server
IDS-242GT-I ORING-IDS-242GT-I Datasheet
1Mb / 4P
   Industrial 4-port secure serial to Ethernet device server
IDS-322 ORING-IDS-322 Datasheet
401Kb / 5P
   Industrial 2 secure serial port to Ethernet device server
IDS-342 ORING-IDS-342 Datasheet
389Kb / 5P
   Industrial 4 secure serial port to Ethernet device server
TDS-5041-I-M12 ORING-TDS-5041-I-M12 Datasheet
1Mb / 4P
   Industrial 4-port secure serial to Ethernet device server
logo
IC MICROSYSTEMS
X76F640 ICMIC-X76F640 Datasheet
350Kb / 17P
   Secure Serial Flash
X76F641 ICMIC-X76F641 Datasheet
153Kb / 17P
   Secure Serial Flash
X76F200 ICMIC-X76F200 Datasheet
389Kb / 16P
   Secure Serial Flash
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com