Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IGPMC-111GP Datasheet(PDF) 2 Page - ORing Industrial Networking Corp

Part # IGPMC-111GP
Description  Industrial Gigabit PoE Ethernet to fiber media converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORING [ORing Industrial Networking Corp]
Direct Link  http://www.oringnet.com/
Logo ORING - ORing Industrial Networking Corp

IGPMC-111GP Datasheet(HTML) 2 Page - ORing Industrial Networking Corp

  IGPMC-111GP Datasheet HTML 1Page - ORing Industrial Networking Corp IGPMC-111GP Datasheet HTML 2Page - ORing Industrial Networking Corp IGPMC-111GP Datasheet HTML 3Page - ORing Industrial Networking Corp IGPMC-111GP Datasheet HTML 4Page - ORing Industrial Networking Corp IGPMC-111GP Datasheet HTML 5Page - ORing Industrial Networking Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
* All specifications are subject to change without notice.
Designed for Rugged Excellence
V1.0 Jun, 2016
Introduction
The IGPMC-111GP is a cost-effective solution for the conversion interface between 10/100/1000Base-T(X)
and 100/1000Base-X SFP socket; it allows you to extend communication distance by optical fiber. IGPMC-111GP
supports MDI/MDIX auto detection, so you don’t need to use crossover wires. IGPMC-111GP also support Power
over Ethernet, a system to transmit electrical power up to 30 watts, along with data, to remote devices over
standard twisted-pair cable in an Ethernet network. Each IGPMC-111GP has 1x10/100/1000Base-T(X) P.S.E.
(Power Sourcing Equipment) port to provide power in a PoE setup.
The IGPMC-111GP also supports the LFP (Link Fault Pass-through) feature. When one side of the link fails,
the other side continues transmitting packets, and waiting for a response that never arrives from the disconnected
side. Use the DIP-Switch to enable the LFP function, then IGPMC-111GP will force the link to shut down as soon
as noticed that the other link has failed, giving the application software a chance to react to the situation.
The IGPMC-111GP with wide operating temperature range from -40 ~ 75oC and accepts a wide voltage range
from dual 50~57 VDC power inputs, so it is suitable for harsh operating environments. Therefore, the
IGPMC-111GP is reliable media converter with PoE capability and can satisfy most demand of operating
environment.
Connections of Media converter


Similar Part No. - IGPMC-111GP

ManufacturerPart #DatasheetDescription
logo
Level One
IGP-0101 LVL1-IGP-0101 Datasheet
235Kb / 2P
   Redundant power inputs with Terminal Block
IGP-0801 LVL1-IGP-0801 Datasheet
243Kb / 3P
   Redundant power inputs with Terminal Block
IGP-0802 LVL1-IGP-0802 Datasheet
243Kb / 3P
   Redundant power inputs with Terminal Block
logo
Bookham, Inc.
IGP-28111J BOOKHAM-IGP-28111J Datasheet
1Mb / 17P
   SFP Optical Transceivers for 2.7Gb/s 180km DWDM Applications
IGP-28111J-00 BOOKHAM-IGP-28111J-00 Datasheet
1Mb / 17P
   SFP Optical Transceivers for 2.7Gb/s 180km DWDM Applications
More results

Similar Description - IGPMC-111GP

ManufacturerPart #DatasheetDescription
logo
ORing Industrial Networ...
IGMC-111GP ORING-IGMC-111GP Datasheet
342Kb / 5P
   Industrial Gigabit Ethernet to fiber media converter
logo
List of Unclassifed Man...
HEMC2G ETC2-HEMC2G Datasheet
517Kb / 3P
   Industrial Gigabit Ethernet to Fiber Media Converter
logo
ORing Industrial Networ...
ITGMC-111GP ORING-ITGMC-111GP Datasheet
955Kb / 3P
   Industrial Gigabit Ethernet to fiber media converter
IGMC-111GPB ORING-IGMC-111GPB Datasheet
791Kb / 4P
   Industrial mini type Gigabit Ethernet to fiber media converter
IPMC-111PB ORING-IPMC-111PB Datasheet
1Mb / 4P
   Industrial mini type Ethernet to fiber PoE media converter
IGMC-1011GF ORING-IGMC-1011GF Datasheet
1Mb / 3P
   Industrial slim type Gigabit Ethernet to fiber media converter
logo
Moxa Inc.
IMC-101G MOXA-IMC-101G Datasheet
979Kb / 4P
   Industrial Gigabit Ethernet-to-fiber media converters
IMC-21GA MOXA-IMC-21GA Datasheet
741Kb / 5P
   Industrial Gigabit Ethernet-to-fiber media converters
logo
Glenair, Inc.
050-101 GLENAIR-050-101 Datasheet
260Kb / 4P
   GigaBit Ethernet Copper to Fiber Media Converter
logo
ORing Industrial Networ...
IPMC-111PB-60W ORING-IPMC-111PB-60W Datasheet
1Mb / 4P
   Industrial mini type Ethernet to fiber High power PoE media converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com