Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3059ASA Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX3059ASA
Description  5V, 1Mbps, Low Supply Current CAN Transceivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3059ASA Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX3059ASA Datasheet HTML 2Page - Maxim Integrated Products MAX3059ASA Datasheet HTML 3Page - Maxim Integrated Products MAX3059ASA Datasheet HTML 4Page - Maxim Integrated Products MAX3059ASA Datasheet HTML 5Page - Maxim Integrated Products MAX3059ASA Datasheet HTML 6Page - Maxim Integrated Products MAX3059ASA Datasheet HTML 7Page - Maxim Integrated Products MAX3059ASA Datasheet HTML 8Page - Maxim Integrated Products MAX3059ASA Datasheet HTML 9Page - Maxim Integrated Products MAX3059ASA Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
5V, 1Mbps, Low Supply Current
CAN Transceivers
6
_______________________________________________________________________________________
Typical Operating Characteristics
(VCC = +5V, RL = 60
Ω, CL = 100pF, TA = +25°C, unless otherwise specified.)
SLEW RATE vs. RRS AT 100kbps
RRS (k
Ω)
162
124
86
48
5
10
15
20
25
0
10
200
SUPPLY CURRENT vs. DATA RATE
DATA RATE (kbps)
900
800
700
600
500
400
300
200
100
15
20
25
30
35
10
0
1000
TA = +125
°C
TA = +25
°C
TA = -40
°C
MAX3059
SUPPLY CURRENT vs. TEMPERATURE
IN SHUTDOWN MODE (TERM = GND)
TEMPERATURE (
°C)
110
95
65 80
-10 5
20 35 50
-25
66
67
68
69
70
71
72
73
74
75
65
-40
125
MAX3059
SUPPLY CURRENT vs. TEMPERATURE
IN SHUTDOWN MODE (TERM = VCC)
TEMPERATURE (
°C)
110
95
65 80
-10 5
20 35 50
-25
1
2
3
4
5
6
7
8
9
10
0
-40
125
RECEIVER PROPAGATION DELAY
vs. TEMPERATURE
TEMPERATURE (
°C)
92
59
26
-7
10
20
30
40
50
60
70
80
90
100
0
-40
125
RRS = GND
RECESSIVE
DOMINANT
DRIVER PROPAGATION DELAY
vs. TEMPERATURE
TEMPERATURE (
°C)
92
59
26
-7
10
20
30
40
50
0
-40
125
RRS = GND
RECESSIVE
DOMINANT
RECEIVER OUTPUT LOW
vs. OUTPUT CURRENT
OUTPUT CURRENT (mA)
22
19
16
13
0.5
1.0
1.5
2.0
2.5
3.0
0
10
25
TA = +125
°C
TA = +25
°C
TA = -40
°C
MAX3058
SUPPLY CURRENT
vs. TEMPERATURE IN SHUTDOWN
TEMPERATURE (
°C)
92
59
26
-7
1
2
3
4
5
0
-40
125
SHDN = VCC
RS = GND
TXD = VCC


Similar Part No. - MAX3059ASA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3050 MAXIM-MAX3050 Datasheet
360Kb / 12P
   짹80V Fault-Protected, 2Mbps, Low Supply Current CAN Transceivers
Rev 0; 10/02
MAX3050-MAX3057 MAXIM-MAX3050-MAX3057 Datasheet
360Kb / 12P
   짹80V Fault-Protected, 2Mbps, Low Supply Current CAN Transceivers
Rev 0; 10/02
MAX3050ASA MAXIM-MAX3050ASA Datasheet
360Kb / 12P
   짹80V Fault-Protected, 2Mbps, Low Supply Current CAN Transceivers
Rev 0; 10/02
MAX3050ASA MAXIM-MAX3050ASA Datasheet
1Mb / 12P
   ±80V Fault-Protected, 2Mbps, Low-Supply Current CAN Transceivers
Rev 1; 6/14
MAX3050 MAXIM-MAX3050_14 Datasheet
1Mb / 12P
   ±80V Fault-Protected, 2Mbps, Low-Supply Current CAN Transceivers
Rev 1; 6/14
More results

Similar Description - MAX3059ASA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3051 MAXIM-MAX3051 Datasheet
191Kb / 13P
   3.3V, 1Mbps, Low-Supply-Current CAN Transceiver
MAX3051 MAXIM-MAX3051_15 Datasheet
651Kb / 12P
   3.3V, 1Mbps, Low-Supply-Current CAN Transceiver
Rev 3; 2/15
MAX3051 MAXIM-MAX3051_V01 Datasheet
719Kb / 13P
   3.3V, 1Mbps, Low-Supply-Current CAN Transceiver
19-3274; Rev 5; 9/18
MAX3227EEAE MAXIM-MAX3227EEAE Datasheet
942Kb / 19P
   1muA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers
Rev 5; 2/11
MAX3050 MAXIM-MAX3050 Datasheet
360Kb / 12P
   짹80V Fault-Protected, 2Mbps, Low Supply Current CAN Transceivers
Rev 0; 10/02
MAX3050 MAXIM-MAX3050_14 Datasheet
1Mb / 12P
   ±80V Fault-Protected, 2Mbps, Low-Supply Current CAN Transceivers
Rev 1; 6/14
logo
Holt Integrated Circuit...
HI-3001 HOLTIC-HI-3001 Datasheet
87Kb / 13P
   1Mbps Avionics CAN Transceiver 1Mbps Avionics CAN Transceiver
logo
Maxim Integrated Produc...
MAX3224 MAXIM-MAX3224_11 Datasheet
251Kb / 19P
   1μA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 5; 2/11
MAX3224 MAXIM-MAX3224 Datasheet
235Kb / 20P
   1uA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 1; 3/98
MAX3224 MAXIM-MAX3224_14 Datasheet
430Kb / 19P
   1μA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 5; 2/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com