Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LEAP1W Datasheet(PDF) 3 Page - OSRAM GmbH

Part # LEAP1W
Description  Projection
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEAP1W Datasheet(HTML) 3 Page - OSRAM GmbH

  LEAP1W Datasheet HTML 1Page - OSRAM GmbH LEAP1W Datasheet HTML 2Page - OSRAM GmbH LEAP1W Datasheet HTML 3Page - OSRAM GmbH LEAP1W Datasheet HTML 4Page - OSRAM GmbH LEAP1W Datasheet HTML 5Page - OSRAM GmbH LEAP1W Datasheet HTML 6Page - OSRAM GmbH LEAP1W Datasheet HTML 7Page - OSRAM GmbH LEAP1W Datasheet HTML 8Page - OSRAM GmbH LEAP1W Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Version 1.11 - OS-PCN-2015-011-A
LE A P1W
2016-01-19
3
Maximum Ratings
Grenzwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Operating temperature range
Betriebstemperatur
T
op
-40 ... 100
°C
Storage temperature range
Lagertemperatur
Tstg
-40 ... 100
°C
Junction temperature
Sperrschichttemperatur
Tj
125
°C
Forward current
Durchlassstrom
(T
j = 125 °C; all dies operated in parallel)
I
F
200 ... 10000
mA
Forward current pulsed
Durchlassstrom gepulst
(D = 0.6; f = 240 Hz; Tj = 125°C; all dies operated in
parallel)
IF pulse
200 ... 12000
mA
Surge current
Stoßstrom
(tp ≤ 10 µs; D = 0.1; T
j = 125 °C; all dies operated in
parallel)
I
FM
16000
mA
Reverse voltage
Sperrspannung
(TBoard = 25 °C)
VR
not designed for reverse
operation
V
ESD withstand voltage
ESD Festigkeit
(acc. to ANSI/ESDA/JEDEC JS-001 - HBM, Class 2)
V
ESD
2
kV


Similar Part No. - LEAP1W

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LEAP1W-RXRZ-23 OSRAM-LEAP1W-RXRZ-23 Datasheet
786Kb / 21P
   OSTAR High Power Projection
More results

Similar Description - LEAP1W

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LEBP2W OSRAM-LEBP2W Datasheet
1Mb / 20P
   Projection
LECGP1A OSRAM-LECGP1A Datasheet
949Kb / 23P
   Projection
LEBP1W OSRAM-LEBP1W Datasheet
870Kb / 21P
   Projection
LEAP2W OSRAM-LEAP2W Datasheet
873Kb / 20P
   Projection
LECGP2A OSRAM-LECGP2A Datasheet
989Kb / 22P
   Projection
logo
Toshiba Semiconductor
44NHM84 TOSHIBA-44NHM84 Datasheet
852Kb / 26P
   PROJECTION TV
2004
52HM85 TOSHIBA-52HM85 Datasheet
4Mb / 34P
   Projection Television
2005
56HM195 TOSHIBA-56HM195 Datasheet
6Mb / 45P
   Projection Television
2005
logo
PARA LIGHT ELECTRONICS ...
PARA-SPL-40WDF-QHA-CW-U PARALIGHT-PARA-SPL-40WDF-QHA-CW-U Datasheet
252Kb / 9P
   LED Projection Lamp
logo
Bosch Sensortec GmbH
BML100PI BOSCH-BML100PI Datasheet
214Kb / 2P
   Interactive Projection Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com