Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q65112A1813 Datasheet(PDF) 10 Page - OSRAM GmbH

Part # Q65112A1813
Description  Near-to-Eye Displays
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

Q65112A1813 Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button Q65112A1813 Datasheet HTML 6Page - OSRAM GmbH Q65112A1813 Datasheet HTML 7Page - OSRAM GmbH Q65112A1813 Datasheet HTML 8Page - OSRAM GmbH Q65112A1813 Datasheet HTML 9Page - OSRAM GmbH Q65112A1813 Datasheet HTML 10Page - OSRAM GmbH Q65112A1813 Datasheet HTML 11Page - OSRAM GmbH Q65112A1813 Datasheet HTML 12Page - OSRAM GmbH Q65112A1813 Datasheet HTML 13Page - OSRAM GmbH Q65112A1813 Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
2017-07-25
10
Version 1.0
LE T Q8WM
Relative Forward Voltage 5) page 22
Relative Vorwärtsspannung 5) Seite 22
ΔVF = VF - VF(25 °C) = f(Tj); IF = 350 mA
Relative Luminous Flux 5) page 22
Relativer Lichtstrom 5) Seite 22
ΦVV(25 °C) = f(Tj); IF = 350 mA
Dominant Wavelength 5) page 22
Dominante Wellenlänge 5) Seite 22
Δλdom = λdom - λdom (25 °C) = f(Tj); IF = 350 mA
LE T Q8WM
-40 -20
0
20
40
60
80
100 120
Tj [°C]
-0,4
-0,2
0,0
0,2
0,4
∆VF [V]
LE T Q8WM
-40 -20
0
20
40
60
80
100 120
Tj [°C]
0,0
0,2
0,4
0,6
0,8
1,0
1,2
Φ
v
Φ
v(25°C)
LE T Q8WM
-40 -20
0
20
40
60
80
100 120
Tj [°C]
-6
-4
-2
0
2
4
6
8
∆λ dom [nm]


Similar Part No. - Q65112A1813

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
Q65112A1811 OSRAM-Q65112A1811 Datasheet
626Kb / 21P
   Power TOPLED
Q65112A1812 OSRAM-Q65112A1812 Datasheet
719Kb / 18P
   Near-to-Eye Displays
Q65112A1817 OSRAM-Q65112A1817 Datasheet
1Mb / 21P
   Professional downlights
More results

Similar Description - Q65112A1813

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LEBRQ7WM OSRAM-LEBRQ7WM Datasheet
719Kb / 18P
   Near-to-Eye Displays
logo
Marktech Corporate
MT5720-IR MARKTECH-MT5720-IR Datasheet
595Kb / 2P
   Near Infrared LED
MT5720-IR MARKTECH-MT5720-IR_15 Datasheet
595Kb / 2P
   Near Infrared LED
logo
Hamamatsu Corporation
G9203-256D HAMAMATSU-G9203-256D_15 Datasheet
232Kb / 9P
   Near infrared (0.9 to 1.7 m) image sensors
logo
Lumileds Lighting Compa...
WP14 LUMILEDS-WP14 Datasheet
684Kb / 7P
   LEDs: coming soon to a street light near you
logo
Texas Instruments
DLP4500NIR TI1-DLP4500NIR Datasheet
2Mb / 58P
[Old version datasheet]   WXGA Near-Infared DMD
logo
STMicroelectronics
ST25R95 STMICROELECTRONICS-ST25R95 Datasheet
874Kb / 61P
   Near field communication transceiver
April 2019
ST21NFCA STMICROELECTRONICS-ST21NFCA Datasheet
263Kb / 6P
   Near field communication microcontroller
logo
Rohm
SJ3002-EC60A ROHM-SJ3002-EC60A Datasheet
78Kb / 5P
   Near edge thermal Printhead
logo
Hamamatsu Corporation
S1336 HAMAMATSU-S1336 Datasheet
232Kb / 4P
   Si photodiode UV to near IR for precision photometry
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com