Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LOM67K Datasheet(PDF) 8 Page - OSRAM GmbH

Part # LOM67K
Description  Information Displays
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LOM67K Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button LOM67K Datasheet HTML 4Page - OSRAM GmbH LOM67K Datasheet HTML 5Page - OSRAM GmbH LOM67K Datasheet HTML 6Page - OSRAM GmbH LOM67K Datasheet HTML 7Page - OSRAM GmbH LOM67K Datasheet HTML 8Page - OSRAM GmbH LOM67K Datasheet HTML 9Page - OSRAM GmbH LOM67K Datasheet HTML 10Page - OSRAM GmbH LOM67K Datasheet HTML 11Page - OSRAM GmbH LOM67K Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
2014-10-30
8
Version 1.2
LO M67K
Forward Current 7) page 19
Durchlassstrom 7) Seite 19
IF = f (VF); TS = 25 °C
Relative Luminous Intensity 7) page 19 , 8) page 19
Relative Lichtstärke 7) Seite 19 , 8) Seite 19
IV/IV(2 mA) = f(IF); TS = 25 °C
Relative Luminous Intensity 7) page 19
Relative Lichtstärke 7) Seite 19
IV/IV(25)°C = f(Tj); IF = 2 mA
10
10-3
10-2
-1
100
101
102
OHL00388
1.4
IF
VF
1.6
1.8
2.0
2.2
V 2.6
mA
OHL00376
10-1
I
10
0
mA
V (2 mA)
I
V
I
F
10
1
2
10
0
10
1
10
102
super-red
orange
yellow
5
5
5
0.0
OHL00290
˚C
T
-60
V
V (25 ˚C)
Ι
Ι
-40 -20
0
20
40
60
100
0.5
1.0
1.5
2.5
j


Similar Part No. - LOM67K

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
LOM67K-J2L1 TO-GRACE-LOM67K-J2L1 Datasheet
1Mb / 11P
   Low Current Mini SMD LED
LOM67K-J2M1 TO-GRACE-LOM67K-J2M1 Datasheet
1Mb / 11P
   Low Current Mini SMD LED
logo
OSRAM GmbH
LOM67K-J2M1-24 OSRAM-LOM67K-J2M1-24 Datasheet
501Kb / 20P
   white SMT package, colorless clear resin
More results

Similar Description - LOM67K

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LPM67K OSRAM-LPM67K Datasheet
501Kb / 20P
   Information Displays
LYQ396 OSRAM-LYQ396 Datasheet
1Mb / 20P
   Information Displays
LYT64F OSRAM-LYT64F Datasheet
2Mb / 24P
   Information Displays
LYT68F OSRAM-LYT68F Datasheet
549Kb / 22P
   Information Displays
LRT68F OSRAM-LRT68F Datasheet
545Kb / 22P
   Information Displays
LYM67K OSRAM-LYM67K Datasheet
503Kb / 20P
   Information Displays
LYT66F OSRAM-LYT66F Datasheet
706Kb / 23P
   Information Displays
LBT66G OSRAM-LBT66G Datasheet
2Mb / 23P
   Information Displays
LOT64F OSRAM-LOT64F Datasheet
2Mb / 24P
   Information Displays
LAM67F OSRAM-LAM67F Datasheet
536Kb / 21P
   Information Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com