Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK12C68-5L55M Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # STK12C68-5L55M
Description  CMOS NV SRAM 8K X 8 AUTOSTORE NONVOLATILE STATIC RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STK12C68-5L55M Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  STK12C68-5L55M Datasheet HTML 1Page - List of Unclassifed Manufacturers STK12C68-5L55M Datasheet HTML 2Page - List of Unclassifed Manufacturers STK12C68-5L55M Datasheet HTML 3Page - List of Unclassifed Manufacturers STK12C68-5L55M Datasheet HTML 4Page - List of Unclassifed Manufacturers STK12C68-5L55M Datasheet HTML 5Page - List of Unclassifed Manufacturers STK12C68-5L55M Datasheet HTML 6Page - List of Unclassifed Manufacturers STK12C68-5L55M Datasheet HTML 7Page - List of Unclassifed Manufacturers STK12C68-5L55M Datasheet HTML 8Page - List of Unclassifed Manufacturers STK12C68-5L55M Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
STK12C68-M
4-53
STK12C68-M
CMOS nvSRAM
8K x 8
AutoStore™
Nonvolatile Static RAM
MIL-STD-883 / SMD # 5962-94599
PIN CONFIGURATIONS
LOGIC BLOCK DIAGRAM
A
A
A
A
A
A
4
5
6
7
8
EEPROM ARRAY
256 x 256
STORE
RECALL
STATIC RAM
ARRAY
256 x 256
STORE/
RECALL
CONTROL
AA
A
A
A
0
12
10
12
DQ
DQ
DQ
DQ
DQ
DQ
DQ
DQ
0
1
2
3
4
5
6
7
G
E
W
COLUMN I/O
COLUMN DECODER
AA
011
A3
A
9
12
HSB
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
V
A
A
A
A
A
A
A
A
DQ
DQ
DQ
DQ
DQ
DQ
DQ
DQ
V
V
W
HSB
A
A
A
G
A
E
SS
7
6
5
4
3
2
1
0
0
1
2
8
9
10
7
6
5
4
3
CAP
A 12
11
CCX
28 - LCC
28 - 300 C-DIP
PIN NAMES
A
0 - A12
Address Inputs
W
Write Enable
DQ0 - DQ7
Data In/Out
E
Chip Enable
G
Output Enable
VCCX
Power (+5V)
V
SS
Ground
VCAP
Capacitor
HSB
Hardware Store/Busy
FEATURES
• 40, 45 and 55ns Access Times
• 15 mA ICC at 200ns Access Speed
• Automatic STORE to EEPROM on Power Down
• Hardware or Software initiated STORE to
EEPROM
• Automatic STORE Timing
• 100,000 STORE cycles to EEPROM
• 10 year data retention in EEPROM
• Automatic RECALL on Power Up
• Software initiated RECALL from EEPROM
• Unlimited RECALL cycles from EEPROM
• Single 5V
±10% Operation
• Available in multiple standard packages
A
A
A
A
A
A
A
A
A
A
DQ
DQ
DQ
G
A
E
DQ
HSB
6
5
4
3
2
1
0
0
1
8
9
11
10
7
6
TOP VIEW
4
5
6
7
8
9
10
11
12
32
1
28 27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
DESCRIPTION
The Simtek STK12C68-M is a fast static RAM (40, 45
and 55ns), with a nonvolatile EEPROM element incor-
porated in each static memory cell. The SRAM can be
read and written an unlimited number of times, while
independent nonvolatile data resides in EEPROM.
Data transfers from the SRAM to the EEPROM (the
STORE operation) take place automatically upon power
down using charge stored in an external 100
µF
capacitor. Transfers from the EEPROM to the SRAM
(the
RECALL operation) take place automatically on
power up. Software sequences may also be used to
initiate both
STORE and RECALL operations.
A
STORE can also be initiated via a single pin.
The STK12C68-M is available in the following pack-
ages: a 28-pin 300 mil ceramic DIP and 28-pad LCC.


Similar Part No. - STK12C68-5L55M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK12C68-5L55M ETC-STK12C68-5L55M Datasheet
388Kb / 13P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
Cypress Semiconductor
STK12C68-5L55M CYPRESS-STK12C68-5L55M Datasheet
591Kb / 18P
   64 Kbit (8K x 8) AutoStore nvSRAM
More results

Similar Description - STK12C68-5L55M

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK15C68 SIMTEK-STK15C68 Datasheet
382Kb / 10P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK12C68 ETC-STK12C68 Datasheet
388Kb / 13P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK12C68-C20 ETC-STK12C68-C20 Datasheet
125Kb / 12P
   8k x 8 AUTOSTORE NVSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
STK12C68-IM ETC1-STK12C68-IM Datasheet
64Kb / 10P
   CMOS nvSRAM 8K x 8 AutoStore Nonvolatile Static RAM Industrial Temperature/Military Screen
STK14D88 ETC-STK14D88 Datasheet
216Kb / 15P
   32K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK25C48 SIMTEK-STK25C48 Datasheet
310Kb / 10P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK14C88 ETC-STK14C88 Datasheet
386Kb / 13P
   32K x 8 AutoStore nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK25CA8 ETC-STK25CA8 Datasheet
129Kb / 8P
   128K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM Module
logo
Simtek Corporation
STK10C68 SIMTEK-STK10C68 Datasheet
468Kb / 12P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK10C68 ETC1-STK10C68 Datasheet
332Kb / 12P
   8K X 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com