Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RDS-P3000 Datasheet(PDF) 2 Page - ORing Industrial Networking Corp

Part # RDS-P3000
Description  Industrial IEC 61850-3 modular rack mount Device Server
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORING [ORing Industrial Networking Corp]
Direct Link  http://www.oringnet.com/
Logo ORING - ORing Industrial Networking Corp

RDS-P3000 Datasheet(HTML) 2 Page - ORing Industrial Networking Corp

  RDS-P3000 Datasheet HTML 1Page - ORing Industrial Networking Corp RDS-P3000 Datasheet HTML 2Page - ORing Industrial Networking Corp RDS-P3000 Datasheet HTML 3Page - ORing Industrial Networking Corp RDS-P3000 Datasheet HTML 4Page - ORing Industrial Networking Corp RDS-P3000 Datasheet HTML 5Page - ORing Industrial Networking Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
* All specifications are subject to change without notice.
Designed for Rugged Excellence
Pin Definition
Pin #
RS-232
RS-422
RS-485
( 4 wire )
RS-485
( 2 wire )
1
NC
NC
NC
NC
2
DCD
TXD -
TXD -
DATA-
3
RXD
TXD +
TXD +
DATA+
4
TXD
RXD +
RXD +
5
DTR
RXD -
RXD -
6
GND
GND
GND
7
DSR
8
RTS
9
CTS
10
RI
Pin #
RS-232
RS-422
RS-485
( 4 wire )
RS-485
( 2 wire )
1
DCD
TXD-
TXD-
2
RXD
TXD+
TXD+
3
TXD
RXD+
RXD+
DATA+
4
DTR
RXD-
RXD-
DATA-
5
GND
GND
GND
GND
6
DSR
7
RTS
8
CTS
9
RI
10-pin RJ48 connector
DB9 connector


Similar Part No. - RDS-P3000

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
RDS-0710 AAEON-RDS-0710 Datasheet
482Kb / 2P
   Rugged Docking Station for RTC-710
RDS-0710-000 AAEON-RDS-0710-000 Datasheet
482Kb / 2P
   Rugged Docking Station for RTC-710
RDS-0710-001 AAEON-RDS-0710-001 Datasheet
482Kb / 2P
   Rugged Docking Station for RTC-710
logo
CUI INC
RDS-1045 CUI-RDS-1045 Datasheet
337Kb / 4P
   ROTARY DIP SWITCH
RDS-1045-SMT CUI-RDS-1045-SMT Datasheet
393Kb / 5P
   ROTARY DIP SWITCH
More results

Similar Description - RDS-P3000

ManufacturerPart #DatasheetDescription
logo
ORing Industrial Networ...
RGS-PR9000-A ORING-RGS-PR9000-A Datasheet
612Kb / 8P
   Industrial advanced Layer 3 IEC 61850-3 modular rack mount
RGS-PR9000 ORING-RGS-PR9000 Datasheet
2Mb / 6P
   Industrial Layer-3 IEC 61850-3 modular rack mount managed Gigabit Ethernet switch
RGS-P9160M1 ORING-RGS-P9160M1 Datasheet
666Kb / 11P
   Industrial IEC 61850-3 16-port modular rack mount managed Gigabit Ethernet switch
RGS-P9160M2 ORING-RGS-P9160M2 Datasheet
520Kb / 8P
   Industrial IEC 61850-3 16-port modular rack mount managed Gigabit Ethernet switch
RES-P9242GCL ORING-RES-P9242GCL Datasheet
509Kb / 7P
   Industrial IEC 61850-3 26-port rack mount managed Ethernet switch
RES-P3242GCL ORING-RES-P3242GCL Datasheet
1Mb / 4P
   Industrial IEC 61850-3 26-port rack mount managed Ethernet switch
logo
Prosoft-Technology
MVI56E-61850S PROSOFT-MVI56E-61850S Datasheet
510Kb / 2P
   IEC 61850 Server Communication Module for ControlLogix
logo
Lanner All Rights Reser...
ICS-P371 LANNER-ICS-P371 Datasheet
478Kb / 2P
   IEC 61850-3 Wide Temperature Industrial Cybersecurity Gateway
V.2-2022.12,15
ICS-P570 LANNER-ICS-P570 Datasheet
903Kb / 2P
   IEC 61850-3 Wide Temperature Industrial Cybersecurity Gateway
V.1-2023.2,16
logo
Axiomtek Co., Ltd.
IPC122-833-FL AXIOMTEK-IPC122-833-FL_17 Datasheet
486Kb / 2P
   IEC 61850-3/IEEE 1613 certified 1U Rack-mount Fanless Embedded Computer
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com