Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG901BRM Datasheet(PDF) 1 Page - Analog Devices

Part # ADG901BRM
Description  Wideband, 40 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, SPST Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG901BRM Datasheet(HTML) 1 Page - Analog Devices

  ADG901BRM Datasheet HTML 1Page - Analog Devices ADG901BRM Datasheet HTML 2Page - Analog Devices ADG901BRM Datasheet HTML 3Page - Analog Devices ADG901BRM Datasheet HTML 4Page - Analog Devices ADG901BRM Datasheet HTML 5Page - Analog Devices ADG901BRM Datasheet HTML 6Page - Analog Devices ADG901BRM Datasheet HTML 7Page - Analog Devices ADG901BRM Datasheet HTML 8Page - Analog Devices ADG901BRM Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. A
Wideband, 40 dB Isolation at 1 GHz, CMOS
1.65 V to 2.75 V, SPST Switches
ADG901/ADG902
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2004 Analog Devices, Inc. All rights reserved.
FUNCTIONAL BLOCK DIAGRAMS
RF2
CTRL
ADG901
RF1
50
50
RF2
CTRL
ADG902
RF1
FEATURES
Wideband Switch: –3 dB @ 4.5 GHz
Absorptive/Reflective Switches
High Off Isolation (40 dB @ 1 GHz)
Low Insertion Loss (0.8 dB @1 GHz)
Single 1.65 V to 2.75 V Power Supply
CMOS/LVTTL Control Logic
8-Lead MSOP and Tiny 3 mm
3 mm LFCSP Packages
Low Power Consumption (<1
A)
APPLICATIONS
Wireless Communications
General-Purpose RF Switching
Dual-Band Applications
High Speed Filter Selection
Digital Transceiver Front End Switch
IF Switching
Tuner Modules
Antenna Diversity Switching
FREQUENCY (Hz)
10k
100k
1M
10M
100M
1G
10G
–100
–90
–70
–60
–50
–40
–30
–80
–20
–10
0
TA = 25 C
VDD = 2.5 V
VDD = 1.8 V
Figure 1. Off Isolation vs. Frequency
FREQUENCY (Hz)
10k
100k
1M
10M
100M
1G
10G
–2.8
–2.6
–2.4
–2.2
–1.8
–1.6
–1.4
–1.2
–1.0
–2.0
–3.0
–0.8
–0.6
–0.4
VDD = 2.5V
TA = 25 C
Figure 2. Insertion Loss vs. Frequency
GENERAL DESCRIPTION
The ADG901/ADG902 are wideband switches that use a
CMOS process to provide high isolation and low insertion loss to
1 GHz. The ADG901 is an absorptive (matched) switch with
50
Ω terminated shunt legs, while the ADG902 is a reflective
switch. These devices are designed such that the isolation is
high over the dc to 1 GHz frequency range. They have on-board
CMOS control logic, thus eliminating the need for external
controlling circuitry. The control inputs are both CMOS and
LVTTL compatible. The low power consumption of these
CMOS devices makes them ideally suited to wireless applica-
tions and general-purpose high frequency switching.
PRODUCT HIGHLIGHTS
1. –40 dB Off Isolation @ 1 GHz
2. 0.8 dB Insertion Loss @ 1 GHz
3. Tiny 8-Lead MSOP/LFCSP Packages


Similar Part No. - ADG901BRM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG901BRM AD-ADG901BRM Datasheet
737Kb / 16P
   Wideband, 40 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, SPST Switches
REV. B
ADG901BRM-500RL7 AD-ADG901BRM-500RL7 Datasheet
737Kb / 16P
   Wideband, 40 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, SPST Switches
REV. B
ADG901BRM-REEL7 AD-ADG901BRM-REEL7 Datasheet
737Kb / 16P
   Wideband, 40 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, SPST Switches
REV. B
ADG901BRMZ-REEL71 AD-ADG901BRMZ-REEL71 Datasheet
737Kb / 16P
   Wideband, 40 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, SPST Switches
REV. B
ADG901BRMZ1 AD-ADG901BRMZ1 Datasheet
737Kb / 16P
   Wideband, 40 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, SPST Switches
REV. B
More results

Similar Description - ADG901BRM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG901 AD-ADG901_05 Datasheet
737Kb / 16P
   Wideband, 40 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, SPST Switches
REV. B
ADG936 AD-ADG936 Datasheet
395Kb / 16P
   Wideband 4 GHz, 36 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, Dual SPDT
REV. 0
ADG904 AD-ADG904 Datasheet
354Kb / 16P
   Wideband, 37 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, 4:1 Mux/SP4T
REV. 0
ADG918 AD-ADG918_08 Datasheet
570Kb / 16P
   Wideband 4 GHz, 43 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, 2:1 Mux/SPDT
REV. C
ADG918 AD-ADG918_V01 Datasheet
652Kb / 16P
   Wideband 4 GHz, 43 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, 2:1 Mux/SPDT
Rev. E
ADG901 AD-ADG901_15 Datasheet
875Kb / 17P
   1.65 V to 2.75 V, SPST Switches
REV. B
ADG902 AD-ADG902_15 Datasheet
875Kb / 17P
   1.65 V to 2.75 V, SPST Switches
REV. B
ADG904 AD-ADG904_15 Datasheet
517Kb / 17P
   CMOS 1.65 V to 2.75 V, 4:1 Mux/SP4T
REV. C
ADG904R AD-ADG904R_15 Datasheet
517Kb / 17P
   CMOS 1.65 V to 2.75 V, 4:1 Mux/SP4T
REV. C
ADG811YRUZ AD-ADG811YRUZ Datasheet
340Kb / 16P
   0.5ohm CMOS, 1.65 V to 3.6 V, Quad SPST Switches
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com