Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E1FF Datasheet(PDF) 2 Page - Yangzhou yangjie electronic co., ltd

Part # E1FF
Description  Super Fast Recovery Rectifier Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

E1FF Datasheet(HTML) 2 Page - Yangzhou yangjie electronic co., ltd

  E1FF Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd E1FF Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
扬州扬杰电子科技股份有限公司
Yangzhou Yangjie Electronic Technology Co., Ltd. 
S-S018
Rev. 1.3, 28-Apr-14
www.21yangjie.com
E1AF THRU E1JF
■特性曲线(典型) Characteristics(Typical)
0
20
40
60
80
100
0.01
0.1
1.0
10
100
Voltage(%)
Tj=25℃
FIG4:Typical Reverse Characteristics
图4:反向电流曲线
0
0
0.2
Ta℃)
图1:Io-Ta曲线
FIG1:Io-Ta Curve
160
单相半波60Hz
电阻负载
Single Phase
Half Wave 60Hz
Resistive Load
40
80
120
0.4
0.6
0.8
1.0
1.2
0.4
0.8
1.2
1.6
2.0
2.4
0.01
0.02
0.05
VF(V)
图3:正向电压曲线
FIG3: Forward Voltage
0.1
1
2
4
6
0.5
Ta=25℃
E1AF~E1DF
E1FF~
E1GF
E1JF
E1KF
VR
D
RL
IF
0
IF
IR
IRR
t
trr
I
图5: 反向恢复时间试验电路及测试波形示意图
FIG.5: Diagram of circuit and Testing wave form of reverse recovery time
1
0
图2:耐正向浪涌电流曲线
2
5
10
20
50
100
5
FIG2:Surge Forward Current Capadility
Number of Cycles
10
15
20
25
30
35
8.3ms 正弦半波
8.3ms Single Half Sine Wave
JEDEC Method


Similar Part No. - E1FF

ManufacturerPart #DatasheetDescription
logo
RFE international
E1FF RFE-E1FF Datasheet
2Mb / 4P
   Surface Mount Super Fast Recovery Rectifier E1AF Through E1KF
10-14-2022
E1FFS RFE-E1FFS Datasheet
3Mb / 4P
   Surface Mount Super Fast Recovery Rectifier E1AFS Through E1JFS
10-14-2022
More results

Similar Description - E1FF

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
S10A2CIA KEC-S10A2CIA Datasheet
435Kb / 2P
   SUPER FAST RECOVERY RECTIFIER DIODE
logo
Jiangsu High diode Semi...
ES1AF HDSEMI-ES1AF Datasheet
1Mb / 4P
   Super Fast Recovery Rectifier Diode
logo
KEC(Korea Electronics)
S10A2CIC KEC-S10A2CIC_15 Datasheet
583Kb / 2P
   SUPER FAST RECOVERY RECTIFIER DIODE
logo
Jiangsu High diode Semi...
SF11 HDSEMI-SF11 Datasheet
1Mb / 4P
   Super Fast Recovery Rectifier Diode
logo
Yangzhou yangjie electr...
E1A YANGJIE-E1A Datasheet
110Kb / 2P
   Super Fast Recovery Rectifier Diode
E2AF YANGJIE-E2AF Datasheet
167Kb / 2P
   Super Fast Recovery Rectifier Diode
ES3A YANGJIE-ES3A Datasheet
152Kb / 2P
   Super Fast Recovery Rectifier Diode
ES5A YANGJIE-ES5A Datasheet
233Kb / 4P
   Super Fast Recovery Rectifier Diode
logo
KEC(Korea Electronics)
S10A2CIC KEC-S10A2CIC Datasheet
44Kb / 2P
   SUPER FAST RECOVERY RECTIFIER DIODE
logo
First Silicon Co., Ltd
E1A FS-E1A Datasheet
176Kb / 2P
   Super Fast Recovery Rectifier Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com