Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES2BA Datasheet(PDF) 2 Page - Yangzhou yangjie electronic co., ltd

Part # ES2BA
Description  Super Fast Recovery Rectifier Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

ES2BA Datasheet(HTML) 2 Page - Yangzhou yangjie electronic co., ltd

  ES2BA Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd ES2BA Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
扬州扬杰电子科技股份有限公司
Yangzhou Yangjie Electronic Technology Co., Ltd.
S-S023
Rev. 1.2, 28-Apr-14
www.21yangjie.com
ES2AA THRU ES2JA
■特性曲线(典型) Characteristics(Typical)
周波数
Number of Cycles
2:最大正向浪涌冲击耐受力
FIG.2: MAXIMUM NON-REPETITIVE FORWARD URGE CURRENT
8.3毫秒正弦半波
8.3ms Single Half Sine Wave
110
100
0
10
20
30
40
50
图4:典型反向特性曲线
FIG.4:TYPICAL REVERSE CHARACTERISTICS
Voltage(%)
Tj=150℃
0
20
40
60
80
100
0.1
1.0
10
100
1000
Tj=25℃
Tj=100℃
Tj=125℃
10000
VR
D
RL
IF
0
IF
IR
IRR
t
trr
I
5: 反向恢复时间试验电路及测试波形示意图
FIG.5: Diagram of circuit and Testing wave form of reverse recovery time
50
1:正向电流降额曲线
FIG.1: FORWARD CURRENT DERATING CURVE
60Hz Resistive or Inductive Load
P.C.B. Mounted on 0.27"×0.27"
(7.0mm×7.0mm)Copper Pad Areas
TL(℃)
0
70
90
110
130
150
0.5
1.0
1.5
2.0
2.5
3.0
3.5
3: 典型正向特性曲线
FIG.3: TYPICAL FORWARD CHARACTERISTICS
0.01
VF(V)
0.4
TJ=25℃
Pulse width=300us
1% Duty Cycle
0.1
1.0
10
100
0.60.8
1.01.2
1.41.6
1.8
ES2AA-DA
ES2FA-GA
ES2HA-JA


Similar Part No. - ES2BA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ES2BA DIODES-ES2BA Datasheet
45Kb / 2P
   2.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS14002 Rev. F-2
logo
Shenzhen Luguang Electr...
ES2BA LUGUANG-ES2BA Datasheet
184Kb / 2P
   2.0 AMPS. Surface Mount Super Fast Rectifiers
logo
Rectron Semiconductor
ES2BA RECTRON-ES2BA Datasheet
361Kb / 7P
   SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER
logo
Taiwan Semiconductor Co...
ES2BA TSC-ES2BA Datasheet
54Kb / 2P
   2.0 AMPS. Super Fast Surface Mount Rectifiers
logo
Shenzhen Taychipst Elec...
ES2BA TAYCHIPST-ES2BA Datasheet
4Mb / 2P
   SURFACE MOUNT RECTIFIER
More results

Similar Description - ES2BA

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
S10A2CIA KEC-S10A2CIA Datasheet
435Kb / 2P
   SUPER FAST RECOVERY RECTIFIER DIODE
logo
Jiangsu High diode Semi...
ES1AF HDSEMI-ES1AF Datasheet
1Mb / 4P
   Super Fast Recovery Rectifier Diode
logo
KEC(Korea Electronics)
S10A2CIC KEC-S10A2CIC_15 Datasheet
583Kb / 2P
   SUPER FAST RECOVERY RECTIFIER DIODE
logo
Jiangsu High diode Semi...
SF11 HDSEMI-SF11 Datasheet
1Mb / 4P
   Super Fast Recovery Rectifier Diode
logo
Yangzhou yangjie electr...
E1A YANGJIE-E1A Datasheet
110Kb / 2P
   Super Fast Recovery Rectifier Diode
E1AF YANGJIE-E1AF Datasheet
157Kb / 2P
   Super Fast Recovery Rectifier Diode
E2AF YANGJIE-E2AF Datasheet
167Kb / 2P
   Super Fast Recovery Rectifier Diode
ES3A YANGJIE-ES3A Datasheet
152Kb / 2P
   Super Fast Recovery Rectifier Diode
ES5A YANGJIE-ES5A Datasheet
233Kb / 4P
   Super Fast Recovery Rectifier Diode
logo
KEC(Korea Electronics)
S10A2CIC KEC-S10A2CIC Datasheet
44Kb / 2P
   SUPER FAST RECOVERY RECTIFIER DIODE
logo
First Silicon Co., Ltd
E1A FS-E1A Datasheet
176Kb / 2P
   Super Fast Recovery Rectifier Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com