Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1625IPAPT Datasheet(PDF) 10 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # ADS1625IPAPT
Description  18-BIT 1.25 MSPS ANALOG TO DIGITAL CONVERTER
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS1625IPAPT Datasheet(HTML) 10 Page - Burr-Brown (TI)

Back Button ADS1625IPAPT Datasheet HTML 6Page - Burr-Brown (TI) ADS1625IPAPT Datasheet HTML 7Page - Burr-Brown (TI) ADS1625IPAPT Datasheet HTML 8Page - Burr-Brown (TI) ADS1625IPAPT Datasheet HTML 9Page - Burr-Brown (TI) ADS1625IPAPT Datasheet HTML 10Page - Burr-Brown (TI) ADS1625IPAPT Datasheet HTML 11Page - Burr-Brown (TI) ADS1625IPAPT Datasheet HTML 12Page - Burr-Brown (TI) ADS1625IPAPT Datasheet HTML 13Page - Burr-Brown (TI) ADS1625IPAPT Datasheet HTML 14Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
ADS1625
ADS1626
SBAS280C − JUNE 2003 − REVISED JUNE 2004
www.ti.com
10
CLK
DRDY
DOUT[17:0]
D1
D2
DL(2)
t
2
t
2
t
16
t
17
t
21
t
15
t
20
t
18
t
19
t
1
t
13
t
14
CS(1)
RD
(1) CS may be tied low.
(2) The number of data readings (DL) is set by the FIFO level.
Figure 4. Data Retrieval Timing (ADS1626 with FIFO Enabled)
RD, CS
DOUT[17:0]
t
8
t
7
Figure 5. DOUT Inactive/Active Timing (ADS1626 with FIFO Enabled)
TIMING REQUIREMENTS FOR FIGURE 4 AND FIGURE 5
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNIT
t1
CLK period (1/fCLK)
20
25
1000
ns
t2
CLK pulse width, high or low
10
ns
t7
Rising edge of RD and/or CS inactive (high) to DOUT high impedance
7
15
ns
t8
Falling edge of RD and/or CS active (low) to DOUT active.
7
15
ns
t13
Rising edge of CLK to DRDY high
12
ns
t14
DRDY period
32
× FIFO Level(1)
CLK
Cycles
t15
DRDY positive pulse width
1
CLK
Cycles
t16
RD high hold time after DRDY goes low
0
ns
t17
CS low before RD goes low
0
ns
t18
RD negative pulse width
10
ns
t19
RD positive pulse width
10
ns
t20
RD high before DRDY toggles
2
CLK
Cycles
t21
RD high before CS goes high
0
ns
NOTE: DOUT[17:0] and DRDY load = 10pF.
(1) See FIFO section for more details.


Similar Part No. - ADS1625IPAPT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1625IPAPT TI-ADS1625IPAPT Datasheet
846Kb / 37P
[Old version datasheet]   18-Bit, 1.25MSPS Analog-to-Digital Converter
ADS1625IPAPTG4 TI-ADS1625IPAPTG4 Datasheet
846Kb / 37P
[Old version datasheet]   18-Bit, 1.25MSPS Analog-to-Digital Converter
More results

Similar Description - ADS1625IPAPT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7891 TI1-ADS7891_15 Datasheet
994Kb / 31P
[Old version datasheet]   14-BIT, 1.25-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7890 TI-ADS7890 Datasheet
352Kb / 25P
[Old version datasheet]   14-BIT, 1.25-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7890 TI1-ADS7890_15 Datasheet
1,016Kb / 29P
[Old version datasheet]   14-BIT, 1.25-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7887M TI1-ADS7887M Datasheet
536Kb / 17P
[Old version datasheet]   10-BIT 1.25-MSPS MICRO-POWER MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS7887M TI1-ADS7887M_14 Datasheet
499Kb / 19P
[Old version datasheet]   10-BIT 1.25-MSPS MICRO-POWER MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS5424 TI-ADS5424 Datasheet
578Kb / 25P
[Old version datasheet]   14 BIT, 105 MSPS ANALOG TO DIGITAL CONVERTER
ADS5440 TI-ADS5440 Datasheet
556Kb / 11P
[Old version datasheet]   13-BIT 210 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5423 TI-ADS5423 Datasheet
1Mb / 24P
[Old version datasheet]   14 Bit, 80 MSPS Analog-to-Digital Converter
DAC5675-EP TI-DAC5675-EP_15 Datasheet
1Mb / 28P
[Old version datasheet]   14-Bit 400-MSPS Digital-to-Analog Converter
ADS5440 TI1-ADS5440_13 Datasheet
1Mb / 29P
[Old version datasheet]   13-BIT 210 MSPS ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com