Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR20100CT Datasheet(PDF) 2 Page - PACELEADER INDUSTRIAL

Part # MBR20100CT
Description  20.0A SCHOTTKY BARRIER RECTIFIERS -40V- 100V
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

MBR20100CT Datasheet(HTML) 2 Page - PACELEADER INDUSTRIAL

  MBR20100CT Datasheet HTML 1Page - PACELEADER INDUSTRIAL MBR20100CT Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Average Forward Rectified Current - Amperesversus
Ambient Temperature -°C
Figure 3
Forward Derating Curve
25
50
100
125
150
0
0
10
12
14
Single Phase, Half Wave
60Hz Resistive or Inductive Load
Amps
°C
75
16
18
20
Instantaneous Forward Current - Amperesversus
Instantaneous Forward Voltage - Volts
Figure 1
Typical Forward Characteristics
Volts
4
6
20
10
Amps
. 2
.7
.3
.4
.5
.6
.01
.02
.04
.06
.1
.2
.4
.6
1
2
25°C
40
60
100
.8
Figure 2
Typical Reverse Characteristics
1
100
4
0
25
50
75
8
Figure 4
Peak Forward Surge Current
Peak Forward Surge Current - Amperesversus
Number Of Cycles At 60Hz - Cycles
Amps
Cycles
2
610 20
60 80
40
100
125
150
20100CT
2040CT-2045CT
2060CT
0
20406080
100
120
140
0.001
0.01
0.1
1
10
50
Volts [%]
T = 25 C
º
A
T = 75 C
º
A
T = 125 C
º
A
MBR20
40CT-MBR2045CT
MBR2060CT-MBR20100CT
MBR2060CT-MBR20100CT
MBR20
40CT-MBR2045CT
Instantaneous Reverse Leakage Current - mAmpere
Percent Of Rated Peak Reverse Voltage - Volts%
2
20.0A SCHOTTKY BARRIER RECTIFIERS -40V- 100V
MBR2040CT
THRU MBR20100CT
www.paceleader.tw


Similar Part No. - MBR20100CT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBR20100CT MOTOROLA-MBR20100CT Datasheet
87Kb / 4P
   SWITCHMODE??Power Rectifiers
logo
Foshan Blue Rocket Elec...
MBR20100CT FOSHAN-MBR20100CT Datasheet
293Kb / 2P
   Schottky Barrier Diode in a TO-220 Plastic Package
logo
Kersemi Electronic Co.,...
MBR20100CT KERSEMI-MBR20100CT Datasheet
438Kb / 2P
   20 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Vishay Siliconix
MBR20100CT VISHAY-MBR20100CT Datasheet
160Kb / 5P
   Dual Common-Cathode High-Voltage Schottky Rectifier
Revision: 26-May-08
logo
Nantong Hornby Electron...
MBR20100CT HORNBY-MBR20100CT Datasheet
261Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - MBR20100CT

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
MBR2040FCT PACELEADER-MBR2040FCT Datasheet
363Kb / 2P
   20.0A SCHOTTKY BARRIER RECTIFIERS -40V- 100V
logo
WILLAS ELECTRONIC CORP
SR2040C WILLAS-SR2040C Datasheet
367Kb / 2P
   20.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
logo
PACELEADER INDUSTRIAL
SP2040C PACELEADER-SP2040C Datasheet
491Kb / 2P
   20.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
logo
WILLAS ELECTRONIC CORP
SP2040C WILLAS-SP2040C Datasheet
374Kb / 2P
   20.0A SCHOTTKY BARRIER RECTIFIERS -40V -200V
logo
PACELEADER INDUSTRIAL
SR2040C PACELEADER-SR2040C Datasheet
485Kb / 2P
   20.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
MBR1040FCT PACELEADER-MBR1040FCT Datasheet
358Kb / 2P
   10.0A SCHOTTKY BARRIER RECTIFIERS -40V- 100V
MBR20200FCT PACELEADER-MBR20200FCT Datasheet
359Kb / 2P
   20.0A SCHOTTKY BARRIER RECTIFIERS 200V
MBR20150CT PACELEADER-MBR20150CT Datasheet
359Kb / 3P
   20.0A SCHOTTKY BARRIER RECTIFIERS 150V
MBR20200CT PACELEADER-MBR20200CT Datasheet
384Kb / 2P
   20.0A SCHOTTKY BARRIER RECTIFIERS 200V
MBR20150FCT PACELEADER-MBR20150FCT Datasheet
345Kb / 3P
   20.0A SCHOTTKY BARRIER RECTIFIERS 150V
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com