Electronic Components Datasheet Search |
|
DLR30-2296-1006NIL-NIL Datasheet(PDF) 1 Page - Willow Technologies Ltd |
|
DLR30-2296-1006NIL-NIL Datasheet(HTML) 1 Page - Willow Technologies Ltd |
1 / 7 page Page 1 of 7 www.durakoolrelays.com Sales Department Tel: (888) 847-6552 DLR industrial power relay Contacts Contact number & arrangement SPST-NO (1 Form A); DPST-NO (2 Form A) Contact material AgCdO, AgSnO 2 (Special Order only) Max. switching voltage AC/DC 250VAC, 30VDC Min. breaking capacity W 0.5W (AgCdO), 1W (AgSnO 2) Rated load (resistive - cos φ=1) AC1 SPST-NO, DPST-NO PCB : 20A/220VAC SPST-NO: 30A/220VAC / DPST-NO: 25A/220VAC Max. switching power 4,400VA (PCB types); 5,500VA (DPST-NO); 6,600VA (SPST-NO) Initial resistance ≤ 50mΩ, max. at 1A/24VDC Max. operating frequency at rated load AC1 1,800 cycles per hour Coil Rated voltage AC 6...200/240V DC 6...100V Must release voltage ≥0.15Un Operating range of supply voltage See coil tables 1 & 2 Insulation Insulation resistance ≥1000MΩ at 500VDC, 50%RH Impulse withstand voltage Between coil and contact: 10,000V Dielectric strength coil to contact 4,000Vrms, 1min (50/60Hz) contacts of the same pole 2,000Vrms, 1min (50/60Hz) contacts of different poles (DPST-NO) 2,000Vrms, 1min (50/60Hz) General Data Operating time (typical) mS ≤ 30 Release time (typical) mS ≤ 30 Electrical Life ops 1 x 105 at 1,800 ops/hour at rated load (Fig 1.) Mechanical life ops 5 x 106 at 1,800 ops/hour Dimensions L x W x H various - see drawings (Fig 2.) Weight approx. 90g (3.17oz) quick connect (fast-on) type approx. 100g (3.52oz) PCB terminal type approx. 120g (4.23oz) Screw terminal type Ambient temperature -40 to 85°C Shock resistance approx. 100G mechanical durabilty, 10G malfunction durability Vibration resistance DA 1.5mm 10-55Hz • High current switching - 6,600VA max. • Good inrush current resistance • Wide range AC coils • DIN Rail mounting options • Screw, plug-in or PCB terminals • Applications include heaters, HVAC and motor controls • RoHS Compliant Ref: DLR 091411JHM Specifications are subject to change without notice. E&OE. |
Similar Part No. - DLR30-2296-1006NIL-NIL |
|
Similar Description - DLR30-2296-1006NIL-NIL |