Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRSE18-N2442 Datasheet(PDF) 6 Page - SICK AG

Part # GRSE18-N2442
Description  PHOTOELECTRIC SENSORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

GRSE18-N2442 Datasheet(HTML) 6 Page - SICK AG

  GRSE18-N2442 Datasheet HTML 1Page - SICK AG GRSE18-N2442 Datasheet HTML 2Page - SICK AG GRSE18-N2442 Datasheet HTML 3Page - SICK AG GRSE18-N2442 Datasheet HTML 4Page - SICK AG GRSE18-N2442 Datasheet HTML 5Page - SICK AG GRSE18-N2442 Datasheet HTML 6Page - SICK AG GRSE18-N2442 Datasheet HTML 7Page - SICK AG GRSE18-N2442 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
GRSE18-N2442 | GR18
PHOTOELECTRIC SENSORS
Dimensional drawing (Dimensions in mm (inch))
GRTE18, GRL18, GRSE18, metal, connector, straight
2
M18 x 1
6
5
1
4
3
①  Male connector M12, 4-pin
②  Threaded mounting hole M18 x 1
③  LED indicator yellow
④  LED indicator green
⑤  Sensitivity control: potentiometer 270°
⑥  Fastening nuts (2x); width across 24, metal
Recommended accessories
Other models and accessories
www.sick.com/GR18
Brief description
Type
Part no.
Universal bar clamp systems
Plate N06 for universal clamp bracket, M18, Zinc plated steel (sheet), Zinc die cast
(clamping bracket), Universal clamp (5322626), mounting hardware
BEF-KHS-N06
2051612
Mounting brackets and plates
Mounting plate for M18 sensors, steel, zinc coated, without mounting hardware
BEF-WG-M18
5321870
Mounting bracket for M18 sensors, steel, zinc coated, without mounting hardware
BEF-WN-M18
5308446
Terminal and alignment brackets
Mounting bracket with ball-and-socket, Plastic, mounting hardware included
BEF-WN-M18-ST02
5312973
6
PHOTOELECTRIC SENSORS | SICK
Online data sheet | 2017-11-09 17:58:45
Subject to change without notice


Similar Part No. - GRSE18-N2442

ManufacturerPart #DatasheetDescription
logo
SICK AG
GRSE18-N2447 SICK-GRSE18-N2447 Datasheet
1Mb / 8P
   PHOTOELECTRIC SENSORS
More results

Similar Description - GRSE18-N2442

ManufacturerPart #DatasheetDescription
logo
SICK AG
WL2S-2P3230 SICK-WL2S-2P3230 Datasheet
749Kb / 6P
   Photoelectric sensors
WTB2S-2N3130 SICK-WTB2S-2N3130 Datasheet
655Kb / 6P
   Photoelectric sensors
WTB2S-2N3251 SICK-WTB2S-2N3251 Datasheet
700Kb / 6P
   Photoelectric sensors
WTB2S-2P1145 SICK-WTB2S-2P1145 Datasheet
695Kb / 6P
   Photoelectric sensors
WTB2S-2P1360 SICK-WTB2S-2P1360 Datasheet
628Kb / 6P
   Photoelectric sensors
WTB2S-2P3275 SICK-WTB2S-2P3275 Datasheet
709Kb / 6P
   Photoelectric sensors
WSE2S-2F3030S01 SICK-WSE2S-2F3030S01 Datasheet
688Kb / 6P
   Photoelectric sensors
WTB2S-2F1330 SICK-WTB2S-2F1330 Datasheet
648Kb / 6P
   Photoelectric sensors
GTB2S-N1331 SICK-GTB2S-N1331 Datasheet
704Kb / 6P
   Photoelectric sensors
WSE2S-2N1330 SICK-WSE2S-2N1330 Datasheet
684Kb / 6P
   Photoelectric sensors
WLG4S-3E1134 SICK-WLG4S-3E1134 Datasheet
3Mb / 8P
   PHOTOELECTRIC SENSORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com