Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMEPR40N-4280Z Datasheet(PDF) 1 Page - AIMTEC

Part # AMEPR40N-4280Z
Description  up to 1000mA | AC-DC LED driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMEPR40N-4280Z Datasheet(HTML) 1 Page - AIMTEC

  AMEPR40N-4280Z Datasheet HTML 1Page - AIMTEC AMEPR40N-4280Z Datasheet HTML 2Page - AIMTEC AMEPR40N-4280Z Datasheet HTML 3Page - AIMTEC AMEPR40N-4280Z Datasheet HTML 4Page - AIMTEC AMEPR40N-4280Z Datasheet HTML 5Page - AIMTEC AMEPR40N-4280Z Datasheet HTML 6Page - AIMTEC AMEPR40N-4280Z Datasheet HTML 7Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Series AMEPR40N-Z
up to 1000mA | AC-DC LED driver
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC (924 6832)
F 052.1e R3
1 of 7
North America only
FEATURES:
Models
Single output
Model
Max Output
Power
(W)
Output Voltage
Range
(V)
Output Current
(mA)
Input Voltage
(VAC/Hz)
Efficiency
230VAC
(%)
AMEPR40N-4280Z
33.6
24-42
800
90-305/47-63
82
AMEPR40N-4285Z
35.7
24-42
850
90-305/47-63
83
AMEPR40N-4290Z
37.8
24-42
900
90-305/47-63
84
AMEPR40N-42100Z
42.0
24-42
1000
90-305/47-63
84
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity <75%, nominal input voltage and at
rated output load unless otherwise specified.
Input Specifications
Parameters
Conditions
Typical
Maximum
Units
Input Current
90 VAC, full load
0.63
Arms
Inrush current <2ms
230 VAC, cold start
60
A
Leakage current
0.75
mA
Input dissipation
115Vac, no load
1.9
W
230Vac, no load
2.9
277Vac, no load
3.1
Power Factor
115 VAC, full load
0.99
277 VAC, full load
0.95
Input Fuse
250V/2A
Start-up Time
115 VAC, full load
1.5
Sec.
277 VAC, full load
1.0
Sec.
THD
115Vac, full load, 36Vout
15
%
230Vac, full load, 36Vout
20
277Vac, full load, 36Vout
25
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Current accuracy
±5
%
Line regulation
LL to HL
±1
%
Load regulation
Full Output Voltage Range
±1
%
Ripple & Noise*
150
420
mV p-p
Output Current Ripple*
Full load
50
mA
Current Overshoot
LL to HL, full load at cold start
10
%
Hold-up time (min.)
1.0
ms
Minimum Load Voltage
See Models Table Above
* Tested with 0.1µF (C/C) or (M/C) and 10µF (E/C) parallel capacitors at the end.
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested I/O voltage
I/P
– O/P
3750
VAC
I/P
– FG
2000
VAC
O/P
– FG
500
VAC
Isolation Resistance
I/P
– O/P, 500Vdc
>100MΩ
VAC
Isolation Capacitance
150
pF
 Constant Current LED Driver
 No Flicker
 Low Output Current Ripple
 IP62 rated
 Active Power Factor Correction
 Low THD
 Short Circuit, Over Voltage, Over Temperature Protection
 5 Year Warranty


Similar Part No. - AMEPR40N-4280Z

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEPR40N-4280Z AIMTEC-AMEPR40N-4280Z Datasheet
603Kb / 7P
   up to 1000mA | AC-DC LED driver
More results

Similar Description - AMEPR40N-4280Z

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEPR40N-Z AIMTEC-AMEPR40N-Z Datasheet
603Kb / 7P
   up to 1000mA | AC-DC LED driver
AMEPR40-Z AIMTEC-AMEPR40-Z Datasheet
553Kb / 5P
   up to 1000mA | AC-DC LED driver
AMEQR50N-Z AIMTEC-AMEQR50N-Z Datasheet
418Kb / 4P
   up to 1000mA | AC-DC LED driver
AMEQR50N-50100Z AIMTEC-AMEQR50N-50100Z Datasheet
418Kb / 4P
   up to 1000mA | AC-DC LED driver
AMLDLW-Z AIMTEC-AMLDLW-Z_13 Datasheet
386Kb / 12P
   Up to 1000mA | LED Driver
AMLD-Z AIMTEC-AMLD-Z Datasheet
434Kb / 13P
   Up to 1000mA | LED Driver
AMLDL-Z AIMTEC-AMLDL-Z_1 Datasheet
353Kb / 14P
   Up to 1000mA | LED Driver
AMER48-KZ-C1 AIMTEC-AMER48-KZ-C1 Datasheet
249Kb / 2P
   1000mA | AC-DC LED driver
AMLDP-Z AIMTEC-AMLDP-Z_13 Datasheet
1Mb / 18P
   Up to 1000mA | LED Driver
AMLD-RZ AIMTEC-AMLD-RZ_16 Datasheet
285Kb / 3P
   Up to 1000mA | LED Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com