Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NP0115AG03LDG-JC Datasheet(PDF) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # NP0115AG03LDG-JC
Description  General Specifications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

NP0115AG03LDG-JC Datasheet(HTML) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

  NP0115AG03LDG-JC Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. NP0115AG03LDG-JC Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. NP0115AG03LDG-JC Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. NP0115AG03LDG-JC Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. NP0115AG03LDG-JC Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. NP0115AG03LDG-JC Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Series NP01
Subminiature Smooth Actuation Pushbuttons
D76
D
www.nkkswitches.com
TYPICAL SWITCH ORDERING EXAMPLE
H
Contacts & Terminals
G03
Gold Contacts and
PC Terminals, Rated
0.4VA @ 28V AC/DC
Packaging
No
Code
Partitioned Tray,
Any Quantity
(With or without
caps installed)
S
Stick-Tube
50 Pieces/Stick
(For switch body
only; caps pack-
aged separately)
F
NP01
LEDs
Cap Types & Colors
JF
G03
15
Single or Bicolor LED
C
Red
D
Amber
F
Green
CF
Bicolor Red/Green
DG Bicolor Amber/Blue
Cap Lens/Diffuser Colors
JB
Clear/White
(Combine with any LED)
JC Clear/Red
JD Clear/Amber
JF
Clear/Green
Nonilluminated
N
No LED
Solid Color Cap
A
Black
B
White
C
Red
H
Gray
Bicolor LED
CF
Red/Green
DG Amber/Blue
L
Illumination
L
Illuminated
N
Nonilluminated
Pole & Circuit
15
SPST
OFF (ON)
( ) = Momentary
Normally Open Contacts
Operating Force
A
Standard (1.5N)
(Black Switch Body)
H
High (2.5N)
(Gray Switch Body)
Bicolor Alternating
Legend Caps
JCF
Red/Green
JDG
Amber/Blue
Alternating Legends
11 ON (pos) OFF (pos)
12 ON (neg) OFF (neg)
13 START
STOP
14 OPEN
CLOSE
Contact factory for custom
options.
Part Numbers for Alternating Legends
Color
Part Number
Red/Green
AT3023JCF11 ~ AT3023JCF14
Amber/Blue
AT3023JDG11 ~ AT3023JDG14
Refer to Ordering Table for Alternating Legend that
corresponds with last 2 digits of part number.
High (2.5N)
Operating Force
SPST
OFF-Momentary ON Circuit
Normally Open Contacts
DESCRIPTION FOR TYPICAL ORDERING EXAMPLE
NP0115HG03LF-JF
Green LED
Clear Lens with Green Diffuser
Gold Contacts with 0.4VA Rating
Straight PC Terminals


Similar Part No. - NP0115AG03LDG-JC

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
NP0115AG03LD-JB NKK-NP0115AG03LD-JB Datasheet
940Kb / 6P
   Subminiature Smooth Actuation Pushbuttons
NP0115AG03LD-JB NKK-NP0115AG03LD-JB Datasheet
184Kb / 6P
   Subminiature Smooth Actuation Pushbuttons
NP0115AG03LD-JB-S NKK-NP0115AG03LD-JB-S Datasheet
940Kb / 6P
   Subminiature Smooth Actuation Pushbuttons
NP0115AG03LD-JB-S NKK-NP0115AG03LD-JB-S Datasheet
184Kb / 6P
   Subminiature Smooth Actuation Pushbuttons
NP0115AG03LD-JC NKK-NP0115AG03LD-JC Datasheet
940Kb / 6P
   Subminiature Smooth Actuation Pushbuttons
More results

Similar Description - NP0115AG03LDG-JC

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com