Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NP0115AG03LF-JF Datasheet(PDF) 5 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # NP0115AG03LF-JF
Description  General Specifications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

NP0115AG03LF-JF Datasheet(HTML) 5 Page - Nihon Kaiheiki Industry Co. Ltd.

  NP0115AG03LF-JF Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. NP0115AG03LF-JF Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. NP0115AG03LF-JF Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. NP0115AG03LF-JF Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. NP0115AG03LF-JF Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. NP0115AG03LF-JF Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Series NP01
Subminiature Smooth Actuation Pushbuttons
D78
D
www.nkkswitches.com
R =
E – VF
IF
Where: R
E
V
F
I
F
= Resistor Value (Ohms)
= Source Voltage (V)
= Forward Voltage (V)
= Forward Current (A)
VF
I F
R
+
E
Anode
Cathode
LEDs are an integral part of the switch and not available separately.
The electrical specifications shown are determined at a basic
temperature of 25°C.
If the source voltage exceeds the forward voltage, a ballast resistor
is required. Specifications in parentheses ( ) below for Bicolor LED
denote simultaneous illumination of Red and Green.
LED COLORS & SPECIFICATIONS
Amber LED
Red or
Green LEDs
Red/Green
Bicolor LED
LC2
(+)
L4 (-)
L3 (-)
LC1
(+)
L2 (-)
L1 (-)
LC2
(+)
L4 (-)
Green
L3 (-)
Red
LC1
(+)
L2 (-)
Red
L1 (-)
Green
LC1
(+)
L2 (-)
L1 (-)
Color
ATTENTION
ELECTROSTATIC
SENSITIVE DEVICES
Single Color LED
Bicolor LED
Red
Amber
Green
Red
Green
Amber
Blue
Maximum Forward Current I
FM
30mA
30mA
25mA
30 (25)mA
25 (25)mA
30mA
30mA
Typical Forward Current
I
F
20mA
20mA
16mA
20 (20)mA
16 (5)mA
20mA
20mA
Forward Voltage
V
F
1.95V
2.0V
3.3V
1.95V
3.3V
2.0V
3.2V
Maximum Reverse Voltage V
RM
5V
5V
5V
5V
5V
5V
5V
Current Reduction Rate
∆I
F
0.41mA/°C
above 25°C
0.38mA/°C
above 25°C
0.33mA/°C
above 25°C
0.40mA/°C
above 25°C
0.33mA/°C
above 25°C
0.40mA/°C
above 25°C
0.40mA/°C
above 25°C
Ambient Temperature Range
–25° ~ +50°C
–25° ~ +50°C
C
D
F
CF
DG
LC2
(+)
L4 (-)
Blue
L3 (-)
Amber
LC1
(+)
L2 (-)
Amber
L1 (-)
Blue
Amber/Blue
Bicolor LED
JB
Cap for Single or Bicolor LED
JC
JD
JF
Clear Lens/White Diffuser
Clear Lens/Red Diffuser
Clear Lens/Amber Diffuser
Clear Lens/Green Diffuser
Alternating Legend Cap for Bicolor LED
Material:
Polycarbonate Resin
Standard Alternating Legend Pairs
AT3022
12mm Square Cap
Material:
Polycarbonate Resin
AT3023
12mm Square Cap
Clear Lens
Alternating Legend Filter
CAP TYPES & COLORS
(10.2)
.402
(12.0) Sq
.472
(10.2)
.402
(12.0) Sq
.472
11
12
13
Cap illumination is alternating Green/Red or Blue/Amber; legend text is black.
Contact factory for other Alternating Legends.
Legend illustrations are approximate representations of the actual characters on the filters.
ON OFF
ON
OFF
START STOP
14
OPEN CLOSE
Green/Red
or
Blue/Amber
Green/Red
or
Blue/Amber
Green/Red
or
Blue/Amber
Green/Red
or
Blue/Amber
JCF
Red/Green
Amber/Blue
JDG


Similar Part No. - NP0115AG03LF-JF

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
NP0115AG03LF-JF NKK-NP0115AG03LF-JF Datasheet
940Kb / 6P
   Subminiature Smooth Actuation Pushbuttons
NP0115AG03LF-JF NKK-NP0115AG03LF-JF Datasheet
184Kb / 6P
   Subminiature Smooth Actuation Pushbuttons
NP0115AG03LF-JF-S NKK-NP0115AG03LF-JF-S Datasheet
940Kb / 6P
   Subminiature Smooth Actuation Pushbuttons
NP0115AG03LF-JF-S NKK-NP0115AG03LF-JF-S Datasheet
184Kb / 6P
   Subminiature Smooth Actuation Pushbuttons
More results

Similar Description - NP0115AG03LF-JF

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com