Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBJ3508 Datasheet(PDF) 1 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

Part # GBJ3508
Description  SILICON BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Electronics (Jiangsu) Co.,Ltd.]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Electronics (Jiangsu) Co.,Ltd.

GBJ3508 Datasheet(HTML) 1 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

  GBJ3508 Datasheet HTML 1Page - Microdiode Electronics (Jiangsu) Co.,Ltd. GBJ3508 Datasheet HTML 2Page - Microdiode Electronics (Jiangsu) Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GBJ
GBJ
plastic technique results in inexpensive product
GBJ35005 THRU GBJ3510
SILICON BRIDGE RECTIFIERS
Reverse Voltage - 50 to 1000 Volts
Forward Current - 35.0 Amperes
FEATURES
GBJ
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
10
0.5
85
0.6
-55 to +150
-55 to +150
35.0
VOLTS
VOLTS
VOLTS
SYMBOLS
UNITS
Amps
Amps
Volts
VRRM
VRMS
VDC
I(AV)
IFSM
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Peak forward surge current
8.3ms single half sine-wave superimposed on
rated load (JEDEC Method)
Maximum instantaneous forward voltage drop
per birdge element at 17.5A
Maximum DC reverse current
TA=25 C
at rated DC blocking voltage
TA=125 C
Typical Junction Capacitance (Note 1)
Typical Thermal Resistance (Note 2)
Operating junction temperature range
storage temperature range
CJ
R
θJC
TJ
TSTG
IR
VF
A
µ
C
C/W
mA
C
pF
50
35
50
100
70
100
200
140
200
400
280
400
600
420
600
800
560
800
1000
700
1000
35005
400
1.1
GBJ
3501
GBJ
3502
3504
GBJ
3506
GBJ
3508
GBJ
3510
MDD Catalog Number
Dimensions in inches and (milimeters)
? .122(3.1)
? .134(3.4)
.031(0.8)
.023(0.6)
.098(2.5)
.114(2.9)
.189(4.8)
.173(4.4)
.134(3.4)
.150(3.8)
.386(9.8)
.402(10.2) .303(7.7)
.287(7.3).287(7.3)
.303(7.7)
SPACING
.043(1.1)
.035(0.9)
.078(2.0)
.094(2.4)
.106(2.7)
.096(2.3)
1.169(29.7)
1.193(30.3)
+
~ ~ _
.118(3.0)*45°
Rating to 1000V PRV
Ideal for printed circuit board
Low forward voltage drop,high current capability
Reliable low cost construction utilizing molded
The plastic material has U/L flammability
classification 94V-0
Maximum Average Forward (with heatsink Note 2)
Rectified Current @ T C =100℃ (without heatsink)
NOTES: 1.Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
2.Device mounted on 75mm*75mm*1.6mm Cu plate heatsink.
3.The typical data above is for reference only(典型值仅供参考).
5.0
It Rating for Fusing (t<8.3ms)
I
2t
A
2s
510


Similar Part No. - GBJ3508

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
GBJ3508 MCC-GBJ3508 Datasheet
76Kb / 3P
   35 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Yangzhou yangjie electr...
GBJ3508 YANGJIE-GBJ3508 Datasheet
341Kb / 4P
   Bridge Rectifiers
logo
RFE international
GBJ3508 RFE-GBJ3508 Datasheet
2Mb / 3P
   Bridge Rectifiers
1-11-2023
logo
Sirectifier Semiconduct...
GBJ3508 SIRECTIFIER-GBJ3508 Datasheet
94Kb / 2P
   Single Phase Bridge Rectifiers
logo
Nanjing International G...
GBJ3508 DGNJDZ-GBJ3508 Datasheet
711Kb / 2P
   SINGLE PHASE 35 AMP BRIDGE RECTIFIERS
More results

Similar Description - GBJ3508

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
KBL400 EIC-KBL400 Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR1500 EIC-BR1500 Datasheet
42Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR2500 EIC-BR2500 Datasheet
20Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR3500W EIC-BR3500W Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Comchip Technology
KBU600 COMCHIP-KBU600 Datasheet
138Kb / 3P
   Silicon Bridge Rectifiers
logo
Diotec Semiconductor
KBU6A DIOTEC-KBU6A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
KBU4A DIOTEC-KBU4A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
GBS4A DIOTEC-GBS4A_07 Datasheet
106Kb / 2P
   Silicon-Bridge-Rectifiers
GBU8A DIOTEC-GBU8A_07 Datasheet
112Kb / 2P
   Silicon-Bridge-Rectifiers
logo
Pan Jit International I...
KBP200 PANJIT-KBP200 Datasheet
79Kb / 2P
   SILICON BRIDGE RECTIFIERS
PB1000 PANJIT-PB1000 Datasheet
66Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com