Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE9000 Datasheet(PDF) 10 Page - Analog Devices

Part # ADE9000
Description  High Performance, Multiphase Energy Power Quality Monitoring IC
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9000 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADE9000 Datasheet HTML 6Page - Analog Devices ADE9000 Datasheet HTML 7Page - Analog Devices ADE9000 Datasheet HTML 8Page - Analog Devices ADE9000 Datasheet HTML 9Page - Analog Devices ADE9000 Datasheet HTML 10Page - Analog Devices ADE9000 Datasheet HTML 11Page - Analog Devices ADE9000 Datasheet HTML 12Page - Analog Devices ADE9000 Datasheet HTML 13Page - Analog Devices ADE9000 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 73 page
background image
Data Sheet
ADE9000
Rev. A | Page 9 of 72
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Rating
VDD to GND
−0.3 V to +3.96 V
Analog Input Voltage to GND, IAP, IAN, IBP,
IBN, ICP, ICN, VAP, VAN, VBP, VBN, VCP, VCN
−2 V to +2 V
Reference Input Voltage to REFGND
−0.3 V to +2 V
Digital Input Voltage to GND
−0.3 V to VDD + 0.3 V
Digital Output Voltage to GND
−0.3 V to VDD + 0.3 V
Operating Temperature
Industrial Range
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature
125°C
Lead Temperature (Soldering, 10 sec)1
260°C
ESD
Human Body Model2
4 kV
Machine Model3
300 V
Field Induced Charged Device Model
(FICDM) 4
1.25 kV
1
Analog Devices recommends that reflow profiles used in soldering RoHS
compliant devices conform to J-STD-020D.1 from JEDEC. Refer to JEDEC for
the latest revision of this standard.
2
Applicable standard: ANSI/ESDA/JEDEC JS-001-2014.
3
Applicable standard: JESD22-A115-A (ESD machine model standard of
JEDEC).
4
Applicable standard: JESD22-C101F (ESD FICDM standard of JEDEC).
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to
PCB thermal design is required.
θJA and θJC are specified for the worst case conditions, that is, a
device soldered in a circuit board for surface-mount packages.
Table 4. Thermal Resistance
Package Type
θJA
θJC
Unit
CP-40-71
27.14
3.13
°C/W
1
The junction to air measurement uses a 2S2P JEDEC test board with 4 × 4
standard JEDEC vias. The junction to case measurement uses a 1S0P JEDEC test
board with 4 × 4 standard JEDEC vias. See JEDEC standard JESD51-2.
ESD CAUTION


Similar Part No. - ADE9000

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADE9078 AD-ADE9078 Datasheet
2Mb / 108P
   High Performance
ADE9078ACPZ AD-ADE9078ACPZ Datasheet
2Mb / 108P
   High Performance
ADE9078ACPZ-RL AD-ADE9078ACPZ-RL Datasheet
2Mb / 108P
   High Performance
More results

Similar Description - ADE9000

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADE9430 AD-ADE9430 Datasheet
1Mb / 35P
   High Performance, Polyphase Energy, and Class S Power Quality Monitoring IC
Rev. 0
logo
Microchip Technology
MCP39F511 MICROCHIP-MCP39F511 Datasheet
1Mb / 62P
   Power-Monitoring IC with Calculation and Energy Accumulation
07/14/15
logo
Silicon Laboratories
EZR32WG-490MHZ SILABS-EZR32WG-490MHZ Datasheet
3Mb / 29P
   Advanced Energy Monitoring
EZR32WG-915MHZ SILABS-EZR32WG-915MHZ Datasheet
3Mb / 29P
   Advanced Energy Monitoring
logo
List of Unclassifed Man...
WM23-96AV53H ETC2-WM23-96AV53H Datasheet
458Kb / 10P
   Energy Management Modular Power Quality Analyzer
logo
Fujitsu Component Limit...
MB3793-45PF-G-BND FUJITSU-MB3793-45PF-G-BND Datasheet
143Kb / 18P
   Power Voltage Monitoring IC
logo
Integrated Device Techn...
90E32 IDT-90E32 Datasheet
877Kb / 71P
   Poly-Phase High-Performance Wide-Span Energy Metering IC
90E21 IDT-90E21 Datasheet
793Kb / 57P
   Single-Phase High-Performance Wide-Span Energy Metering IC
90E36 IDT-90E36 Datasheet
1,005Kb / 79P
   Poly-Phase High-Performance Wide-Span Energy Metering IC
logo
List of Unclassifed Man...
WM3-96 ETC2-WM3-96 Datasheet
317Kb / 13P
   Energy Management Modular Smart Power Quality Analyzer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com