Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADT75 Datasheet(PDF) 9 Page - Analog Devices

Part # ADT75
Description  12-Bit Digital Temperature Sensor
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT75 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADT75_17 Datasheet HTML 5Page - Analog Devices ADT75_17 Datasheet HTML 6Page - Analog Devices ADT75_17 Datasheet HTML 7Page - Analog Devices ADT75_17 Datasheet HTML 8Page - Analog Devices ADT75_17 Datasheet HTML 9Page - Analog Devices ADT75_17 Datasheet HTML 10Page - Analog Devices ADT75_17 Datasheet HTML 11Page - Analog Devices ADT75_17 Datasheet HTML 12Page - Analog Devices ADT75_17 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
ADT75
Data Sheet
Rev. B | Page 8 of 24
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
SDA
1
SCL
2
OS/ALERT
3
GND
4
VDD
8
A0
7
A1
6
A2
5
ADT75
TOP VIEW
(Not to Scale)
Figure 4. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
SDA
SMBus/I2C Serial Data Input/Output. Serial data that is loaded into and read from the ADT75 registers is provided
on this pin. Open-drain configuration; needs a pull-up resistor.
2
SCL
Serial Clock Input. This is the clock input for the serial port. The serial clock is used to clock in and clock out data to
and from any register of the ADT75. Open-drain configuration; needs a pull-up resistor.
3
OS/ALERT
Over- and Undertemperature Indicator. Default power as an OS pin. Open-drain configuration; needs a pull-up resistor.
4
GND
Analog and Digital Ground.
5
A2
SMBus/I2C Serial Bus Address Selection Pin. Logic input. Can be set to GND or V
DD.
6
A1
SMBus/I2C Serial Bus Address Selection Pin. Logic input. Can be set to GND or V
DD.
7
A0
SMBus/I2C Serial Bus Address Selection Pin. Logic input. Can be set to GND or V
DD.
8
V
DD
Positive Supply Voltage, 2.7 V to 5.5 V. Decouple the supply to ground.


Similar Part No. - ADT75_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT75 AD-ADT75_15 Datasheet
352Kb / 24P
   1C Accurate, 12-Bit Digital Temperature Sensor
Rev. B
More results

Similar Description - ADT75_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7408 AD-ADT7408_17 Datasheet
561Kb / 23P
   12-Bit Digital Temperature Sensor
ADT75 AD-ADT75_15 Datasheet
352Kb / 24P
   1C Accurate, 12-Bit Digital Temperature Sensor
Rev. B
ADT75 AD-ADT75 Datasheet
387Kb / 24P
   -1째C Accurate, 12-Bit Digital Temperature Sensor
REV. 0
ADT7408 AD-ADT7408_15 Datasheet
459Kb / 24P
   2C Accurate, 12-Bit Digital Temperature Sensor
Rev. 0
ADT7408 AD-ADT7408 Datasheet
459Kb / 24P
   -2 C Accurate, 12-Bit Digital Temperature Sensor
REV. 0
AD7417 AD-AD7417_15 Datasheet
396Kb / 24P
   10-Bit Digital Temperature Sensor
Rev. I
AD7416 AD-AD7416_15 Datasheet
396Kb / 24P
   10-Bit Digital Temperature Sensor
Rev. I
AD7418 AD-AD7418_15 Datasheet
396Kb / 24P
   10-Bit Digital Temperature Sensor
Rev. I
ADT7301 AD-ADT7301_17 Datasheet
319Kb / 17P
   13-Bit, Digital Temperature Sensor
AD7814 AD-AD7814_17 Datasheet
151Kb / 9P
   10-Bit Digital Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com